Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4146 Datasheet(PDF) 10 Page - Fairchild Semiconductor

Part # AN4146
Description  Design Guidelines for Quasi-Resonant Converters
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

AN4146 Datasheet(HTML) 10 Page - Fairchild Semiconductor

Back Button AN4146 Datasheet HTML 6Page - Fairchild Semiconductor AN4146 Datasheet HTML 7Page - Fairchild Semiconductor AN4146 Datasheet HTML 8Page - Fairchild Semiconductor AN4146 Datasheet HTML 9Page - Fairchild Semiconductor AN4146 Datasheet HTML 10Page - Fairchild Semiconductor AN4146 Datasheet HTML 11Page - Fairchild Semiconductor AN4146 Datasheet HTML 12Page - Fairchild Semiconductor AN4146 Datasheet HTML 13Page - Fairchild Semiconductor AN4146 Datasheet HTML 14Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
AN4146
APPLICATION NOTE
10
©2005 Fairchild Semiconductor Corporation
operation, the picture on signal is applied and the transistor
Q1 is turned on, which de-couples R3, Dz and D1 from the
feedback network. Thus, only Vo1 is regulated by the
feedback circuit in normal operation and is determined as
Figure 15 shows the standby mode operation waveforms. In
standby mode, the picture on signal is disabled and the
transistor Q1 is turned off, which couples R3, Dz and D1 to
the reference pin of KA431. If R3 is much smaller than R1,
Vo2 is dominant in the feedback loop. Before Vo2 drops to
Vo2
stby, the voltage on the reference pin of KA431 is higher
than 2.5V, which increases the current through the opto LED.
This pulls down the feedback voltage (VFB) of FPS and
forces to stop switching. Once FPS stops switching, Vo2
decrease, and when Vo2 reaches Vo2
stby, the current through
the opto LED decreases allowing the feedback voltage to
rise. When the feedback voltage reaches 0.4V, FPS resumes
switching
with
a
predetermined
peak
drain
current.
Assuming that the forward voltage drop of D1 is 0.5V, the
approximate output voltage for Vo2 in standby mode is given
by
where VZB is the zener breakdown voltage of Dz.
Figure 15. Burst Operation Waveforms
[STEP-14] Design the feedback control circuit.
Since FSCQ-series employs current mode control as shown
in Figure 16, the feedback loop can be easily implemented
with a one-pole and one-zero compensation circuit. The
current control factor of FPS, K is defined as
where Ipk is the peak drain current and VFB is the feedback
voltage for a given operating condition, ILIM is the current
limit of the FPS and VFBsat is the internal feedback saturation
voltage, which is typically 2.5V.
Figure 16. Control Block Diagram
For quasi-resonant flyback converter, the control-to-output
transfer function using current mode control is given by
where VDC is the DC input voltage, RL is the effective total
load resistance of the controlled output, which is defined as
Vo1
2/P
o , Np and Ns1 are specified in STEP-7, VRO is
specified in STEP-3, Vo1 is the reference output voltage, Po
is specified in STEP-1 and K is specified in equation (38).
The pole and zeros of equation (39) are defined as
where Lm is specified in equation (7), D is the duty cycle of
V
o1
2.5
R
1
R
2
+
R2
--------------------
⎝⎠
⎛⎞
=
(36)
V
02
stby
V
ZB
0.5
2.5
++
=
(37)
V
o2
V
o2
stby
V
FB
0.4V
Standby mode
Normal mode
I
ds
K
I
pk
V
FB
----------
I
LIM
V
FBsat
-----------------
=
=
(38)
.
ˆ
ˆ
1
o
FB
v
and
v
In order to express the small signal AC transfer functions,
the small signal variations of feedback voltage (v
FB) and
controlled output voltage (v
o1) are introduced as
v
o1
R
D
i
D
R
bias
R
1
R
2
i
bias
C
B
v
FB
CTR :1
FPS
v
bias
C
F
R
F
KA431
I
pk
MOSFET
current
R
B
G
vc
o1
FB
---------
=
KR
LVDC Np Ns1
()
22V
RO
v
DC
+
()
-----------------------------------------------------
1s
+w
z
() 1s
w
rz
()
1s
+w
p
----------------------------------------------------------
=39
()
w
z
1
R
c1Co1
--------------------, w
rz
R
L 1D
()
2
DL
m Ns1 Np
()
2
----------------------------------------- and w
p
1D
+
()
R
LCo1
-------------------
==
=


Similar Part No. - AN4146

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN4146 STMICROELECTRONICS-AN4146 Datasheet
3Mb / 30P
   STSmartVoice demonstration board STEVAL-MKI126Vx
More results

Similar Description - AN4146

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
AN-4150 FAIRCHILD-AN-4150 Datasheet
560Kb / 16P
   Design Guidelines for Flyback Converters
AN4134 FAIRCHILD-AN4134 Datasheet
305Kb / 14P
   Design Guidelines for Off-line Forward Converters
logo
Rohm
BM1Q0XXAFJ-LB ROHM-BM1Q0XXAFJ-LB Datasheet
1Mb / 42P
   Quasi-resonant DC/DC Converters
09.Feb.2023 Rev.001
logo
Fairchild Semiconductor
AN4149 FAIRCHILD-AN4149 Datasheet
312Kb / 19P
   Design Guidelines
AN4137 FAIRCHILD-AN4137 Datasheet
422Kb / 20P
   Design Guidelines
logo
ETA SOLUTIONS CO. LIMIT...
ETA8047 ETA-ETA8047 Datasheet
338Kb / 1P
   Green-Mode Quasi Resonant PWM Controller for Fly-Back Converters
logo
List of Unclassifed Man...
FA5530 ETC2-FA5530 Datasheet
256Kb / 4P
   Quasi-Resonant IC
logo
Infineon Technologies A...
ICE2QR2280G-1 INFINEON-ICE2QR2280G-1 Datasheet
1Mb / 27P
   Quasi resonant operation
V2.2 2014-07-10
ICE5QSAG INFINEON-ICE5QSAG Datasheet
1Mb / 27P
   Quasi-Resonant Controller
V 2.1 2020-02-03
logo
Monolithic Power System...
HFC0100 MPS-HFC0100 Datasheet
290Kb / 15P
   QUASI RESONANT CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com