Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN-5017 Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # AN-5017
Description  LVDS Fundamentals
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

AN-5017 Datasheet(HTML) 5 Page - Fairchild Semiconductor

  AN-5017 Datasheet HTML 1Page - Fairchild Semiconductor AN-5017 Datasheet HTML 2Page - Fairchild Semiconductor AN-5017 Datasheet HTML 3Page - Fairchild Semiconductor AN-5017 Datasheet HTML 4Page - Fairchild Semiconductor AN-5017 Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
5
www.fairchildsemi.com
Multi-Point Configuration
Although LVDS, as defined in the RS644 standard, does
not have the dynamic current drive to support a multi-point
bus system, there is a high drive LVDS available which has
a higher drive compared to the 3.5 mA drive of standard
LVDS. Fairchild Semiconductor works on a committee that
is addressing a new specification for high drive LVDS, or
M-LVDS (Multi-point Low Voltage Differential Signaling).
In a multi-point system, the driver can be located at any
point along the bus. For this reason, much like the multi-
drop center driven bus previously discussed, a termination
resistor is required at each end of the bus. This also means
that the driver sees the two resistors in parallel and must
supply twice the current to the bus. The 11 mA dynamic
drive is provided on the high drive version of LVDS to
address a multi-point configuration. Figure 9 gives a typical
example of a multi-point system.
FIGURE 9. Multi-Point Configuration
Conclusion
Demands for throughputs are growing exponentially and
are now exceeding several gigabits per second. Transmis-
sion of data across long media lengths demands high
speed, low noise solutions. System designers are also
always conscious of achieving high throughput while still
conserving power. LVDS, with its low swing, differential,
current driver solution, will continue to solve throughput
requirements for future generations of systems.
Fairchild does not assume any responsibility for use of any circuitry described, no circuit patent licenses are implied and
Fairchild reserves the right at any time without notice to change said circuitry and specifications.
LIFE SUPPORT POLICY
FAIRCHILD’S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT
DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF THE PRESIDENT OF FAIRCHILD
SEMICONDUCTOR CORPORATION. As used herein:
1. Life support devices or systems are devices or systems
which, (a) are intended for surgical implant into the
body, or (b) support or sustain life, and (c) whose failure
to perform when properly used in accordance with
instructions for use provided in the labeling, can be rea-
sonably expected to result in a significant injury to the
user.
2. A critical component in any component of a life support
device or system whose failure to perform can be rea-
sonably expected to cause the failure of the life support
device or system, or to affect its safety or effectiveness.
www.fairchildsemi.com


Similar Part No. - AN-5017

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
AN-5010 FAIRCHILD-AN-5010 Datasheet
220Kb / 10P
   IEEE 1284 Interface Design Solutions
AN-5015 FAIRCHILD-AN-5015 Datasheet
204Kb / 6P
   Transceiver and Specification Compliance
AN-5019 FAIRCHILD-AN-5019 Datasheet
105Kb / 2P
   Calculating Driver/Receiver Power
More results

Similar Description - AN-5017

ManufacturerPart #DatasheetDescription
logo
Analog Devices
MT-019 AD-MT-019 Datasheet
351Kb / 14P
   DAC Interface Fundamentals
Rev.A, 10/08, WK
logo
Tyco Electronics
0603SFP100F MACOM-0603SFP100F Datasheet
965Kb / 28P
   Surface-mount Fuses Fundamentals
E63843-000 MACOM-E63843-000 Datasheet
2Mb / 28P
   Surface-mount Fuses Fundamentals
1206SFF500F32-2 MACOM-1206SFF500F32-2 Datasheet
965Kb / 28P
   Surface-mount Fuses Fundamentals
logo
Motorola, Inc
AN535 MOTOROLA-AN535 Datasheet
341Kb / 12P
   PHASE LOCKED LOOP DESIGN FUNDAMENTALS
logo
Fairchild Semiconductor
AN-3005 FAIRCHILD-AN-3005 Datasheet
286Kb / 2P
   Design Fundamentals for Phototransistor Circuits
logo
Analog Devices
MT-085 AD-MT-085 Datasheet
179Kb / 9P
   Fundamentals of Direct Digital Synthesis (DDS)
Rev.0, 10/08, WK
MT-086 AD-MT-086 Datasheet
413Kb / 10P
   Fundamentals of Phase Locked Loops (PLLs)
Rev.0, 10/08, WK
logo
M/A-COM Technology Solu...
AN3001 MA-COM-AN3001 Datasheet
161Kb / 7P
   PIN diode Vector Modulators - Fundamentals and Drive Requirements
logo
National Semiconductor ...
DS90LV001 NSC-DS90LV001 Datasheet
396Kb / 13P
   3.3V LVDS-LVDS Buffer
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com