Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FAN6747 Datasheet(PDF) 11 Page - Fairchild Semiconductor

Part # FAN6747
Description  Control a Flyback Power Supply with Peak Current Output
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN6747 Datasheet(HTML) 11 Page - Fairchild Semiconductor

Back Button FAN6747 Datasheet HTML 4Page - Fairchild Semiconductor FAN6747 Datasheet HTML 5Page - Fairchild Semiconductor FAN6747 Datasheet HTML 6Page - Fairchild Semiconductor FAN6747 Datasheet HTML 7Page - Fairchild Semiconductor FAN6747 Datasheet HTML 8Page - Fairchild Semiconductor FAN6747 Datasheet HTML 9Page - Fairchild Semiconductor FAN6747 Datasheet HTML 10Page - Fairchild Semiconductor FAN6747 Datasheet HTML 11Page - Fairchild Semiconductor FAN6747 Datasheet HTML 12Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
AN-6747
APPLICATION NOTE
© 2010 Fairchild Semiconductor Corporation
www.fairchildsemi.com
Rev. 1.0.1 • 9/16/10
11
Transformer Specification
Figure 15.
Transformer Specification
Winding Specification
Pin
Diameter / Thickness
Turns
N1
5
3
0.45mm
30
Insulation Tape
3
Shielding Lead to Pin 4
65
Insulation Tape
3
N2
JP3
9
0.55mm
20
Insulation Tape
3
Shielding Lead to Pin 4
65
Insulation Tape
3
N3
3
4
0.45mm
30
Insulation Tape
6
N4
1
2
0.2mm
9
Insulation Tape
3
Core: EF25/13/11 (Ae=78 mm2)
Bobbin: EF25/13/11
Inductance: 508
μH
5
2
Bottom View
N4
1
9
6
10
1
5
N3
N1
3
4
JP3(fly line)
N2


Similar Part No. - FAN6747

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN6747 FAIRCHILD-FAN6747 Datasheet
796Kb / 15P
   Highly Integrated Green-Mode PWM Controller
FAN6747LMY FAIRCHILD-FAN6747LMY Datasheet
796Kb / 15P
   Highly Integrated Green-Mode PWM Controller
More results

Similar Description - FAN6747

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
AN-6846 FAIRCHILD-AN-6846 Datasheet
343Kb / 8P
   Control a Flyback Power Supply with Surge Current Output
AN-6861 FAIRCHILD-AN-6861 Datasheet
468Kb / 12P
   a Flyback Power Supply with Peak Load Current Profile
AN-6858 FAIRCHILD-AN-6858 Datasheet
256Kb / 7P
   Control a Flyback Power Supply
AN-6741 FAIRCHILD-AN-6741 Datasheet
307Kb / 8P
   Flyback Power Supply Control
AN-6756 FAIRCHILD-AN-6756 Datasheet
575Kb / 13P
   Applying FAN6756 to Control a Flyback Power Supply
AN-6902 FAIRCHILD-AN-6902 Datasheet
545Kb / 12P
   Control a CCM PFC and Flyback/PWM Power Supply
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-315J-500E AVAGO-HCPL-315J-500E Datasheet
242Kb / 21P
   0.6A maximum peak output current 0.5 A minimum peak output current
ACPL-36JV-000E AVAGO-ACPL-36JV-000E Datasheet
623Kb / 33P
   2.5 A maximum peak output current
ACPL-38JT AVAGO-ACPL-38JT Datasheet
561Kb / 33P
   2.5 A maximum peak output current
ACPL-312U-000E AVAGO-ACPL-312U-000E Datasheet
479Kb / 17P
   2.0 A minimum peak output current
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com