Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FQP13N50C Datasheet(PDF) 6 Page - Fairchild Semiconductor

Part # FQP13N50C
Description  Power Factor Correction Converter Design
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FQP13N50C Datasheet(HTML) 6 Page - Fairchild Semiconductor

Back Button FQP13N50C Datasheet HTML 2Page - Fairchild Semiconductor FQP13N50C Datasheet HTML 3Page - Fairchild Semiconductor FQP13N50C Datasheet HTML 4Page - Fairchild Semiconductor FQP13N50C Datasheet HTML 5Page - Fairchild Semiconductor FQP13N50C Datasheet HTML 6Page - Fairchild Semiconductor FQP13N50C Datasheet HTML 7Page - Fairchild Semiconductor FQP13N50C Datasheet HTML 8Page - Fairchild Semiconductor FQP13N50C Datasheet HTML 9Page - Fairchild Semiconductor FQP13N50C Datasheet HTML 10Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
AN-6982
APPLICATION NOTE
© 2010 Fairchild Semiconductor Corporation
www.fairchildsemi.com
Rev. 1.0.0 • 6/8/10
6
Design Considerations
In this section, a design procedure is presented using the
schematic in Figure 13 as reference. A 350W PFC power
supply application with universal input range is selected as a
design example. The design specifications are summarized in
Table 1.
Table 1. Design Specifications
Brownout Protection Line Voltage
72VAC
Line Voltage Range
85~264VAC
AC Input Voltage Frequency
fline = 50 ~ 60Hz
Nominal PFC output voltage
VBOUT = 387V
Minimum PFC Output Voltage During Holdup Time
310V
Hold-up Time
tHLD = 20ms
Rated Output Power
POUT = 350W
Efficiency
η = 0.94
Switching Frequency
fSW = 65KHz
PFC Inductor Ripple Current
Maximum ∆IL is 50% of Average Inductor Current at
Full Load
PFC Output Voltage Ripple
12VPP
IEA
RT/CT
RDY
EN
VRMS
ISENSE
IAC
SGND
OPFC
PGND
VDD
VREF
FBPFC
VEA
FAN6982
Range Enabled/Disabled
VEN =VVREF : Enabled
VEN = GND : Disabled
AC Input
F1
CIF2
LBOOST
DBOOST
CBOOST
Q1
RCS
RRMS1
RRMS2
RRMS3
CRMS1
CRMS2
RLF
CLF
RIAC
RIC
CIC1
CIC2
D1 D2
RDRV
RPL
CDD
RFB2 CFB
RFB1
RVC
CVC1
CVC2
RT
CT
CREF
REN
CRDY
vCC
VBOUT
Downstream
DC/DC Converter
PWM Controller
Q2
Rreg1
Rreg2
Rreg3
VOUT
From Standby Auxiliary Power Supply
CIF1
Figure 13. Reference Circuit for Design Example


Similar Part No. - FQP13N50C

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQP13N50C FAIRCHILD-FQP13N50C Datasheet
873Kb / 10P
   500V N-Channel MOSFET
FQP13N50C FAIRCHILD-FQP13N50C Datasheet
620Kb / 17P
   PFCPWM Combination Controller
FQP13N50C FAIRCHILD-FQP13N50C Datasheet
927Kb / 10P
   500V N-Channel MOSFET
FQP13N50C FAIRCHILD-FQP13N50C Datasheet
927Kb / 10P
   500V N-Channel MOSFET
FQP13N50C FAIRCHILD-FQP13N50C Datasheet
1Mb / 10P
   500V N-Channel MOSFET
More results

Similar Description - FQP13N50C

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
AN4107 FAIRCHILD-AN4107 Datasheet
491Kb / 14P
   Design of Power Factor Correction
AN-6026 FAIRCHILD-AN-6026 Datasheet
352Kb / 23P
   Design of Power Factor Correction Circuit
AN4121 FAIRCHILD-AN4121 Datasheet
130Kb / 22P
   Design of Power Factor Correction Circuit
AN-6027 FAIRCHILD-AN-6027 Datasheet
422Kb / 16P
   Design of Power Factor Correction Circuit
logo
Emerson Network Power
LPT80 EMERSON-NETWORKPOWER-LPT80 Datasheet
281Kb / 3P
   Power Factor Correction
logo
EPCOS
B25667B4287A375 EPCOS-B25667B4287A375 Datasheet
136Kb / 3P
   Power Factor Correction
B25667B4497A375 EPCOS-B25667B4497A375 Datasheet
125Kb / 3P
   Power Factor Correction
B25667B5197A375 EPCOS-B25667B5197A375 Datasheet
100Kb / 3P
   Power Factor Correction
B25667B5217A175 EPCOS-B25667B5217A175 Datasheet
131Kb / 3P
   Power Factor Correction
B25667B3497A375 EPCOS-B25667B3497A375_05 Datasheet
103Kb / 3P
   Power Factor Correction
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com