Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN-8006 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # AN-8006
Description  Capacitor Selection for the FMS6410B S-Video Filter
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

AN-8006 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  AN-8006 Datasheet HTML 1Page - Fairchild Semiconductor AN-8006 Datasheet HTML 2Page - Fairchild Semiconductor AN-8006 Datasheet HTML 3Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
AN-8006 Rev. 1.0
1
www.fairchildsemi.com
©2005 Fairchild Semiconductor Corporation
December 2005
AN-8006
Capacitor Selection for the FMS6410B S-Video Filter
Method
The FMS6410B requires 0.1µF input coupling capacitors, but
may be AC or DC coupled out. Finding video quality — i.e., low
ESR, equivalent series resistance, low inductance, low leakage,
and constant capacitance over a frequency range from 20Hz to
6MHz — 0.1µF capacitors presents no problem. Surface mount
capacitors meeting these requirements are both inexpensive
and plentiful.
The FMS6410B, when AC coupled out, also requires four
220µF output coupling capacitors if all outputs are to be used.
See Figure 1. However, some users may use values up to 1000µF
to pass “TILT” specifications in the two-field test. In the past,
when wideband signals such as video needed coupling capacitors
in the hundreds of µF’s, tantalums were the only choice.
This presents a problem. The FMS6410B was designed for low-
cost applications. In the quantities needed, the cost of the tantalums
is greater than the cost of the filter and the other associated
components. There is a solution: modern, surface mount, aluminum
electrolytic capacitors designed for use in high-frequency
switching power supplies have all the necessary qualities. For a
given capacitance and voltage rating these electrolytics are
about the same size as the tantalums. They also have low
equivalent series resistance, low inductance, and low leakage.
Since they are intended for use as bypass capacitors in switching
power supplies operating up to 1MHz, they have an adequate
frequency response as video coupling capacitors.
Several types from several manufacturers have been investi-
gated. Some 220µF surface mount aluminum electrolytic capac-
itors from Cornell Dubilier, Elna, and United Chemi-Con were
indistinguishable from highquality, high-cost tantalums, as can
be seen by comparing Figures 2 and 4 with Figures 3 and 5. It
should be pointed out that these are not the only suppliers of
usable capacitors. Any physically small, surface mount, 220µF,
6V to 10V, aluminum electrolytic capacitor with ESR less than
1
Ω at 6MHz and with less than 2% capacitance change from
20Hz to 6MHz is a candidate for use in FMS6410B circuits.
Many capacitors meet these requirements. With the right capacitors,
their cost is no barrier to using the FMS6410B.
220µF
220µF
1µF
0.1µF
220µF
0.1µF
0.1µF
220µF
Video Cables
75
Ω
75
Ω
75
Ω
C*
R*
75
Ω
75
Ω
75
Ω
75
Ω
75
Ω
FMS6410B
YOUT
CVOUT
CVOUT
On-Channel
Modulator,
VCR, and TV
COUT
YIN
CIN
5V
Σ
+
+
5th-Order
Filter
5th-Order
Filter
1
4
8
5
3
7
2
6
* C and R depend on the input impedance of load
Figure 1. AC Coupled S-Video and Composite Video Line Driver for NTSC


Similar Part No. - AN-8006

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
AN-8019 FAIRCHILD-AN-8019 Datasheet
309Kb / 5P
   Reliable USB Modem Design Using the Combination of an Integrated Load Switch and a Buck Converter
AN-8021 FAIRCHILD-AN-8021 Datasheet
360Kb / 13P
   Building Variable Output Voltage Boost PFC Converters
AN-8023 FAIRCHILD-AN-8023 Datasheet
363Kb / 6P
   Negative Voltage Management
AN-8024 FAIRCHILD-AN-8024 Datasheet
488Kb / 10P
   Power Switch (FPSTM) FSBH-series to Standby Auxiliary Power Supply
AN-8027 FAIRCHILD-AN-8027 Datasheet
620Kb / 17P
   PFCPWM Combination Controller
More results

Similar Description - AN-8006

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
ABR-42018 FAIRCHILD-ABR-42018 Datasheet
60Kb / 2P
   Capacitor Selection for the ML6428-1 S-Video Filter
logo
SMSC Corporation
AN108 SMSC-AN108 Datasheet
358Kb / 4P
   capacitor Selection for Internal Regulator Output Pins
logo
STMicroelectronics
AN2966 STMICROELECTRONICS-AN2966 Datasheet
171Kb / 8P
   Capacitor selection guide for STM8T141 capacitive sensor
logo
Silicon Laboratories
AN768 SILABS-AN768 Datasheet
647Kb / 15P
   ANTENNA SELECTION GUIDE FOR THE 868 MHZ
logo
STMicroelectronics
STEVAL-CCA005V1 STMICROELECTRONICS-STEVAL-CCA005V1 Datasheet
98Kb / 4P
   Evaluation board for the TSH173 triple video buffer with filter
logo
FCI connector
59453-041110EDHLF FCI-CONNECTOR-59453-041110EDHLF Datasheet
2Mb / 22P
   Selection of connectors for the Non-Automotive Transportation Market
logo
STMicroelectronics
AN4310 STMICROELECTRONICS-AN4310 Datasheet
181Kb / 8P
   Sampling capacitor selection guide for MCU based touch sensing applications
logo
Advanced Crystal Techno...
ACTK6046D ACT-ACTK6046D Datasheet
102Kb / 3P
   IF Filter for Video Applications
SEPT 04
logo
EPCOS
M3951M EPCOS-M3951M Datasheet
85Kb / 6P
   IF Filter for Video Applications
M3953M EPCOS-M3953M Datasheet
86Kb / 6P
   IF Filter for Video Applications
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com