Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FMM60-02TF Datasheet(PDF) 2 Page - IXYS Corporation

Part # FMM60-02TF
Description  Trench Gate HiperFET N-Channel Power MOSFET
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

FMM60-02TF Datasheet(HTML) 2 Page - IXYS Corporation

  FMM60-02TF Datasheet HTML 1Page - IXYS Corporation FMM60-02TF Datasheet HTML 2Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
IXYS reserves the right to change limits, test conditions, and dimensions.
FMM60-02TF
ISOPLUS i4-PakTM Outline
Ref: IXYS CO 0077 R0
IXYS MOSFETs and IGBTs are covered
4,835,592
4,931,844
5,049,961
5,237,481
6,162,665
6,404,065 B1
6,683,344
6,727,585
7,005,734 B2
7,157,338B2
by one or more of the following U.S. patents: 4,850,072
5,017,508
5,063,307
5,381,025
6,259,123 B1
6,534,343
6,710,405 B2 6,759,692
7,063,975 B2
4,881,106
5,034,796
5,187,117
5,486,715
6,306,728 B1
6,583,505
6,710,463
6,771,478 B2 7,071,537
Symbol
Test Conditions2
Characteristic Values
(T
J = 25°C unless otherwise specified)
Min.
Typ.
Max.
BV
DSS
V
GS = 0V, ID = 250μA
200
V
V
GS(th)
V
DS = VGS, ID = 250μA
2.5
4.5
V
I
GSS
V
GS = ±20 V, VDS = 0V
± 200 nA
I
DSS
V
DS = VDSS
5
μA
V
GS = 0V
T
J = 125°C
250
μA
R
DS(on)
V
GS = 10V, ID = 30A, Note 1
32
40 m
Ω
g
fs
V
DS = 10V, ID = 60A, Note 1
40
62
S
C
iss
3700
pF
C
oss
V
GS = 0V, VDS = 25 V, f = 1 MHz
520
pF
C
rss
37
pF
t
d(on)
Resistive Switching Times
39
ns
t
r
V
GS = 10V, VDS = 0.5
V
DSS, ID = 30A
46
ns
t
d(off)
R
G = 5Ω (External)
75
ns
t
f
42
ns
Q
g(on)
90
nC
Q
gs
V
GS= 10V, VDS = 0.5
V
DSS, ID = 30A
33
nC
Q
gd
21
nC
R
thJC
1.0
°C/W
R
thCS
0.15
°C/W
Source-Drain Diode
Characteristic Values
T
J = 25°C unless otherwise specified)
Symbol
Test Conditions3
Min.
Typ.
Max.
I
S
V
GS = 0V
33
A
I
SM
Repetitive, pulse width limited by T
JM
150
A
V
SD
I
F = 60A, VGS = 0V, Note 1
1.5
V
t
rr
82
ns
I
RM
15.3
A
Q
RM
0.63
μC
Note 1: Pulse test, t
≤ 300μs, duty cycle, d ≤ 2 %.
ADVANCE TECHNICAL INFORMATION
The product presented herein is under development. The Technical Specifications offered are
derived from a subjective evaluation of the design, based upon prior knowledge and experience,
and constitute a "considered reflection" of the anticipated objective result. IXYS reserves the right
to change limits, test conditions, and dimensions without notice.
I
F = 25A, -di/dt = 100A/μs
V
R = 100V, VGS = 0V


Similar Part No. - FMM60-02TF

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
FMM65-015P IXYS-FMM65-015P Datasheet
30Kb / 2P
   Trench Power MOSFET
logo
Fairchild Semiconductor
FMM6G30US60 FAIRCHILD-FMM6G30US60 Datasheet
972Kb / 9P
   Compact & Complex Module
FMM6G50US60 FAIRCHILD-FMM6G50US60 Datasheet
986Kb / 9P
   Compact & Complex Module
More results

Similar Description - FMM60-02TF

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
FMM50-025TF IXYS-FMM50-025TF Datasheet
101Kb / 2P
   Trench Gate HiperFET N-Channel Power MOSFET
IXFA102N15T IXYS-IXFA102N15T Datasheet
224Kb / 6P
   Trench Gate Power MOSFET HiperFET
IXFV110N25T IXYS-IXFV110N25T Datasheet
191Kb / 5P
   Trench Gate Power HiperFET
IXFH86N30T IXYS-IXFH86N30T Datasheet
182Kb / 6P
   Trench HiperFET Power MOSFET
IXFH230N10T IXYS-IXFH230N10T Datasheet
171Kb / 6P
   Trench HiperFET Power MOSFET
logo
Solid States Devices, I...
FT0021 SSDI-FT0021_15 Datasheet
43Kb / 2P
   N-Channel Trench Gate MOSFET
FT0020 SSDI-FT0020 Datasheet
43Kb / 2P
   N-Channel Trench Gate MOSFET
FT0021 SSDI-FT0021 Datasheet
43Kb / 2P
   N-Channel Trench Gate MOSFET
FT0018 SSDI-FT0018_15 Datasheet
43Kb / 2P
   N-Channel Trench Gate MOSFET
FT0018 SSDI-FT0018 Datasheet
43Kb / 2P
   N-Channel Trench Gate MOSFET
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com