Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDP18N50 Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # FDP18N50
Description  PFCPWM Combination Controller
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDP18N50 Datasheet(HTML) 5 Page - Fairchild Semiconductor

  FDP18N50 Datasheet HTML 1Page - Fairchild Semiconductor FDP18N50 Datasheet HTML 2Page - Fairchild Semiconductor FDP18N50 Datasheet HTML 3Page - Fairchild Semiconductor FDP18N50 Datasheet HTML 4Page - Fairchild Semiconductor FDP18N50 Datasheet HTML 5Page - Fairchild Semiconductor FDP18N50 Datasheet HTML 6Page - Fairchild Semiconductor FDP18N50 Datasheet HTML 7Page - Fairchild Semiconductor FDP18N50 Datasheet HTML 8Page - Fairchild Semiconductor FDP18N50 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
AN-8027
© 2009 Fairchild Semiconductor Corporation
www.fairchildsemi.com
Rev. 1.0.0 • 8/26/09
5
Design Considerations
In this section, a design procedure is presented using the
schematic in Figure 11 as reference. A 300W PC power
supply application with universal input range is selected as
a design example. The design specifications are
summarized in 0. The two-switch forward converter is used
for DC/DC converter stage.
Design Specifications
Rated Voltage of Output 1
VOUT1 = 5V
PWM Stage Efficiency
ηPWM = 0.86
Rated Current of Output 1
IOUT1 = 9A
Hold-up Time
tHLD = 20ms
Rated Voltage of Output 2
Vout2 = 12V
Minimum PFC Output Voltage
310V
Rated Current of Output 2
IOUT2 = 16.5A
Nominal PFC output voltage
VO_PFC = 387V
Rated Voltage of Output 3
VOUT3 = -12V
PFC Output Voltage Ripple
12VPP
Rated Current of Output 3
IOUT3 = 0.8A
PFC Inductor Ripple Current
dI = 40%
Rated Voltage of Output 4
VOUT4 = 3.3V
AC Input Voltage Frequency
fline = 50 ~ 60Hz
Rated Current of Output 4
IOUT4 = 13.5A
Switching Frequency
fS = 65KHz
Rated Output Power
PO = 300W
Total Harmonic Distortion
α = 4%
Line Voltage Range
85~264VAC
Magnetic Flux Density
ΔB = 0.27T
Line Frequency
50Hz
Current Density
Dcma = 400C-m/A
Brownout Protection Line Voltage
72VAC
PWM Maximum Duty Cycle
Dmax = 0.35
Overall Stage Efficiency
η = 0.82
5V Output Current Ripple
ILo1 = 44%
12V Output Current Ripple
ILo2 = 10%
D
BOOST
L BOOST
Q1
C
BOOST
R
CS1
C
IF1
F1
IEA
RAMP
RT/CT
FBPWM
SS
VRMS
ISENSE
IAC
ILIMIT
GND
OPWM
OPFC
VD
D
VREF
FBPFC
VEA
R
FB2
RFB1
Q2
Q3
D
R1
L 1
1
L 2
1
C
O11
L 1
2
L22
V
o1
V
o2
V D
D
AC
Input
RRAMP
FAN480X
Drv
R IAC
Drv
Drv
C
O12
C
O21
C
O22
D
F1
D
F2
D
R2
V
BOUT
C
FB
C
REF
C
DD
C
LF2
R
LF2
R
CS2
D
R1
D
R2
R
RMS2
C
RMS1
C
RMS2
C
LF1
C
SS
C
T
C
RAMP
R
T
R
IC
C
IC1
C
IC2
D1
D2
R
RMS1
R
RMS3
R
B
C
VC2
C
VC1
R
VC
C
B
V
o1
V
o2
R
D
R
BIAS
R
OS1
R
OS2
R
OS3
R
F
C
F
R
LF1
V
o3
V
o4
Figure 11. Reference Circuit for Design Example


Similar Part No. - FDP18N50

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDP18N50 FAIRCHILD-FDP18N50 Datasheet
1Mb / 10P
   500V N-Channel MOSFET
FDP18N50 FAIRCHILD-FDP18N50 Datasheet
682Kb / 15P
   Power Factor Correction Converter Design
logo
ON Semiconductor
FDP18N50 ONSEMI-FDP18N50 Datasheet
1Mb / 11P
   N-Channel UniFETTM MOSFET 500 V, 18 A, 265 mΩ
November-2017, Rev 3
logo
Inchange Semiconductor ...
FDP18N50 ISC-FDP18N50 Datasheet
332Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Fairchild Semiconductor
FDP18N50_0704 FAIRCHILD-FDP18N50_0704 Datasheet
448Kb / 10P
   500V N-Channel MOSFET
More results

Similar Description - FDP18N50

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN4800AU FAIRCHILD-FAN4800AU Datasheet
987Kb / 20P
   PFC/ PWM Controller Combination
FAN4800A FAIRCHILD-FAN4800A_09 Datasheet
647Kb / 24P
   PFC/PWM Controller Combination
FAN4800AS FAIRCHILD-FAN4800AS Datasheet
583Kb / 19P
   PFC/PWM Controller Combination
FAN4800AUN FAIRCHILD-FAN4800AUN Datasheet
987Kb / 20P
   PFC/ PWM Controller Combination
FAN4800A FAIRCHILD-FAN4800A Datasheet
659Kb / 24P
   PFC/PWM Controller Combination
FAN3988IL6X-F113 FAIRCHILD-FAN3988IL6X-F113 Datasheet
992Kb / 21P
   PFC/ PWM Controller Combination
logo
Texas Instruments
UCC28500-12 TI1-UCC28500-12 Datasheet
914Kb / 35P
[Old version datasheet]   BiCMOS PFC/PWM COMBINATION CONTROLLER
UCC28521 TI1-UCC28521_16 Datasheet
790Kb / 34P
[Old version datasheet]   ADVANCED PFC/PWM COMBINATION CONTROLLER
UCC28500 TI-UCC28500 Datasheet
571Kb / 31P
[Old version datasheet]   BICMOS PFC/PWM COMBINATION CONTROLLER
UCC18500 TI-UCC18500 Datasheet
91Kb / 8P
[Old version datasheet]   BiCMOS PFC/PWM Combination Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com