Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FFPF10H60S Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # FFPF10H60S
Description  Power Factor Correction Converter Design
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FFPF10H60S Datasheet(HTML) 3 Page - Fairchild Semiconductor

  FFPF10H60S Datasheet HTML 1Page - Fairchild Semiconductor FFPF10H60S Datasheet HTML 2Page - Fairchild Semiconductor FFPF10H60S Datasheet HTML 3Page - Fairchild Semiconductor FFPF10H60S Datasheet HTML 4Page - Fairchild Semiconductor FFPF10H60S Datasheet HTML 5Page - Fairchild Semiconductor FFPF10H60S Datasheet HTML 6Page - Fairchild Semiconductor FFPF10H60S Datasheet HTML 7Page - Fairchild Semiconductor FFPF10H60S Datasheet HTML 8Page - Fairchild Semiconductor FFPF10H60S Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
AN-6982
APPLICATION NOTE
© 2010 Fairchild Semiconductor Corporation
www.fairchildsemi.com
Rev. 1.0.0 • 6/8/10
3
IREF
IAC
IIN
VEAO
VBOUT
BW<<Twice Line Frequency
IREF
IAC
IIN
VEAO
VBOUT
BW
Twice Line Frequency
Figure 5. Control Bandwidth and Inductor Current
Line Feed-Forward
Since rectified line voltage provides the sinusoidal
reference for the input current shaping of the current-
control loop, the increase of the line voltage causes
increase of input current. However, from an input and
output power balance point of view, input current should
be reduced when input voltage increases to keep input
power same. When the error amplifier has adequate
bandwidth, as in most DC-DC applications, it is able to
maintain regulation within a tolerable output voltage range
during input voltage changes. However, for PFC
applications,
some
severe
output
voltage
overshoot/undershoot is unavoidable during line transient
due to the narrow bandwidth of output regulation control
loop.
One measure to address this issue is line feed-forward,
which changes the gain of the gain modulator as inversely
proportional to the RMS value of line voltage, as shown in
Figure 6. This negates the effect of input voltage variations
on the output voltage and eliminates the need for any
correction by the error amplifier, as shown in Figure 7.
The second benefit of line feed-forward is that the output
of the error amplifier becomes directly proportional to the
input power of the converter, independently of line voltage
variation. This makes the control-to-output transfer
function independent of line voltage and simplifies control
loop design.
V
RMS
V
RMS-UVP
2
1
RMS
G
V
Figure 6. Modulation Gain Characteristics
IREF
IAC
IIN
VEAO
Figure 7. Effect of Line Feed-Forward
Line Voltage Sensing
Since FAN6982 uses line voltage information for line feed-
forward and brownout protection, the RMS value of line
voltage should be sensed. To sense the RMS value of the
line voltage, an averaging circuit with two poles is
typically employed, as shown in Figure 3. The voltage of
VRMS pin in normal PFC operation is given as:
3
12
3
2
2
π
=
++
RMS
RMS
LINE
RMS
RMS
RMS
R
VV
RR
R
(3)
where VLINE is RMS value of line voltage.
Once PFC stops switching operation, the junction
capacitance of bridge diode and input bypass capacitor are
not discharged and VIN of Figure 3 is clamped at the peak
of the line voltage as illustrated in Figure 8. Then, the
voltage of VRMS pin is given by:
3
12
3
2
NS
RMS
RMS
LINE
RMS
RMS
RMS
R
VV
RR
R
=
++
(4)
Therefore, the voltage divider for VRMS should be
designed considering the brownout protection trip point
and PFC startup threshold (1.05V/1.9V).


Similar Part No. - FFPF10H60S

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FFPF10H60S FAIRCHILD-FFPF10H60S Datasheet
164Kb / 5P
   Hyperfast Recovery Power Rectifier
FFPF10H60S FAIRCHILD-FFPF10H60S Datasheet
130Kb / 5P
   Hyperfast 2 Rectifier
FFPF10H60S FAIRCHILD-FFPF10H60S Datasheet
620Kb / 17P
   PFCPWM Combination Controller
FFPF10H60STU FAIRCHILD-FFPF10H60STU Datasheet
164Kb / 5P
   Hyperfast Recovery Power Rectifier
FFPF10H60STU FAIRCHILD-FFPF10H60STU Datasheet
130Kb / 5P
   Hyperfast 2 Rectifier
More results

Similar Description - FFPF10H60S

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
AN4107 FAIRCHILD-AN4107 Datasheet
491Kb / 14P
   Design of Power Factor Correction
AN-6026 FAIRCHILD-AN-6026 Datasheet
352Kb / 23P
   Design of Power Factor Correction Circuit
AN4121 FAIRCHILD-AN4121 Datasheet
130Kb / 22P
   Design of Power Factor Correction Circuit
AN-6027 FAIRCHILD-AN-6027 Datasheet
422Kb / 16P
   Design of Power Factor Correction Circuit
logo
Emerson Network Power
LPT80 EMERSON-NETWORKPOWER-LPT80 Datasheet
281Kb / 3P
   Power Factor Correction
logo
EPCOS
B25667B4287A375 EPCOS-B25667B4287A375 Datasheet
136Kb / 3P
   Power Factor Correction
B25667B4497A375 EPCOS-B25667B4497A375 Datasheet
125Kb / 3P
   Power Factor Correction
B25667B5197A375 EPCOS-B25667B5197A375 Datasheet
100Kb / 3P
   Power Factor Correction
B25667B5217A175 EPCOS-B25667B5217A175 Datasheet
131Kb / 3P
   Power Factor Correction
B25667B3497A375 EPCOS-B25667B3497A375_05 Datasheet
103Kb / 3P
   Power Factor Correction
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com