Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDPF20N50T Datasheet(PDF) 10 Page - Fairchild Semiconductor

Part # FDPF20N50T
Description  PFCPWM Combination Controller
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDPF20N50T Datasheet(HTML) 10 Page - Fairchild Semiconductor

Back Button FDPF20N50T Datasheet HTML 6Page - Fairchild Semiconductor FDPF20N50T Datasheet HTML 7Page - Fairchild Semiconductor FDPF20N50T Datasheet HTML 8Page - Fairchild Semiconductor FDPF20N50T Datasheet HTML 9Page - Fairchild Semiconductor FDPF20N50T Datasheet HTML 10Page - Fairchild Semiconductor FDPF20N50T Datasheet HTML 11Page - Fairchild Semiconductor FDPF20N50T Datasheet HTML 12Page - Fairchild Semiconductor FDPF20N50T Datasheet HTML 13Page - Fairchild Semiconductor FDPF20N50T Datasheet HTML 14Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
AN-8027
© 2009 Fairchild Semiconductor Corporation
www.fairchildsemi.com
Rev. 1.0.0 • 8/26/09
10
40dB
20dB
0dB
-20dB
-40dB
10Hz
100Hz
1kHz
10kHz 100kHz
f
IZ
Control-to-output
1MHz
f
IC
Compensation
Closed Loop Gain
60dB
f
IP
Figure 17. Current Loop Compensation
(Design Example)
Setting the crossover frequency
as 7kHz:
11
@
36
2
0.1 387
0.66
2.55 2
7 10 524 10
IC
CS
CS
BOUT
IEA
RAMP
IC
BOOST
ff
vR
V
vV
f
L
π
π
=
=
⋅⋅
==
⋅⋅ ×
×
)
)
6
1
@
11
17
88 10
0.66
IC
IC
CS
MI
IEA
ff
R
k
v
G
v
=
==
=
Ω
×⋅
)
)
1
33
11
4
2/ 3
17 10 2
7 10 / 3
IC
IC
C
CnF
Rf
π
π
==
=
×⋅
⋅ ×
Setting the pole of the compensator at 70kHz,
2
33
11
0.13
2
270 10 17 10
IC
IP
IC
CnF
fR
π
π
==
=
⋅⋅
⋅×
⋅ ×
[STEP-9] PFC Voltage Loop Design
Since FAN480X employs line feed-forward, the power
stage transfer function becomes independent of the line
voltage. Then, the low-frequency, small-signal, control-to-
output transfer function is obtained as:
ˆ
1
ˆ
5
BOUT
BOUT
MAX
EA
BOUT
vI
K
vsC
≅⋅
(37)
where:
ˆ
1
ˆ
5
BOUT
BOUT
MAX
EA
BOUT
vI
K
vsC
≅⋅
(38)
Proportional and integration (PI) control with high-
frequency pole is typically used for compensation. The
compensation zero (fVZ) introduces phase boost, while the
high-frequency compensation pole (fVP) attenuates the
switching ripple, as shown in Figure 18.
Figure 18. Voltage Loop Compensation
The transfer function of the compensation network is
obtained as:
1
ˆ
22
ˆ
1
2
COMP
VI
VZ
OUT
VP
s
vf
f
s
vs
f
ππ
π
+
=⋅
+
(39)
where:
11
2
2.5
1
,
22
1
2
MV
VI
VZ
BOUT
VC
VC
VC
VP
VC
VC
G
f
f
and
VC
R
C
f
RC
ππ
π
=⋅
=
⋅⋅
=
⋅⋅
(40)
The procedure to design the feedback loop is as follows:
(a) Determine the crossover frequency (fVC) around
1/10~1/5 of the line frequency. Since the control-to-
output transfer function of power stage has -20dB/dec
slope and -90o phase at the crossover frequency, as
shown in Figure 18 as 0dB; it is necessary to place the
zero of the compensation network (fVZ) around the
crossover frequency so that 45
° phase margin is
obtained. Then, the capacitor CVC1 is determined as:
1
2
2.5
5(2
)
MV
BOUT
MAX
VC
BOUT
BOUT
VC
GI
K
C
V
Cf
π
⋅⋅
=⋅
⋅⋅
(41)
To place the compensation zero at the crossover
frequency, the compensation resistor is obtained as:
1
1
2
VC
VC
VC
R
fC
π
=
⋅⋅
(42)
(b)
Place compensator high-frequency pole (fVP) at least
a decade higher than fC to ensure that it does not
interfere with the phase margin of the voltage
regulation loop at its crossover frequency. It should
also be sufficiently lower than the switching
frequency of the converter so noise can be effectively
attenuated. Then, the capacitor CVC2 is determined as:
2
1
2
VC
VP
VC
C
fR
π
=
⋅⋅
(43)


Similar Part No. - FDPF20N50T

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDPF20N50T FAIRCHILD-FDPF20N50T Datasheet
682Kb / 15P
   Power Factor Correction Converter Design
logo
Inchange Semiconductor ...
FDPF20N50T ISC-FDPF20N50T Datasheet
322Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - FDPF20N50T

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN4800AU FAIRCHILD-FAN4800AU Datasheet
987Kb / 20P
   PFC/ PWM Controller Combination
FAN4800A FAIRCHILD-FAN4800A_09 Datasheet
647Kb / 24P
   PFC/PWM Controller Combination
FAN4800AS FAIRCHILD-FAN4800AS Datasheet
583Kb / 19P
   PFC/PWM Controller Combination
FAN4800AUN FAIRCHILD-FAN4800AUN Datasheet
987Kb / 20P
   PFC/ PWM Controller Combination
FAN4800A FAIRCHILD-FAN4800A Datasheet
659Kb / 24P
   PFC/PWM Controller Combination
FAN3988IL6X-F113 FAIRCHILD-FAN3988IL6X-F113 Datasheet
992Kb / 21P
   PFC/ PWM Controller Combination
logo
Texas Instruments
UCC28500-12 TI1-UCC28500-12 Datasheet
914Kb / 35P
[Old version datasheet]   BiCMOS PFC/PWM COMBINATION CONTROLLER
UCC28521 TI1-UCC28521_16 Datasheet
790Kb / 34P
[Old version datasheet]   ADVANCED PFC/PWM COMBINATION CONTROLLER
UCC28500 TI-UCC28500 Datasheet
571Kb / 31P
[Old version datasheet]   BICMOS PFC/PWM COMBINATION CONTROLLER
UCC18500 TI-UCC18500 Datasheet
91Kb / 8P
[Old version datasheet]   BiCMOS PFC/PWM Combination Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com