Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SB1111C-0005 Datasheet(PDF) 2 Page - STANLEY ELECTRIC CO.,LTD.

Part # SB1111C-0005
Description  Single Color Low Current Type (IF=5mA)
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STANLEY [STANLEY ELECTRIC CO.,LTD.]
Direct Link  http://www.stanley.co.jp/e/
Logo STANLEY - STANLEY ELECTRIC CO.,LTD.

SB1111C-0005 Datasheet(HTML) 2 Page - STANLEY ELECTRIC CO.,LTD.

  SB1111C-0005_11 Datasheet HTML 1Page - STANLEY ELECTRIC CO.,LTD. SB1111C-0005_11 Datasheet HTML 2Page - STANLEY ELECTRIC CO.,LTD. SB1111C-0005_11 Datasheet HTML 3Page - STANLEY ELECTRIC CO.,LTD. SB1111C-0005_11 Datasheet HTML 4Page - STANLEY ELECTRIC CO.,LTD. SB1111C-0005_11 Datasheet HTML 5Page - STANLEY ELECTRIC CO.,LTD. SB1111C-0005_11 Datasheet HTML 6Page - STANLEY ELECTRIC CO.,LTD. SB1111C-0005_11 Datasheet HTML 7Page - STANLEY ELECTRIC CO.,LTD. SB1111C-0005_11 Datasheet HTML 8Page - STANLEY ELECTRIC CO.,LTD. SB1111C-0005_11 Datasheet HTML 9Page - STANLEY ELECTRIC CO.,LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
2010.12.01
Page 2
Single Color Low Current Type (I
F=5mA)
1111C Series
Color and Luminous Intensity
(Ta=25℃)
1111C Series
TYP.
IF(mA)
MIN.
TYP.
IF(mA)
SB1111C-0005
InGaN
Blue
470
5
10
20
5
SG1111C-0005
InGaN
Green
530
5
33
90
5
YPY1111C-0005
AlGaInP
Yellow
Green
572
5
4
12
5
FY1111C-0105
AlGaInP
Yellow
590
5
10
30
5
FA1111C-0105
AlGaInP
Orange
605
5
10
35
5
FR1111C-0105
AlGaInP
Red
626
5
10
30
5
Milkey
White
Part No.
Material
Iv (mcd)
Lens
Color
Emitted
Color
Luminous Intensity
Dominant
Wavelength
λd (nm)


Similar Part No. - SB1111C-0005_11

ManufacturerPart #DatasheetDescription
logo
STANLEY ELECTRIC CO.,LT...
SB1111C-0005 STANLEY-SB1111C-0005 Datasheet
392Kb / 27P
   Single Color Ultra High Brightness Type
SB1111C-0005 STANLEY-SB1111C-0005 Datasheet
432Kb / 24P
   Single Color Low Current Type
More results

Similar Description - SB1111C-0005_11

ManufacturerPart #DatasheetDescription
logo
STANLEY ELECTRIC CO.,LT...
1111C STANLEY-1111C_10 Datasheet
432Kb / 24P
   Single Color Low Current Type
logo
Rohm
SMLE12WBC7W ROHM-SMLE12WBC7W Datasheet
109Kb / 3P
   Low Current Type(IF 10mA)
SML-311DTT86 ROHM-SML-311DTT86 Datasheet
106Kb / 3P
   Low Current Type(IF 10mA)
SML-311UTT86K ROHM-SML-311UTT86K Datasheet
113Kb / 3P
   Low Current Type(IF 10mA)
logo
Solid State Optronic
SYZ6070 SSOUSA-SYZ6070 Datasheet
232Kb / 8P
   Low Input Control Current (5mA MAX)
SYZ6060 SSOUSA-SYZ6060 Datasheet
232Kb / 8P
   Low Input Control Current (5mA MAX)
SYZ6040 SSOUSA-SYZ6040 Datasheet
232Kb / 8P
   Low Input Control Current (5mA MAX)
SMA4217 SSOUSA-SMA4217 Datasheet
313Kb / 8P
   Low Input Control Current (5mA MAX)
SYZ6080 SSOUSA-SYZ6080 Datasheet
232Kb / 8P
   Low Input Control Current (5mA MAX)
logo
Guangdong Youtai Semico...
UMW817C UMW-UMW817C Datasheet
2Mb / 4P
   Current Conversion Ratio (Min 50% Working Condition IF=5mA, VCE=5V)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com