Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SB3100 Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # SB3100
Description  Power Switch (FPS?? FSL1x7 to Low- Power Supplies
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

SB3100 Datasheet(HTML) 4 Page - Fairchild Semiconductor

  SB3100 Datasheet HTML 1Page - Fairchild Semiconductor SB3100 Datasheet HTML 2Page - Fairchild Semiconductor SB3100 Datasheet HTML 3Page - Fairchild Semiconductor SB3100 Datasheet HTML 4Page - Fairchild Semiconductor SB3100 Datasheet HTML 5Page - Fairchild Semiconductor SB3100 Datasheet HTML 6Page - Fairchild Semiconductor SB3100 Datasheet HTML 7Page - Fairchild Semiconductor SB3100 Datasheet HTML 8Page - Fairchild Semiconductor SB3100 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
AN-9719
APPLICATION NOTE
© 2010 Fairchild Semiconductor Corporation
www.fairchildsemi.com
Rev. 1.0.0 • 11/2/10
4
3. Design Example
Flyback converters have two kinds of operation modes;
Continuous Conduction Mode (CCM) and Discontinuous
Conduction Mode (DCM). Each has its own advantages and
disadvantages. In general, DCM generates lower stress for
the rectifier diodes, since the diodes are operating at zero
current just before becoming reverse biased and the reverse
recovery loss is minimized. The transformer size can be
reduced using DCM because the average energy storage is
low compared to CCM. However, DCM causes high RMS
current, which severely increases the conduction loss of the
MOSFET for low line condition. For standby auxiliary
power supply applications with low output voltage and
minimal reverse recovery of Schottky diode, it is typical to
design the converter such that the converter operates in
CCM to maximize efficiency.
This section presents a design procedure using the Figure 1
schematic as a reference. An offline SMPS with 12W
nominal output power has been selected as the example.
[STEP-1] Define the System Specifications
When
designing
a
power
supply,
the
following
specifications should be determined first:
Line Voltage Range (
V
and
V
)
Line Frequency (
fL)
Nominal Output Power (
PO)
Estimate
Efficiencies
for
Nominal
Load
(
η).
The power conversion efficiency must be estimated to
calculate the input power for nominal load condition. If
no reference data is available, set
η = 0.7~0.75 for low-
voltage output applications and
η = 0.8~0.85 for high-
voltage output applications.
With the estimated efficiency, the input power for peak
load condition is given by:
η
(1)
(Design Example)
The specifications of the target
system are:
V
90V
V
264V
Line frequency (
f ) = 60Hz
Nominal output power (
P ) = 12W (12V/1A)
Estimated efficiency (
η) = 0.8
η
12
0.8
15
[STEP-2] Determine Input Capacitor (CIN) and Input
Voltage Range
It is typical to select the input capacitor as 2~3
μF per watt
of peak input power for the universal input range (85-
265VRMS) and 1μF per watt of peak input power for the
European input range (195V-265VRMS). With the input
capacitor chosen, the minimum input capacitor voltage at
nominal-load condition is obtained as:
· 1
·
(2)
where DCH is the input capacitor charging duty ratio defined
in Figure 8, which is typically about 0.2.
The maximum input capacitor voltage is given as:
√2
(3)
Figure 8. Input Capacitor Voltage Waveform
(Design Example)
By choosing 20
μF for input
capacitor, the minimum input voltage for nominal load
is obtained as:
· 1
·
2 · 90
15 · 1
0.2
20 · 10
·60
79
The maximum input voltage is obtained as:
√2 ·
√2 · 264
373
[STEP-3] Determine the Reflected Output Voltage (VRO)
When the MOSFET is turned off, the input voltage (VIN),
together with the output voltage reflected to the primary
(VRO), are imposed across the MOSFET, as shown in Figure
9. With a given V
RO, the maximum duty cycle (DMAX) and
the nominal MOSFET voltage (VDS
NOM) are obtained as:
(4)
(5)
·
(6)


Similar Part No. - SB3100

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
SB3100 PANJIT-SB3100 Datasheet
54Kb / 2P
   3 AMPERE SCHOTTKY BARRIER RECTIFIERS(VOLTAGE - 20 to 100 Volts CURRENT - 3.0 Amperes)
logo
Guangdong Kexin Industr...
SB3100 KEXIN-SB3100 Datasheet
776Kb / 2P
   Schottky Diodes
logo
Semikron International
SB3100 SEMIKRON-SB3100 Datasheet
137Kb / 2P
   Schottky barrier rectifiers diodes
logo
Nanjing International G...
SB3100 DGNJDZ-SB3100 Datasheet
281Kb / 2P
   3.0 AMP SCHOTTKY BARRIER RECTIFIERS
logo
Fairchild Semiconductor
SB3100 FAIRCHILD-SB3100 Datasheet
488Kb / 10P
   Power Switch (FPSTM) FSBH-series to Standby Auxiliary Power Supply
More results

Similar Description - SB3100

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KA5S FAIRCHILD-KA5S_03 Datasheet
213Kb / 16P
   Power Switch(FPS)
KA1M0880D FAIRCHILD-KA1M0880D Datasheet
114Kb / 10P
   Power Switch(FPS)
KA1M0265R FAIRCHILD-KA1M0265R Datasheet
89Kb / 10P
   Fairchild Power Switch(FPS)
KA1M0680B FAIRCHILD-KA1M0680B Datasheet
144Kb / 12P
   Fairchild Power Switch(FPS)
KA5X0165RXX FAIRCHILD-KA5X0165RXX Datasheet
102Kb / 12P
   Fairchild Power Switch(FPS)
FS6X1220R FAIRCHILD-FS6X1220R Datasheet
471Kb / 16P
   Fairchild Power Switch (FPS)
FS6S0965RCB FAIRCHILD-FS6S0965RCB Datasheet
572Kb / 10P
   Fairchild Power Switch(FPS)
KA1M0880BF FAIRCHILD-KA1M0880BF Datasheet
95Kb / 10P
   Fairchild Power Switch(FPS)
KA5Q0740RT FAIRCHILD-KA5Q0740RT_04 Datasheet
292Kb / 12P
   Fairchild Power Switch(FPS)
FS8S0765RCB FAIRCHILD-FS8S0765RCB_06 Datasheet
1Mb / 19P
   Fairchild Power Switch (FPS??
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com