Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LCBS-12-01 Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # LCBS-12-01
Description  Dual BCM PFC Controller
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

LCBS-12-01 Datasheet(HTML) 4 Page - Fairchild Semiconductor

  LCBS-12-01 Datasheet HTML 1Page - Fairchild Semiconductor LCBS-12-01 Datasheet HTML 2Page - Fairchild Semiconductor LCBS-12-01 Datasheet HTML 3Page - Fairchild Semiconductor LCBS-12-01 Datasheet HTML 4Page - Fairchild Semiconductor LCBS-12-01 Datasheet HTML 5Page - Fairchild Semiconductor LCBS-12-01 Datasheet HTML 6Page - Fairchild Semiconductor LCBS-12-01 Datasheet HTML 7Page - Fairchild Semiconductor LCBS-12-01 Datasheet HTML 8Page - Fairchild Semiconductor LCBS-12-01 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 30 page
background image
www.fairchildsemi.com
© 2010 Fairchild Semiconductor Corporation
4
FEB279_FAN9611/12 • Rev. 0.0.2
2. Key Features
Low Total Harmonic Distortion, High Power Factor
180° Out-of-Phase Synchronization
Automatic Phase Disable at Light Load
1.8A Sink, 1.0A Source, High-Current Gate Drivers
Transconductance (gM) Error Amplifier for Reduced Overshoot
Voltage-Mode Control with (VIN)
2 Feed-forward
Closed-Loop Soft-Start with Programmable Soft-Start Time for Reduced Overshoot
Minimum Restart Timer Frequency to Avoid Audible Noise
Maximum Switching Frequency Clamp
Brownout Protection with Soft Recovery
Non-Latching OVP on FB Pin and Second-Level Latching Protection on OVP Pin
Open-Feedback Protection
Over-Current and Power-Limit Protection for Each Phase
Low Startup Current: 80µA Typical
Works with DC, 50Hz to 400Hz AC Inputs
Figure 1.
Block Diagram


Similar Part No. - LCBS-12-01

ManufacturerPart #DatasheetDescription
logo
Stackpole Electronics, ...
LCB SEI-LCB Datasheet
277Kb / 3P
   Ceramic Housed Current Sensing Resistor with 2 Leads
11/30/2020
logo
OSRAM GmbH
LCB-CRBP OSRAM-LCB-CRBP Datasheet
1,016Kb / 22P
   SMD ceramic package with silicone lens
LCB-T67S OSRAM-LCB-T67S Datasheet
647Kb / 24P
   white PLCC-2 package, colored diffused resin
LCB-TVSG OSRAM-LCB-TVSG Datasheet
694Kb / 24P
   white PLCC-2 package, colored diffused silicone resin
logo
Omron Electronics LLC
LCB01 OMRON-LCB01 Datasheet
578Kb / 10P
    Integrated Loop Control and Sequence
More results

Similar Description - LCBS-12-01

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN9612M FAIRCHILD-FAN9612M Datasheet
1Mb / 37P
   Interleaved Dual BCM PFC Controller
FAN9611 FAIRCHILD-FAN9611_11 Datasheet
1Mb / 37P
   Interleaved Dual BCM PFC Controllers
FAN9611 FAIRCHILD-FAN9611 Datasheet
1Mb / 35P
   Interleaved Dual BCM PFC Controllers
FAN9611_1112 FAIRCHILD-FAN9611_1112 Datasheet
1Mb / 36P
   Interleaved Dual BCM PFC Controllers
logo
NXP Semiconductors
TEA19162T NXP-TEA19162T Datasheet
283Kb / 30P
   PFC controller
Rev. 1-10 March 2016
TEA19162T NXP-TEA19162T_V01 Datasheet
343Kb / 30P
   PFC controller
Rev. 3-7 May 2018
logo
ON Semiconductor
NCP1653 ONSEMI-NCP1653_15 Datasheet
219Kb / 21P
   PFC Controller
May, 2015 ??Rev. 10
logo
NXP Semiconductors
TEA19162CT NXP-TEA19162CT Datasheet
340Kb / 29P
   PFC controller
Rev. 2-26 February 2020
logo
Fairchild Semiconductor
AN-9732 FAIRCHILD-AN-9732 Datasheet
2Mb / 22P
   LED Application Design Guide Using BCM Power Factor Correction (PFC) Controller for 200W Lighting System
FAN7528 FAIRCHILD-FAN7528_07 Datasheet
2Mb / 21P
   Dual-Output, Critical Conduction Mode PFC Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com