Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN1102W Datasheet(PDF) 11 Page - STANLEY ELECTRIC CO.,LTD.

Part # AN1102W
Description  Surface Mount IRED/Inner Lens Type
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STANLEY [STANLEY ELECTRIC CO.,LTD.]
Direct Link  http://www.stanley.co.jp/e/
Logo STANLEY - STANLEY ELECTRIC CO.,LTD.

AN1102W Datasheet(HTML) 11 Page - STANLEY ELECTRIC CO.,LTD.

Back Button AN1102W Datasheet HTML 7Page - STANLEY ELECTRIC CO.,LTD. AN1102W Datasheet HTML 8Page - STANLEY ELECTRIC CO.,LTD. AN1102W Datasheet HTML 9Page - STANLEY ELECTRIC CO.,LTD. AN1102W Datasheet HTML 10Page - STANLEY ELECTRIC CO.,LTD. AN1102W Datasheet HTML 11Page - STANLEY ELECTRIC CO.,LTD. AN1102W Datasheet HTML 12Page - STANLEY ELECTRIC CO.,LTD. AN1102W Datasheet HTML 13Page - STANLEY ELECTRIC CO.,LTD. AN1102W Datasheet HTML 14Page - STANLEY ELECTRIC CO.,LTD. AN1102W Datasheet HTML 15Page - STANLEY ELECTRIC CO.,LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
2010.03.30
Page 11
□□1102W
Surface Mount IRED/Inner Lens Type
Page 4
Technical Data(AN)
Spatial Distribution Example
Condition : Ta = 25℃
Spectral Distribution
Relative Intensity vs. Wavelength
Condition : Ta = 25℃, I
F = 20mA
Wavelength [nm]
Forward Voltage vs. Forward Current
Condition : Ta = 25℃
Forward Voltage : V
F(V)
Duty Ratio vs. Pulse Forward Current
Condition : Ta = 25℃, tw ≦ 100μs
Duty Ratio
2009.1.26
y
x


Similar Part No. - AN1102W

ManufacturerPart #DatasheetDescription
logo
STANLEY ELECTRIC CO.,LT...
AN1102W STANLEY-AN1102W Datasheet
183Kb / 10P
   Surface Mount IRED/Inner Lens Type
More results

Similar Description - AN1102W

ManufacturerPart #DatasheetDescription
logo
STANLEY ELECTRIC CO.,LT...
DNK1101W STANLEY-DNK1101W Datasheet
544Kb / 14P
   Surface Mount IRED/Inner Lens Type
AN1102W STANLEY-AN1102W Datasheet
183Kb / 10P
   Surface Mount IRED/Inner Lens Type
DN1102W STANLEY-DN1102W Datasheet
193Kb / 10P
   Surface Mount IRED/Inner Lens Type
DNK1105W STANLEY-DNK1105W Datasheet
280Kb / 14P
   Surface Mount IRED/Dome Lens Type
logo
Sanken electric
SEC4003 SANKEN-SEC4003 Datasheet
438Kb / 2P
   Side View Surface Mount LEDs (Inner Lens Type)
SEC1003 SANKEN-SEC1003 Datasheet
24Kb / 1P
   3x1.5 Surface Mount LED (Inner Lens)
SEC1003 SANKEN-SEC1003_08 Datasheet
426Kb / 2P
   3.0 횞 1.5 Surface Mount LEDs (Inner Lens Type)
SEC2004 SANKEN-SEC2004 Datasheet
28Kb / 1P
   3x2.5 Bicolor Surface Mount LED (Inner Lens)
SEC1G03C SANKEN-SEC1G03C Datasheet
416Kb / 1P
   3 횞 1.5 Surface Mount Infrared LEDs (Inner Lens Type)
logo
STANLEY ELECTRIC CO.,LT...
AN1111R STANLEY-AN1111R Datasheet
186Kb / 10P
   Surface Mount IRED/Reverse Mount Type
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com