Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FAN400ATY Datasheet(PDF) 6 Page - Fairchild Semiconductor

Part # FAN400ATY
Description  Low-Power Green-Mode PWM Flyback Power Controller
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN400ATY Datasheet(HTML) 6 Page - Fairchild Semiconductor

Back Button FAN400ATY Datasheet HTML 2Page - Fairchild Semiconductor FAN400ATY Datasheet HTML 3Page - Fairchild Semiconductor FAN400ATY Datasheet HTML 4Page - Fairchild Semiconductor FAN400ATY Datasheet HTML 5Page - Fairchild Semiconductor FAN400ATY Datasheet HTML 6Page - Fairchild Semiconductor FAN400ATY Datasheet HTML 7Page - Fairchild Semiconductor FAN400ATY Datasheet HTML 8Page - Fairchild Semiconductor FAN400ATY Datasheet HTML 9Page - Fairchild Semiconductor FAN400ATY Datasheet HTML 10Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
© 2008 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN400A Rev. 1.0.2
6
Electrical Characteristics (Continued)
Unless otherwise noted, VDD=15V and TA=25°C.
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Units
Oscillator Section
Center Frequency
60
65
70
fOSC
Frequency
Hopping Range
±
4.1
±
4.6
±
5.1
kHz
tHOP
Hopping Period
4
ms
fOSC-G
Green Mode Frequency
14.5
17.0
19.5
KHz
VFB-N
Green Mode Entry FB Voltage
2.3
2.6
2.9
V
VFB-G
Green Mode Ending FB Voltage
VFB-N -
0.75
V
VFB-Z
Zero Duty Cycle FB Voltage
1.4
V
SG
Green Mode Modulation Slope
40
70
100
Hz/mV
fDV
Frequency Variation vs. VDD Deviation
VDD=10 to 22V
2
%
fDT
Frequency Variation vs. Temperature Deviation
TA=-20 to 85°C
1.5
5.0
%
Output Section
DCYMAX Maximum Duty Cycle
68
73
78
%
VGATE-L
GATE Low Voltage
IO=10mA
1.5
V
VGATE-H
GATE High Voltage
IO=-10mA
8
V
tr
GATE Rising Time
CL=1nF
150
200
250
ns
tf
GATE Falling Time
CL=1nF
70
90
110
ns
VGATE-
CLAMP
GATE Output Clamping Voltage
VDD=20V
16
17
18
V
Over Temperature Protection (OTP)
TOTP
Protection Junction Temperature
140
°C
TOTP-
RESTART
Restart Junction Temperature
110
°C


Similar Part No. - FAN400ATY

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN400ATY FAIRCHILD-FAN400ATY Datasheet
567Kb / 15P
   Low-Power Green-Mode PWM Flyback Power Controller without Secondary Feedback
More results

Similar Description - FAN400ATY

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
AN-400A FAIRCHILD-AN-400A Datasheet
305Kb / 8P
   Low-Power Green-Mode PWM Flyback Power Controller
logo
List of Unclassifed Man...
SG6849 ETC2-SG6849 Datasheet
330Kb / 15P
   Low-Power Green-Mode PWM Flyback Power Controller without Secondary Feedback
logo
Fairchild Semiconductor
SG684965TZ FAIRCHILD-SG684965TZ Datasheet
391Kb / 16P
   Low-Power, Green-Mode PWM Flyback Power Controller without Secondary Feedback
FAN400A FAIRCHILD-FAN400A Datasheet
567Kb / 15P
   Low-Power Green-Mode PWM Flyback Power Controller without Secondary Feedback
SGP400 FAIRCHILD-SGP400 Datasheet
492Kb / 15P
   Low-Power Green-Mode PWM Flyback Power Controller without Secondary Feedback
FAN400C FAIRCHILD-FAN400C Datasheet
544Kb / 14P
   Low-Power, Green-Mode, PWM Flyback Power Controller without Secondary Feedback (CC)
logo
Excelliance MOS Corp.
EM8631 EXCELLIANCE-EM8631 Datasheet
286Kb / 11P
   Green mode PWM Flyback Controller
EM8632 EXCELLIANCE-EM8632 Datasheet
285Kb / 11P
   Green mode PWM Flyback Controller
logo
Unisonic Technologies
UB3846 UTC-UB3846 Datasheet
334Kb / 10P
   LOW COST POWER-SAVING MODE PWM CONTROLLER FOR FLYBACK CONVERTERS
UC3863 UTC-UC3863 Datasheet
366Kb / 10P
   LOW COST POWER-SAVING MODE PWM CONTROLLER FOR FLYBACK CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com