Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FAN2500 Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # FAN2500
Description  100 mA CMOS LDO Regulators
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN2500 Datasheet(HTML) 2 Page - Fairchild Semiconductor

  FAN2500_10 Datasheet HTML 1Page - Fairchild Semiconductor FAN2500_10 Datasheet HTML 2Page - Fairchild Semiconductor FAN2500_10 Datasheet HTML 3Page - Fairchild Semiconductor FAN2500_10 Datasheet HTML 4Page - Fairchild Semiconductor FAN2500_10 Datasheet HTML 5Page - Fairchild Semiconductor FAN2500_10 Datasheet HTML 6Page - Fairchild Semiconductor FAN2500_10 Datasheet HTML 7Page - Fairchild Semiconductor FAN2500_10 Datasheet HTML 8Page - Fairchild Semiconductor FAN2500_10 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
PRODUCT SPECIFICATION
FAN2500/FAN2501
2
REV. 1.0.
/14/
Pin Assignments
Pin Descriptions
Pin No.
FAN2500
FAN2500-XX
FAN2501-XX
1.
VIN
VIN
VIN
2.
GND
GND
GND
3.
EN
EN
EN
4.
ADJ
BYP
ERR
5. V
OUT
VOUT
VOUT
Pin Name
Pin No.
Type
Pin Function Description
ADJ
4
Input
FAN2500 Adjust.
Ratio of potential divider from VOUT to ADJ
determines output voltage.
BYP
4
Passive
FAN2500-XX Bypass.
Connect 470 pF capacitor for noise reduction.
ERR
4
Open drain
FAN2501-XX Error.
Error flag output.
0:
Output voltage < 95% of nominal.
1:
Output voltage > 95% of nominal.
EN
3
Digital Input
Enable.
0:
Shutdown VOUT.
1:
Enable VOUT.
VIN
1
Power in
Voltage Input.
Supply voltage input.
VOUT
5
Power out
Voltage Output.
Regulated output voltage.
GND
2
Power
Ground.
15
2
3
VIN
GND
EN
4
VOUT
ADJ/BYP/ERR
Functional Description
Designed utilizing CMOS process technology, the
FAN2500/01 family of products are carefully optimized for
use in compact battery-powered devices, offering a unique
combination of low power consumption, extremely low
dropout voltages, high tolerance for a variety of output
capacitors, and the ability to disable the output to less than
1µA under user control. In the circuit, a difference amplifier
controls the current through a series-pass P-Channel
MOSFET, comparing the load voltage at the output with an
onboard low-drift bandgap reference. The series resistance
of the pass P-Channel MOSFET is approximately 1
Ω,
resulting in an unusually low dropout voltage under load
when compared to older bipolar pass-transistor designs.
Protection circuitry is provided onboard for overload condi-
tions. In conditions where the device reaches temperatures
exceeding the specified maximums, an onboard circuit shuts
down the output, where it remains suspended until it has
cooled before re-enabling. The user is also free to shut down
the device using the Enable control pin at any time.
Careful design of the output regulator amplifier assures loop
stability over a wide range of ESR values in the external
output capacitor. A wide range of values and types can be
accomodated, allowing the user to select a capacitor meeting
his space, cost, and performance requirements, and enjoy
reliable operation over temperature, load, and tolerance
variations.


Similar Part No. - FAN2500_10

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN2500S25X FAIRCHILD-FAN2500S25X Datasheet
251Kb / 10P
   100 mA CMOS LDO Regulators
logo
ON Semiconductor
FAN2500S25X ONSEMI-FAN2500S25X Datasheet
890Kb / 14P
   100 mA CMOS LDO Regulator
May 2013 Rev. 1.1.0
logo
Fairchild Semiconductor
FAN2500S26X FAIRCHILD-FAN2500S26X Datasheet
251Kb / 10P
   100 mA CMOS LDO Regulators
FAN2500S27X FAIRCHILD-FAN2500S27X Datasheet
251Kb / 10P
   100 mA CMOS LDO Regulators
FAN2500S285X FAIRCHILD-FAN2500S285X Datasheet
251Kb / 10P
   100 mA CMOS LDO Regulators
More results

Similar Description - FAN2500_10

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN2500 FAIRCHILD-FAN2500 Datasheet
251Kb / 10P
   100 mA CMOS LDO Regulators
FAN2510 FAIRCHILD-FAN2510_10 Datasheet
259Kb / 10P
   100 mA CMOS LDO Regulators
FAN2504 FAIRCHILD-FAN2504 Datasheet
252Kb / 10P
   200 mA CMOS LDO Regulators
FAN2502 FAIRCHILD-FAN2502 Datasheet
255Kb / 10P
   150 mA CMOS LDO Regulators
FAN2508S28X FAIRCHILD-FAN2508S28X Datasheet
256Kb / 10P
   50 mA CMOS LDO Regulators
FAN2508 FAIRCHILD-FAN2508 Datasheet
251Kb / 10P
   50 mA CMOS LDO Regulators
FAN2514 FAIRCHILD-FAN2514_10 Datasheet
263Kb / 10P
   200 mA CMOS LDO Regulators
FAN2502 FAIRCHILD-FAN2502_10 Datasheet
264Kb / 10P
   150 mA CMOS LDO Regulators
FAN2504 FAIRCHILD-FAN2504_10 Datasheet
263Kb / 10P
   200 mA CMOS LDO Regulators
FAN2510 FAIRCHILD-FAN2510 Datasheet
248Kb / 10P
   100 mA CMOS LDO Regulators with Fast Start Enable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com