Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DNK1111C Datasheet(PDF) 4 Page - STANLEY ELECTRIC CO.,LTD.

Part # DNK1111C
Description  Surface Mount IRED/1608 ( t = 0.7 mm) Type
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STANLEY [STANLEY ELECTRIC CO.,LTD.]
Direct Link  http://www.stanley.co.jp/e/
Logo STANLEY - STANLEY ELECTRIC CO.,LTD.

DNK1111C Datasheet(HTML) 4 Page - STANLEY ELECTRIC CO.,LTD.

  DNK1111C Datasheet HTML 1Page - STANLEY ELECTRIC CO.,LTD. DNK1111C Datasheet HTML 2Page - STANLEY ELECTRIC CO.,LTD. DNK1111C Datasheet HTML 3Page - STANLEY ELECTRIC CO.,LTD. DNK1111C Datasheet HTML 4Page - STANLEY ELECTRIC CO.,LTD. DNK1111C Datasheet HTML 5Page - STANLEY ELECTRIC CO.,LTD. DNK1111C Datasheet HTML 6Page - STANLEY ELECTRIC CO.,LTD. DNK1111C Datasheet HTML 7Page - STANLEY ELECTRIC CO.,LTD. DNK1111C Datasheet HTML 8Page - STANLEY ELECTRIC CO.,LTD. DNK1111C Datasheet HTML 9Page - STANLEY ELECTRIC CO.,LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
2010.03.30
Page 4
□□1111C
Surface Mount IRED/1608 ( h = 0.7 mm) Type
(Ta=25℃)
Radiant Intensity Rank
※Please contact our sales staff concerning rank designation.
MIN.
MAX.
MIN.
MAX.
MIN.
MAX.
A
0.7
1.4
0.3
0.6
0.20
0.40
B
1.0
2.0
0.4
0.8
0.28
0.56
C
1.4
2.8
0.6
1.2
0.40
0.80
D
2.0
4.0
0.8
1.6
-
-
E
2.8
5.6
1.2
2.4
-
-
Ra nk
AN
IF=20mA
IF=20mA
IE(mW/sr)
DNK
TAN
IF=20mA


Similar Part No. - DNK1111C

ManufacturerPart #DatasheetDescription
logo
STANLEY ELECTRIC CO.,LT...
DNK1111C STANLEY-DNK1111C Datasheet
505Kb / 14P
   Surface Mount IRED/1608 ( t = 0.7 mm) Type
DNK1111C STANLEY-DNK1111C_12 Datasheet
505Kb / 14P
   Surface Mount IRED/1608 ( t = 0.7 mm) Type
More results

Similar Description - DNK1111C

ManufacturerPart #DatasheetDescription
logo
STANLEY ELECTRIC CO.,LT...
DNK1111C STANLEY-DNK1111C_12 Datasheet
505Kb / 14P
   Surface Mount IRED/1608 ( t = 0.7 mm) Type
1141C STANLEY-1141C Datasheet
288Kb / 15P
   1608 (h=0.7 mm) Type White LED
logo
ALPS ELECTRIC CO.,LTD.
SSAD ALPS-SSAD Datasheet
304Kb / 4P
   0.7(H)mm, 1.5mm-travel Surface Mount Type
logo
STANLEY ELECTRIC CO.,LT...
AN1111R STANLEY-AN1111R Datasheet
186Kb / 10P
   Surface Mount IRED/Reverse Mount Type
DNK1111R STANLEY-DNK1111R Datasheet
255Kb / 14P
   Surface Mount IRED/Reverse Mount Type
TAN1102F STANLEY-TAN1102F Datasheet
209Kb / 14P
   Surface Mount IRED/Right Angle Type
DNK1105W STANLEY-DNK1105W Datasheet
280Kb / 14P
   Surface Mount IRED/Dome Lens Type
DNK1101W STANLEY-DNK1101W Datasheet
544Kb / 14P
   Surface Mount IRED/Inner Lens Type
DNK1102W STANLEY-DNK1102W Datasheet
288Kb / 17P
   Surface Mount IRED/Inner Lens Type
AN1102W STANLEY-AN1102W Datasheet
183Kb / 10P
   Surface Mount IRED/Inner Lens Type
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com