Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GSW3801C Datasheet(PDF) 4 Page - STANLEY ELECTRIC CO.,LTD.

Part # GSW3801C
Description  ?3 Flush Mount Type LED
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STANLEY [STANLEY ELECTRIC CO.,LTD.]
Direct Link  http://www.stanley.co.jp/e/
Logo STANLEY - STANLEY ELECTRIC CO.,LTD.

GSW3801C Datasheet(HTML) 4 Page - STANLEY ELECTRIC CO.,LTD.

  GSW3801C Datasheet HTML 1Page - STANLEY ELECTRIC CO.,LTD. GSW3801C Datasheet HTML 2Page - STANLEY ELECTRIC CO.,LTD. GSW3801C Datasheet HTML 3Page - STANLEY ELECTRIC CO.,LTD. GSW3801C Datasheet HTML 4Page - STANLEY ELECTRIC CO.,LTD. GSW3801C Datasheet HTML 5Page - STANLEY ELECTRIC CO.,LTD. GSW3801C Datasheet HTML 6Page - STANLEY ELECTRIC CO.,LTD. GSW3801C Datasheet HTML 7Page - STANLEY ELECTRIC CO.,LTD. GSW3801C Datasheet HTML 8Page - STANLEY ELECTRIC CO.,LTD. GSW3801C Datasheet HTML 9Page - STANLEY ELECTRIC CO.,LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
φ3 Flush Mount Type LED
G□□3801C
2010.3.10
Page 4
(Ta=25℃)
MIN.
MAX.
MIN.
MAX.
MIN.
MAX.
MIN.
MAX.
A
800
1,600
135
270
600
1,200
1,400
2,800
B
1,120
2,240
190
380
840
1,680
2,000
4,000
C
1,600
3,200
270
540
1,200
2,400
2,800
5,600
D
2,240
4,480
380
760
1,680
3,340
4,000
8,000
E
3,200
-
540
-
2,400
-
5,600
-
GSG
IF=5mA
IV(mcd)
Rank
IF=5mA
GSW
GLW
GSB
IF=5mA
IF=5mA
Luminous Intensity Rank
※Please contact our sales staff concerning rank designation.


Similar Part No. - GSW3801C

ManufacturerPart #DatasheetDescription
logo
STANLEY ELECTRIC CO.,LT...
GSW3809X STANLEY-GSW3809X Datasheet
473Kb / 18P
   ?3 Flush Mount Type LED
More results

Similar Description - GSW3801C

ManufacturerPart #DatasheetDescription
logo
STANLEY ELECTRIC CO.,LT...
GSW3809X STANLEY-GSW3809X Datasheet
473Kb / 18P
   ?3 Flush Mount Type LED
GLW3809X STANLEY-GLW3809X Datasheet
240Kb / 13P
   3 Flush Mount Type White LED
UW3804X STANLEY-UW3804X Datasheet
188Kb / 13P
   3 Flush Mount Type White LED
GLW5809C STANLEY-GLW5809C Datasheet
243Kb / 13P
   3 X 5 Flush Mount Type White LED
UW5805S STANLEY-UW5805S Datasheet
184Kb / 13P
   Flush Mount Type White LED
UW3803X STANLEY-UW3803X Datasheet
181Kb / 13P
   Flush Mount Type White LED
UW5806X STANLEY-UW5806X Datasheet
187Kb / 13P
   5 Flush Mount Type White LED
KR3804X STANLEY-KR3804X Datasheet
180Kb / 12P
   Single Color ?3 Flush Mount Round Shape Type
UB3803X STANLEY-UB3803X Datasheet
316Kb / 24P
   Single Color ?3 Flush Mount Round Shape Type
UB3804X STANLEY-UB3804X Datasheet
332Kb / 24P
   Single Color ?3 Flush Mount Round Shape Type
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com