Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PP1191FB Datasheet(PDF) 7 Page - STANLEY ELECTRIC CO.,LTD.

Part # PP1191FB
Description  Surface Mount PIN Photodiode/Side Viewing Type
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STANLEY [STANLEY ELECTRIC CO.,LTD.]
Direct Link  http://www.stanley.co.jp/e/
Logo STANLEY - STANLEY ELECTRIC CO.,LTD.

PP1191FB Datasheet(HTML) 7 Page - STANLEY ELECTRIC CO.,LTD.

  PP1191FB Datasheet HTML 1Page - STANLEY ELECTRIC CO.,LTD. PP1191FB Datasheet HTML 2Page - STANLEY ELECTRIC CO.,LTD. PP1191FB Datasheet HTML 3Page - STANLEY ELECTRIC CO.,LTD. PP1191FB Datasheet HTML 4Page - STANLEY ELECTRIC CO.,LTD. PP1191FB Datasheet HTML 5Page - STANLEY ELECTRIC CO.,LTD. PP1191FB Datasheet HTML 6Page - STANLEY ELECTRIC CO.,LTD. PP1191FB Datasheet HTML 7Page - STANLEY ELECTRIC CO.,LTD. PP1191FB Datasheet HTML 8Page - STANLEY ELECTRIC CO.,LTD. PP1191FB Datasheet HTML 9Page - STANLEY ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
Page : 7
Reflow Soldering Conditions
Manual Soldering Conditions
Iron tip temp.
Soldering time and frequency
3 s
1 time
350 ℃
(MAX.)
(MAX.)
PP1191FB
1) The above profile temperature gives the maximum temperature of the device resin surface.
Please set the temperature so as to avoid exceeding this range.
2) Total times of reflow soldering process shall be no more than 2 times.
When the second reflow soldering process is performed, intervals between the first
and second reflow should be short as possible (while allowing some time for the
component to return to normal temperature after the first reflow) in order to prevent the
device from absorbing moisture.
3) Temperature fluctuation to the device during the pre-heating process shall be minimized.
Surface Mount Photodiode/Side Viewing Type
2010.12.15


Similar Part No. - PP1191FB

ManufacturerPart #DatasheetDescription
logo
STANLEY ELECTRIC CO.,LT...
PP1199FB-TR STANLEY-PP1199FB-TR Datasheet
686Kb / 20P
   Visible ray cut resin Photo diode (Photo detector)
More results

Similar Description - PP1191FB

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
OPR5913 TTELEC-OPR5913 Datasheet
606Kb / 2P
   Surface Mount PIN Photodiode
logo
ON Semiconductor
QSB34GR ONSEMI-QSB34GR Datasheet
624Kb / 8P
   Surface-Mount Silicon Pin Photodiode
October-2017, Rev. 9
logo
Fairchild Semiconductor
QSB34 FAIRCHILD-QSB34 Datasheet
485Kb / 6P
   SURFACE MOUNT SILICON PIN PHOTODIODE
logo
OPTEK Technologies
OPR5910 OPTEK-OPR5910 Datasheet
109Kb / 1P
   Surface Mount Silicon PIN Photodiode
logo
Fairchild Semiconductor
QSB34GR FAIRCHILD-QSB34GR_08 Datasheet
216Kb / 6P
   Surface Mount Silicon Pin Photodiode
QSB34GR FAIRCHILD-QSB34GR_07 Datasheet
550Kb / 6P
   Surface Mount Silicon Pin Photodiode
logo
OPTEK Technologies
OPR5915 OPTEK-OPR5915 Datasheet
100Kb / 1P
   Surface Mount Silicon PIN Photodiode
logo
Sharp Corporation
PD100MF0MP SHARP-PD100MF0MP Datasheet
519Kb / 10P
   Surface Mount Type, Opaque Resin Photodiode
PD100MC0MP SHARP-PD100MC0MP Datasheet
519Kb / 10P
   Surface Mount Type, Transparent Resin Photodiode
logo
Unity Opto Technology
MID-73A1C UOT-MID-73A1C Datasheet
34Kb / 3P
   SIDE-LOOK PACKAGE PIN PHOTODIODE
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com