Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FAN3100C Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # FAN3100C
Description  Dual-4A, High-Speed, Low-Side Gate Drivers
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN3100C Datasheet(HTML) 3 Page - Fairchild Semiconductor

  FAN3100C Datasheet HTML 1Page - Fairchild Semiconductor FAN3100C Datasheet HTML 2Page - Fairchild Semiconductor FAN3100C Datasheet HTML 3Page - Fairchild Semiconductor FAN3100C Datasheet HTML 4Page - Fairchild Semiconductor FAN3100C Datasheet HTML 5Page - Fairchild Semiconductor FAN3100C Datasheet HTML 6Page - Fairchild Semiconductor FAN3100C Datasheet HTML 7Page - Fairchild Semiconductor FAN3100C Datasheet HTML 8Page - Fairchild Semiconductor FAN3100C Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
© 2008 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN3213 / FAN3214 • Rev. 1.0.2
3
Pin Configurations
FAN3213
FAN3214
Figure 3. Pin Configurations (Repeated)
Pin Definitions
Pin
Name
Pin Description
1
NC
No Connect.
This pin can be grounded or left floating.
2
INA
Input to Channel A
.
3
GND
Ground
. Common ground reference for input and output circuits.
2
INA
Input to Channel A
.
4
INB
Input to Channel B
.
7
OUTA
Gate Drive Output A
: Held LOW unless required input(s) are present and VDD is above
UVLO threshold.
5
(FAN3213)
OUTB
Gate Drive Output B
(inverted from the input): Held LOW unless required input is
present and VDD is above UVLO threshold.
5
(FAN3214)
OUTB
Gate Drive Output B
: Held LOW unless required input(s) are present and VDD is above
UVLO threshold.
6
VDD
Supply Voltage
. Provides power to the IC.
7
(FAN3213)
OUTA
Gate Drive Output A
(inverted from the input): Held LOW unless required input is
present and VDD is above UVLO threshold.
7
(FAN3214)
OUTA
Gate Drive Output A
: Held LOW unless required input(s) are present and VDD is above
UVLO threshold.
8
NC
No Connect.
This pin can be grounded or left floating.
Output Logic
FAN3213 (x=A or B)
FAN3214 (x=A or B)
INx
OUTx
INx
OUTx
0
0
0
(7)
0
1
(7)
0
1
0
0
1
0
(7)
0
1
(7)
0
1
1
Note:
7.
Default input signal if no external connection is made.


Similar Part No. - FAN3100C

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN3100C FAIRCHILD-FAN3100C Datasheet
465Kb / 12P
   Application Review and Comparative Evaluation of Low-Side Gate Drivers
FAN3100C FAIRCHILD-FAN3100C Datasheet
1Mb / 22P
   Single 2A High-Speed, Low-Side Gate Driver
FAN3100C FAIRCHILD-FAN3100C Datasheet
1Mb / 18P
   Single 1A High-Speed, Low-Side Gate Driver
FAN3100C FAIRCHILD-FAN3100C Datasheet
1Mb / 18P
   Dual-2A, High-Speed, Low-Side Gate Drivers
FAN3100C FAIRCHILD-FAN3100C Datasheet
1Mb / 25P
   Dual 4A High-Speed, Low-Side Gate Drivers
More results

Similar Description - FAN3100C

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN3223 FAIRCHILD-FAN3223_10 Datasheet
1Mb / 25P
   Dual 4A High-Speed, Low-Side Gate Drivers
FAN3223 FAIRCHILD-FAN3223_11 Datasheet
1Mb / 25P
   Dual 4A High-Speed, Low-Side Gate Drivers
FAN3223 FAIRCHILD-FAN3223_12 Datasheet
1Mb / 24P
   Dual 4A High-Speed, Low-Side Gate Drivers
FAN3223 FAIRCHILD-FAN3223 Datasheet
1Mb / 24P
   Dual 4A High-Speed, Low-Side Gate Drivers
FAN3226 FAIRCHILD-FAN3226_11 Datasheet
1Mb / 25P
   Dual 2A High-Speed, Low-Side Gate Drivers
FAN3226 FAIRCHILD-FAN3226 Datasheet
1Mb / 24P
   Dual 2A High-Speed, Low-Side Gate Drivers
FAN3227 FAIRCHILD-FAN3227_10 Datasheet
1Mb / 25P
   Dual 2A High-Speed, Low-Side Gate Drivers
FAN3228 FAIRCHILD-FAN3228_10 Datasheet
1Mb / 25P
   Dual 2A High-Speed, Low-Side Gate Drivers
FAN3226 FAIRCHILD-FAN3226_12 Datasheet
1Mb / 24P
   Dual 2A High-Speed, Low-Side Gate Drivers
FAN3216 FAIRCHILD-FAN3216_12 Datasheet
1Mb / 18P
   Dual-2A, High-Speed, Low-Side Gate Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com