Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FAN3227C Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # FAN3227C
Description  Single 2A High-Speed, Low-Side Gate Driver
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN3227C Datasheet(HTML) 1 Page - Fairchild Semiconductor

  FAN3227C Datasheet HTML 1Page - Fairchild Semiconductor FAN3227C Datasheet HTML 2Page - Fairchild Semiconductor FAN3227C Datasheet HTML 3Page - Fairchild Semiconductor FAN3227C Datasheet HTML 4Page - Fairchild Semiconductor FAN3227C Datasheet HTML 5Page - Fairchild Semiconductor FAN3227C Datasheet HTML 6Page - Fairchild Semiconductor FAN3227C Datasheet HTML 7Page - Fairchild Semiconductor FAN3227C Datasheet HTML 8Page - Fairchild Semiconductor FAN3227C Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
January 2011
© 2007 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN3100 • Rev. 1.0.3
FAN3100
Single 2A High-Speed, Low-Side Gate Driver
Features
3A Peak Sink/Source at V
DD = 12V
4.5 to 18V Operating Range
2.5A Sink / 1.8A Source at V
OUT = 6V
Dual-Logic Inputs Allow Configuration as
Non-Inverting or Inverting with Enable Function
Internal Resistors Turn Driver Off If No Inputs
13ns Typical Rise Time and 9ns Typical Fall-Time
with 1nF Load
Choice of TTL or CMOS Input Thresholds
MillerDrive™ Technology
Typical Propagation Delay Time Under 20ns with
Input Falling or Rising
6-Lead 2x2mm MLP or 5-Pin SOT23 Packages
Rated from –40°C to 125°C Ambient
Applications
Switch-Mode Power Supplies
High-Efficiency MOSFET Switching
Synchronous Rectifier Circuits
DC-to-DC Converters
Motor Control
Description
The FAN3100 2A gate driver is designed to drive an N-
channel enhancement-mode MOSFET in low-side
switching applications by providing high peak current
pulses during the short switching intervals. The driver is
available with either TTL (FAN3100T) or CMOS
(FAN3100C) input thresholds. Internal circuitry provides
an under-voltage lockout function by holding the output
low until the supply voltage is within the operating range.
The
FAN3100
delivers
fast
MOSFET
switching
performance, which helps maximize efficiency in high-
frequency power converter designs.
FAN3100 drivers incorporate MillerDrive™ architecture
for the final output stage. This bipolar-MOSFET
combination provides high peak current during the Miller
plateau stage of the MOSFET turn-on / turn-off process
to minimize switching loss, while providing rail-to-rail
voltage swing and reverse current capability.
The FAN3100 also offers dual inputs that can be
configured to operate in non-inverting or inverting mode
and allow implementation of an enable function. If one or
both inputs are left unconnected, internal resistors bias
the inputs such that the output is pulled low to hold the
power MOSFET off.
The FAN3100 is available in a lead-free finish 2x2mm 6-
lead Molded Leadless Package (MLP), for smallest size
with excellent thermal performance, or industry-standard
5-pin SOT23.
Functional Pin Configurations
Figure 1. 2x2mm 6-Lead MLP (Top View)
Figure 2. SOT23-5 (Top View)


Similar Part No. - FAN3227C

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN3227C FAIRCHILD-FAN3227C Datasheet
465Kb / 12P
   Application Review and Comparative Evaluation of Low-Side Gate Drivers
FAN3227C FAIRCHILD-FAN3227C Datasheet
1Mb / 18P
   Single 1A High-Speed, Low-Side Gate Driver
FAN3227C FAIRCHILD-FAN3227C Datasheet
1Mb / 18P
   Dual-4A, High-Speed, Low-Side Gate Drivers
FAN3227C FAIRCHILD-FAN3227C Datasheet
1Mb / 18P
   Dual-2A, High-Speed, Low-Side Gate Drivers
FAN3227C FAIRCHILD-FAN3227C Datasheet
1Mb / 25P
   Dual 4A High-Speed, Low-Side Gate Drivers
More results

Similar Description - FAN3227C

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN3100 FAIRCHILD-FAN3100_08 Datasheet
1Mb / 21P
   Single 2A High-Speed, Low-Side Gate Driver
FAN3100 FAIRCHILD-FAN3100 Datasheet
886Kb / 19P
   Single 2A High-Speed, Low-Side Gate Driver
FAN3100 FAIRCHILD-FAN3100_09 Datasheet
1Mb / 21P
   Single 2A High-Speed, Low-Side Gate Driver
logo
ON Semiconductor
FAN3181 ONSEMI-FAN3181 Datasheet
984Kb / 21P
   Single 2A High-Speed, Low-Side IGBT Driver
December 2016- Rev. 1.0
logo
Fairchild Semiconductor
FAN3111 FAIRCHILD-FAN3111_11 Datasheet
1Mb / 18P
   Single 1A High-Speed, Low-Side Gate Driver
logo
Texas Instruments
UCC27517A-Q1 TI1-UCC27517A-Q1_15 Datasheet
1Mb / 31P
[Old version datasheet]   Single-Channel High-Speed Low-Side Gate Driver
UCC27511_1209 TI1-UCC27511_1209 Datasheet
1Mb / 32P
[Old version datasheet]   Single Channel High-Speed, Low-Side Gate Driver
logo
Fairchild Semiconductor
FAN3121 FAIRCHILD-FAN3121_12 Datasheet
1Mb / 20P
   Single 9A High-Speed, Low-Side Gate Driver
FAN3121 FAIRCHILD-FAN3121 Datasheet
1Mb / 21P
   Single 9A High-Speed, Low-Side Gate Driver
logo
ON Semiconductor
FAN3111 ONSEMI-FAN3111 Datasheet
919Kb / 19P
   Single 1A High-Speed, Low-Side Gate Driver
January 2015 Rev. 1.6
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com