Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FAN3226T Datasheet(PDF) 7 Page - Fairchild Semiconductor

Part # FAN3226T
Description  Single 1A High-Speed, Low-Side Gate Driver
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN3226T Datasheet(HTML) 7 Page - Fairchild Semiconductor

Back Button FAN3226T Datasheet HTML 3Page - Fairchild Semiconductor FAN3226T Datasheet HTML 4Page - Fairchild Semiconductor FAN3226T Datasheet HTML 5Page - Fairchild Semiconductor FAN3226T Datasheet HTML 6Page - Fairchild Semiconductor FAN3226T Datasheet HTML 7Page - Fairchild Semiconductor FAN3226T Datasheet HTML 8Page - Fairchild Semiconductor FAN3226T Datasheet HTML 9Page - Fairchild Semiconductor FAN3226T Datasheet HTML 10Page - Fairchild Semiconductor FAN3226T Datasheet HTML 11Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
© 2008 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN3111 • Rev. 1.0.2
7
Typical Performance Characteristics
Typical characteristics are provided at 25°C, VDD = 12V, and VXREF = 3.3V unless otherwise noted.
0.0
0.5
1.0
1.5
2.0
2.5
4
6
8
1012
1416
18
Supply Voltage (V)
FAN3111C
Inputs Floating, Output Low
0.0
0.5
1.0
1.5
2.0
2.5
4
6
8
1012
1416
18
Supply Voltage (V)
FAN3111E
Inputs Floating, Output Low
Figure 7.
IDD (Static) vs. Supply Voltage
Figure 8.
IDD (Static) vs. Supply Voltage
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
0
200
400
600
800
1000
Sw itching Frequency (kHz)
FAN3111C
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
0
200
400
600
800
1000
Sw itching Frequency (kHz)
V
DD = 15V
V
DD = 12V
V
DD =8V
V
DD =4.5V
FAN3111C
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
0
200
400
600
800
1000
Sw itching Frequency (kHz)
FAN3111E
V
DD = 15V
V
DD =12V
V
DD =8V
V
DD =4.5V
Figure 9.
IDD (No-Load) vs. Frequency
Figure 10.
IDD (No-Load) vs. Frequency
0
1
2
3
4
5
6
7
8
9
0
200
400
600
800
1000
Sw itching Frequency (kHz)
FAN3111C
V
DD =15V
V
DD =12V
V
DD =8V
V
DD = 4.5V
0
1
2
3
4
5
6
7
8
9
0
200
400
600
800
1000
Sw itching Frequency (kHz)
FAN3111E
V
DD =15 V
V
DD =12 V
V
DD =8 V
V
DD =4.5 V
Figure 11.
IDD (470pF Load) vs. Frequency
Figure 12.
IDD (470pF Load) vs. Frequency


Similar Part No. - FAN3226T

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN3226T FAIRCHILD-FAN3226T Datasheet
465Kb / 12P
   Application Review and Comparative Evaluation of Low-Side Gate Drivers
FAN3226T FAIRCHILD-FAN3226T Datasheet
1Mb / 22P
   Single 2A High-Speed, Low-Side Gate Driver
FAN3226T FAIRCHILD-FAN3226T Datasheet
1Mb / 18P
   Dual-4A, High-Speed, Low-Side Gate Drivers
FAN3226T FAIRCHILD-FAN3226T Datasheet
1Mb / 18P
   Dual-2A, High-Speed, Low-Side Gate Drivers
FAN3226T FAIRCHILD-FAN3226T Datasheet
1Mb / 25P
   Dual 4A High-Speed, Low-Side Gate Drivers
More results

Similar Description - FAN3226T

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FAN3111 ONSEMI-FAN3111 Datasheet
919Kb / 19P
   Single 1A High-Speed, Low-Side Gate Driver
January 2015 Rev. 1.6
logo
Fairchild Semiconductor
FAN3111 FAIRCHILD-FAN3111 Datasheet
883Kb / 18P
   Single 1A High-Speed, Low-Side Gate Driver
logo
Texas Instruments
UCC27517A-Q1 TI1-UCC27517A-Q1_15 Datasheet
1Mb / 31P
[Old version datasheet]   Single-Channel High-Speed Low-Side Gate Driver
UCC27511_1209 TI1-UCC27511_1209 Datasheet
1Mb / 32P
[Old version datasheet]   Single Channel High-Speed, Low-Side Gate Driver
logo
Fairchild Semiconductor
FAN3121 FAIRCHILD-FAN3121_12 Datasheet
1Mb / 20P
   Single 9A High-Speed, Low-Side Gate Driver
FAN3100 FAIRCHILD-FAN3100 Datasheet
886Kb / 19P
   Single 2A High-Speed, Low-Side Gate Driver
FAN3121 FAIRCHILD-FAN3121 Datasheet
1Mb / 21P
   Single 9A High-Speed, Low-Side Gate Driver
FAN3100 FAIRCHILD-FAN3100_09 Datasheet
1Mb / 21P
   Single 2A High-Speed, Low-Side Gate Driver
FAN3100 FAIRCHILD-FAN3100_08 Datasheet
1Mb / 21P
   Single 2A High-Speed, Low-Side Gate Driver
logo
Texas Instruments
UCC27518 TI1-UCC27518 Datasheet
671Kb / 24P
[Old version datasheet]   Single Channel High-Speed, Low-Side Gate Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com