Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FAN3227T Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # FAN3227T
Description  Single 1A High-Speed, Low-Side Gate Driver
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN3227T Datasheet(HTML) 2 Page - Fairchild Semiconductor

  FAN3227T Datasheet HTML 1Page - Fairchild Semiconductor FAN3227T Datasheet HTML 2Page - Fairchild Semiconductor FAN3227T Datasheet HTML 3Page - Fairchild Semiconductor FAN3227T Datasheet HTML 4Page - Fairchild Semiconductor FAN3227T Datasheet HTML 5Page - Fairchild Semiconductor FAN3227T Datasheet HTML 6Page - Fairchild Semiconductor FAN3227T Datasheet HTML 7Page - Fairchild Semiconductor FAN3227T Datasheet HTML 8Page - Fairchild Semiconductor FAN3227T Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
© 2008 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN3111 • Rev. 1.0.2
2
Ordering Information
Part Number
Input
Threshold
Package
Packing Method
Quantity per
Reel
FAN3111CSX
CMOS
5-Pin SOT23
Tape & Reel
3,000
FAN3111ESX
External
5-Pin SOT23
Tape & Reel
3,000
Thermal Characteristics(1)
Package
JL
(2)
JT
(3)
JA
(4)
JB
(5)
JT
(6)
Units
5-Pin SOT23
58
102
161
53
6
°C/W
Notes:
1.
Estimates derived from thermal simulation; actual values depend on the application.
2.
Theta_JL (
JL): Thermal resistance between the semiconductor junction and the bottom surface of all the leads
(including any thermal pad) that are typically soldered to a PCB.
3.
Theta_JT (
JT): Thermal resistance between the semiconductor junction and the top surface of the package,
assuming it is held at a uniform temperature by a top-side heatsink.
4.
Theta_JA (ΘJA): Thermal resistance between junction and ambient, dependent on the PCB design, heat sinking,
and airflow. The value given is for natural convection with no heatsink using a 2S2P board,, as specified in
JEDEC standards JESD51-2, JESD51-5, and JESD51-7, as appropriate.
5.
Psi_JB (
JB): Thermal characterization parameter providing correlation between semiconductor junction
temperature and an application circuit board reference point for the thermal environment defined in Note 4. For
the MLP-8 package, the board reference is defined as the PCB copper connected to the thermal pad and
protruding from either end of the package. For the SOIC-8 package, the board reference is defined as the PCB
copper adjacent to pin 6.
6.
Psi_JT (
JT): Thermal characterization parameter providing correlation between the semiconductor junction
temperature and the center of the top of the package for the thermal environment defined in Note 4.
Pin Definitions
Pin #
Name Description
1
VDD
Supply Voltage. Provides power to the IC.
2
GND
Ground. Common ground reference for input and output circuits.
3
IN+
Non-Inverting Input. Connect to VDD to enable output.
4
IN–
FAN3111C Inverting Input. Connect to GND to enable output.
XREF
FAN3111E External Reference Voltage. Reference for input thresholds, 2V to 5V.
5
OUT
Gate Drive Output. Held low unless required inputs are present.
Output Logic with Dual-Input Configuration
IN+
IN−
OUT
0
(7)
0
0
0
(7)
1
(7)
0
1
0
1
1
1
(7)
0
Note:
7.
Default input signal if no external connection is made.


Similar Part No. - FAN3227T

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN3227T FAIRCHILD-FAN3227T Datasheet
465Kb / 12P
   Application Review and Comparative Evaluation of Low-Side Gate Drivers
FAN3227T FAIRCHILD-FAN3227T Datasheet
1Mb / 22P
   Single 2A High-Speed, Low-Side Gate Driver
FAN3227T FAIRCHILD-FAN3227T Datasheet
1Mb / 18P
   Dual-4A, High-Speed, Low-Side Gate Drivers
FAN3227T FAIRCHILD-FAN3227T Datasheet
1Mb / 18P
   Dual-2A, High-Speed, Low-Side Gate Drivers
FAN3227T FAIRCHILD-FAN3227T Datasheet
1Mb / 25P
   Dual 4A High-Speed, Low-Side Gate Drivers
More results

Similar Description - FAN3227T

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FAN3111 ONSEMI-FAN3111 Datasheet
919Kb / 19P
   Single 1A High-Speed, Low-Side Gate Driver
January 2015 Rev. 1.6
logo
Fairchild Semiconductor
FAN3111 FAIRCHILD-FAN3111 Datasheet
883Kb / 18P
   Single 1A High-Speed, Low-Side Gate Driver
logo
Texas Instruments
UCC27517A-Q1 TI1-UCC27517A-Q1_15 Datasheet
1Mb / 31P
[Old version datasheet]   Single-Channel High-Speed Low-Side Gate Driver
UCC27511_1209 TI1-UCC27511_1209 Datasheet
1Mb / 32P
[Old version datasheet]   Single Channel High-Speed, Low-Side Gate Driver
logo
Fairchild Semiconductor
FAN3121 FAIRCHILD-FAN3121_12 Datasheet
1Mb / 20P
   Single 9A High-Speed, Low-Side Gate Driver
FAN3100 FAIRCHILD-FAN3100 Datasheet
886Kb / 19P
   Single 2A High-Speed, Low-Side Gate Driver
FAN3121 FAIRCHILD-FAN3121 Datasheet
1Mb / 21P
   Single 9A High-Speed, Low-Side Gate Driver
FAN3100 FAIRCHILD-FAN3100_09 Datasheet
1Mb / 21P
   Single 2A High-Speed, Low-Side Gate Driver
FAN3100 FAIRCHILD-FAN3100_08 Datasheet
1Mb / 21P
   Single 2A High-Speed, Low-Side Gate Driver
logo
Texas Instruments
UCC27518 TI1-UCC27518 Datasheet
671Kb / 24P
[Old version datasheet]   Single Channel High-Speed, Low-Side Gate Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com