Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FAN3278TMX Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # FAN3278TMX
Description  30V PMOS-NMOS Bridge Driver
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN3278TMX Datasheet(HTML) 5 Page - Fairchild Semiconductor

  FAN3278TMX Datasheet HTML 1Page - Fairchild Semiconductor FAN3278TMX Datasheet HTML 2Page - Fairchild Semiconductor FAN3278TMX Datasheet HTML 3Page - Fairchild Semiconductor FAN3278TMX Datasheet HTML 4Page - Fairchild Semiconductor FAN3278TMX Datasheet HTML 5Page - Fairchild Semiconductor FAN3278TMX Datasheet HTML 6Page - Fairchild Semiconductor FAN3278TMX Datasheet HTML 7Page - Fairchild Semiconductor FAN3278TMX Datasheet HTML 8Page - Fairchild Semiconductor FAN3278TMX Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
© 2010 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN3278 • Rev. 1.0.0
5
Absolute Maximum Ratings
Stresses exceeding the absolute maximum ratings may damage the device. The device may not function or be
operable above the recommended operating conditions and stressing the parts to these levels is not recommended.
In addition, extended exposure to stresses above the recommended operating conditions may affect device reliability.
The absolute maximum ratings are stress ratings only.
Symbol
Parameter
Min.
Max.
Unit
VDD
VDD to PGND
-0.3
30.0
V
VEN
ENA, ENB to GND
GND - 0.3 VDD + 0.3
V
VIN
INA, INB to GND
GND - 0.3 VDD + 0.3
V
VOUT
OUTA, OUTB to GND
GND - 0.3 VDD + 0.3
V
TL
Lead Soldering Temperature (10 Seconds)
+260
ºC
TJ
Junction Temperature
-55
+150
ºC
TSTG
Storage Temperature
-65
+150
ºC
ESD
Electrostatic Discharge
Protection Level
Human Body Model, JEDEC JESD22-A114
2
kV
Charged Device Model, JEDEC JESD22-C101
2
Recommended Operating Conditions
The Recommended Operating Conditions table defines the conditions for actual device operation. Recommended
operating conditions are specified to ensure optimal performance to the datasheet specifications. Fairchild does not
recommend exceeding them or designing to Absolute Maximum Ratings.
Symbol
Parameter
Min.
Max.
Unit
VDD
Supply Voltage Range
8
27
V
VEN
Enable Voltage (ENA, ENB)
0
VDD
V
VIN
Input Voltage (INA, INB)
0
VDD
V
TA
Operating Ambient Temperature
-40
+125
°C


Similar Part No. - FAN3278TMX

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FAN3278TMX ONSEMI-FAN3278TMX Datasheet
769Kb / 17P
   30V PMOS-NMOS Bridge Driver
July 2012 Rev. 1.0.1
More results

Similar Description - FAN3278TMX

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FAN3278 ONSEMI-FAN3278 Datasheet
769Kb / 17P
   30V PMOS-NMOS Bridge Driver
July 2012 Rev. 1.0.1
FAN3268 ONSEMI-FAN3268 Datasheet
1Mb / 17P
   2A Low-Voltage PMOS-NMOS Bridge Driver
September-2017, Rev. 2
logo
Fairchild Semiconductor
FAN3268 FAIRCHILD-FAN3268_11 Datasheet
1Mb / 16P
   2A Low-Voltage PMOS-NMOS Bridge Driver
FAN3268 FAIRCHILD-FAN3268 Datasheet
815Kb / 16P
   2A Low-Voltage PMOS-NMOS Bridge Driver
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-339J AVAGO-ACPL-339J Datasheet
948Kb / 23P
   Dual output drive for external NMOS and PMOS buffer
logo
New Japan Radio
NJW4800 NJRC-NJW4800 Datasheet
218Kb / 16P
   30V/4A Half Bridge Driver
logo
List of Unclassifed Man...
MC1203N ETC-MC1203N Datasheet
281Kb / 4P
   LSI PMOS
logo
STMicroelectronics
L9959 STMICROELECTRONICS-L9959 Datasheet
828Kb / 49P
   Single and dual PMOS high-side H-bridge
October 2015 Rev 2
L9959S STMICROELECTRONICS-L9959S Datasheet
1Mb / 43P
   Single and dual PMOS high-side H-bridge
September 2013 Rev 6
logo
Hamamatsu Corporation
C7885 HAMAMATSU-C7885 Datasheet
219Kb / 4P
   Driver circuit for NMOS linear image sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com