Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FAN48002S Datasheet(PDF) 9 Page - Fairchild Semiconductor

Part # FAN48002S
Description  PFC/PWM Controller Combination
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN48002S Datasheet(HTML) 9 Page - Fairchild Semiconductor

Back Button FAN48002S Datasheet HTML 5Page - Fairchild Semiconductor FAN48002S Datasheet HTML 6Page - Fairchild Semiconductor FAN48002S Datasheet HTML 7Page - Fairchild Semiconductor FAN48002S Datasheet HTML 8Page - Fairchild Semiconductor FAN48002S Datasheet HTML 9Page - Fairchild Semiconductor FAN48002S Datasheet HTML 10Page - Fairchild Semiconductor FAN48002S Datasheet HTML 11Page - Fairchild Semiconductor FAN48002S Datasheet HTML 12Page - Fairchild Semiconductor FAN48002S Datasheet HTML 13Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
© 2010 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN4800AS/CS/01S/02S • Rev. 1.0.1
9
Electrical Characteristics (Continued)
Unless otherwise noted, VDD=15V, TA= 25°C, TA=TJ, RT=6.8kΩ, and CT=1000pF.
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
Voltage Error Amplifier
VREF
Reference Voltage
2.45
2.50
2.55
V
AV
Open-Loop Gain
(3)
35
42
dB
Gmv
Transconductance
VNONINV=VINV, VVEA=3.75V
50
70
90
umho
IFBPFC-L
Maximum Source Current
VFBPFC=2V, VVEA=1.5V
40
50
µA
IFBPFC-H
Maximum Sink Current
VFBPFC=3V, VVEA=6V
-50
-40
µA
IBS
Input Bias Current
-1
1
µA
VVEA-H
Output High Voltage on VVEA
5.8
6.0
V
VVEA-L
Output Low Voltage on VVEA
0.1
0.4
V
Current Error Amplifier
GmI
Transconductance
VNONINV=VINV, VIEA=3.75V
78
88
100
umho
VOFFSET
Input Offset Voltage
VVEA=0V, IAC Open
-10
10
mV
VIEA-H
Output High Voltage
6.8
7.4
8.0
V
VIEA-L
Output Low Voltage
0.1
0.4
V
IL
Source Current
VISENSE=-0.6V, VIEA=1.5V
35
50
µA
IH
Sink Current
VISENSE=+0.6V, VIEA=4.0V
-50
-35
µA
AI
(3)
Open-Loop Gain
40
50
dB
TriFault Detect™
tFBPFC_OPEN
Time to FBPFC Open
VFBPFC=VPFC-UVP to FBPFC OPEN,
470pF from FBPFC to GND
2
4
ms
VPFC-UVP
PFC Feedback Under-Voltage
Protection
0.4
0.5
0.6
V
Gain Modulator
IAC
Input for AC Current
(3)
Multiplier Linear Range
0
100
µA
GAIN
GAIN Modulator
(4)
IAC=17.67µA, VRMS=1.080V
VFBPFC=2.25V
7.500
9.000 10.500
IAC=20.00µA, VRMS=1.224V
VFBPFC=2.25V
6.367
7.004
7.704
IAC=25.69µA, VRMS=1.585V
VFBPFC=2.25V
3.801
4.182
4.600
IAC=51.62µA, VRMS=3.169V
VFBPFC=2.25V
0.950
1.045
1.149
IAC=62.23µA, VRMS=3.803V
VFBPFC=2.25V
0.660
0.726
0.798
BW
Bandwidth
(3)
IAC=40µA
2
kHz
VO(gm)
Output Voltage=5.7kΩ × (ISENSE-
IOFFSET)
IAC=20µA, VRMS=1.224V
VFBPFC=2.25V
0.710
0.798
0.885
V
PFC ILIMIT Comparator
VPFC-ILIMIT
Peak Current Limit Threshold
Voltage, Cycle-by-Cycle Limit
-1.35
-1.20
-1.05
V
ΔVPK
PFC ILIMIT-Gain Modulator Output
IAC=17.67µA, VRMS=1.08V
VFBPFC=2.25V
200
mV
Continued on the following page…


Similar Part No. - FAN48002S

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN4800 FAIRCHILD-FAN4800 Datasheet
315Kb / 20P
   Low Start-Up Current PFC/PWM Controller Combos
FAN4800 FAIRCHILD-FAN4800 Datasheet
411Kb / 19P
   Low Startup Current PFC/PWM Controller Combinations
FAN4800A FAIRCHILD-FAN4800A Datasheet
659Kb / 24P
   PFC/PWM Controller Combination
FAN4800A FAIRCHILD-FAN4800A Datasheet
647Kb / 24P
   PFC/PWM Controller Combination
FAN4800AMY FAIRCHILD-FAN4800AMY Datasheet
659Kb / 24P
   PFC/PWM Controller Combination
More results

Similar Description - FAN48002S

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN4800AU FAIRCHILD-FAN4800AU Datasheet
987Kb / 20P
   PFC/ PWM Controller Combination
AN-8027 FAIRCHILD-AN-8027 Datasheet
620Kb / 17P
   PFCPWM Combination Controller
FAN4800A FAIRCHILD-FAN4800A_09 Datasheet
647Kb / 24P
   PFC/PWM Controller Combination
FAN4800AUN FAIRCHILD-FAN4800AUN Datasheet
987Kb / 20P
   PFC/ PWM Controller Combination
FAN4800A FAIRCHILD-FAN4800A Datasheet
659Kb / 24P
   PFC/PWM Controller Combination
FAN3988IL6X-F113 FAIRCHILD-FAN3988IL6X-F113 Datasheet
992Kb / 21P
   PFC/ PWM Controller Combination
logo
Texas Instruments
UCC28500-12 TI1-UCC28500-12 Datasheet
914Kb / 35P
[Old version datasheet]   BiCMOS PFC/PWM COMBINATION CONTROLLER
UCC28521 TI1-UCC28521_16 Datasheet
790Kb / 34P
[Old version datasheet]   ADVANCED PFC/PWM COMBINATION CONTROLLER
UCC28500 TI-UCC28500 Datasheet
571Kb / 31P
[Old version datasheet]   BICMOS PFC/PWM COMBINATION CONTROLLER
UCC18500 TI-UCC18500 Datasheet
91Kb / 8P
[Old version datasheet]   BiCMOS PFC/PWM Combination Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com