Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

4TPB330ML Datasheet(PDF) 6 Page - Fairchild Semiconductor

Part # 4TPB330ML
Description  Dual DDR / Dual-Output PWM Controller
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

4TPB330ML Datasheet(HTML) 6 Page - Fairchild Semiconductor

Back Button 4TPB330ML Datasheet HTML 2Page - Fairchild Semiconductor 4TPB330ML Datasheet HTML 3Page - Fairchild Semiconductor 4TPB330ML Datasheet HTML 4Page - Fairchild Semiconductor 4TPB330ML Datasheet HTML 5Page - Fairchild Semiconductor 4TPB330ML Datasheet HTML 6Page - Fairchild Semiconductor 4TPB330ML Datasheet HTML 7Page - Fairchild Semiconductor 4TPB330ML Datasheet HTML 8Page - Fairchild Semiconductor 4TPB330ML Datasheet HTML 9Page - Fairchild Semiconductor 4TPB330ML Datasheet HTML 10Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
© 2005 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN5026 • Rev. 1.0.8
6
Electrical Characteristics
Recommended operating conditions, unless otherwise noted.
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Units
Power Supplies
IVCC
VCC Current
LDRV, HDRV Open, VSEN Forced
Above Regulation Point
2.2
3.0
A
Shutdown (EN-0)
30
A
ISINK
VIN Current, Sinking
VIN = 15V
10
30
A
ISOURCE
VIN Current, Sourcing
VIN = 0V
-15
-30
A
ISD
VIN Current, Shutdown
1
A
VUVLO
UVLO Threshold
Rising VCC
4.30
4.55
4.75
V
Falling
4.10
4.25
4.45
V
VUVLOH
UVLO Hysteresis
300
mV
Oscillator
fosc
Frequency
255
300
345
KHz
VPP
Ramp Amplitude
VIN = 16V
2
V
VIN = 5V
1.25
V
VRAMP
Ramp Offset
0.5
V
G
Ramp / VIN Gain
VIN ≤ 3V
125
mV/V
1V < VIN < 3V
250
mV/V
Reference and Soft-Start
VREF
Internal Reference Voltage
0.891
0.900
0.909
V
ISS
Soft-Start Current
At Startup
5
A
VSS
Soft-Start Complete Threshold
1.5
V
PWM Converters
Load Regulation
IOUTX from 0 to 5A, VIN from 5 to 15V
-2
+2
%
ISEN
VSEN Bias Current
50
80
120
nA
UVLOTSD Under-Voltage Shutdown
% of Set Point, 2 s Noise Filter
70
75
80
%
UVLO
Over-Voltage Threshold
% of Set Point, 2 s Noise Filter
115
120
125
%
ISNS
Over-Current Threshold
RILIM= 68.5KΩ, Figure 12
112
140
168
A
Minimum Duty Cycle
10
%
Output Drivers
HDRV Output Resistance
Sourcing
12
15
Sinking
2.4
4.0
LDRV Output Resistance
Sourcing
12
15
Sinking
1.2
2.0
Power-Good Output and Control Pins
Lower Threshold
% of Set Point, 2 s Noise Filter
-86
-94
%
Upper Threshold
% of Set Point, 2 s Noise Filter
108
116
%
PG Output Low
IPG = 4mA
0.5
V
Leakage Current
VPULLUP = 5V
1
A
PG2/REF2OUT Voltage
DDR = 1, 0 mA < IREF2OUT ≤10mA
99.00
1.01
%
VREF2
DDR, EN Inputs
VINH
Input High
2
V
VINL
Input Low
0.8
V


Similar Part No. - 4TPB330ML

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
4TPB330ML SANYO-4TPB330ML Datasheet
103Kb / 2P
   standard products corresponding to the diversification of the needs
logo
Panasonic Semiconductor
4TPB330ML PANASONIC-4TPB330ML Datasheet
53Kb / 1P
   Surface Mount Type
More results

Similar Description - 4TPB330ML

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN5026 FAIRCHILD-FAN5026 Datasheet
174Kb / 17P
   Dual DDR/Dual-output PWM Controller
FAN5236 FAIRCHILD-FAN5236_10 Datasheet
501Kb / 19P
   Dual Mobile-Friendly DDR / Dual-Output PWM Controller
logo
ON Semiconductor
FAN5236 ONSEMI-FAN5236 Datasheet
453Kb / 19P
   Dual Mobile-Friendly DDR / Dual-Output PWM Controller
Nov ember-2017, Rev. 2
logo
Fairchild Semiconductor
FAN5236 FAIRCHILD-FAN5236_04 Datasheet
234Kb / 20P
   Dual Mobile-Friendly DDR / Dual-output PWM Controller
FAN5236 FAIRCHILD-FAN5236 Datasheet
199Kb / 20P
   Dual Mobile-Friendly DDR / Dual-output PWM Controller
logo
ON Semiconductor
NCP5201 ONSEMI-NCP5201 Datasheet
69Kb / 10P
   Dual Output DDR Power Controller
September, 2004 ??Rev. 9
NCP5201 ONSEMI-NCP5201_06 Datasheet
83Kb / 9P
   Dual Output DDR Power Controller
April, 2006 ??Rev. 11
logo
Intersil Corporation
ISL6227 INTERSIL-ISL6227_07 Datasheet
861Kb / 28P
   Dual Mobile-Friendly PWM Controller with DDR Option
ISL6227 INTERSIL-ISL6227 Datasheet
840Kb / 27P
   Dual Mobile-Friendly PWM Controller with DDR Option
ISL6227 INTERSIL-ISL6227 Datasheet
897Kb / 26P
   Dual Mobile-Friendly PWM Controller with DDR Option
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com