Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FAN5362UC25X Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # FAN5362UC25X
Description  3MHz, 500mA / 750mA Synchronous Buck Regulator
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN5362UC25X Datasheet(HTML) 1 Page - Fairchild Semiconductor

  FAN5362UC25X Datasheet HTML 1Page - Fairchild Semiconductor FAN5362UC25X Datasheet HTML 2Page - Fairchild Semiconductor FAN5362UC25X Datasheet HTML 3Page - Fairchild Semiconductor FAN5362UC25X Datasheet HTML 4Page - Fairchild Semiconductor FAN5362UC25X Datasheet HTML 5Page - Fairchild Semiconductor FAN5362UC25X Datasheet HTML 6Page - Fairchild Semiconductor FAN5362UC25X Datasheet HTML 7Page - Fairchild Semiconductor FAN5362UC25X Datasheet HTML 8Page - Fairchild Semiconductor FAN5362UC25X Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
November 2010
© 2009 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN5362 • Rev. 1.0.1
FAN5362
3MHz, 500mA / 750mA Synchronous Buck Regulator
Features
3MHz Fixed-Frequency Operation
45µA Typical Quiescent Current
1.80 to 3.6V Fixed Output Voltage
500mA or 750mA Output Current Capability
2.7V to 5.5V Input Voltage Range
Smooth Transitions to/from 100% Duty Cycle
when VIN Drops
PFM Mode for High Efficiency in Light Load
Best-in-Class Load Transient Response
Best-in-Class Efficiency
Forced PWM and External Clock Synchronization
Internal Soft-Start
Input Under-Voltage Lockout (UVLO)
Thermal Shutdown and Overload Protection
6-Bump WLCSP, 0.4mm Pitch or 6-Lead 2 x 2mm
Ultrathin Molded Leadless Package
Applications
SD Flash Memory Power Supply
RF Transeiver Power
Cell Phones, Smart Phones
Tablets, Netbooks
®, Ultra-Mobile PCs
3G, LTE, WiMAX™, WiBro
®, and WiFi® Data Cards
Gaming Devices, Digital CamerasDC/DC Micro Modules
Description
The FAN5362 is a 500mA or 705mA, step-down, switching
voltage regulator that delivers a fixed output voltage from
an input voltage supply of 2.7V to 5.5V. Using a proprietary
architecture with synchronous rectification, the FAN5362 is
capable of delivering a peak efficiency of 96%, while
maintaining efficiency over 90% with load currents as
low as 1mA.
This regulator transitions seamlessly into and out of 100%
duty cycle operation when the supply dips to or below the
regulation setpoint and smoothly recovers full regulation
without overshoot when the supply recovers.
The regulator operates at a nominal fixed frequency of
3MHz, which reduces the value of the external components
to 1µH for the output inductor and 4.7µF for the output
capacitor. The PWM modulator can be synchronized to an
external frequency source.
At moderate and light loads, pulse frequency modulation is
used to operate the device in power-save mode with a
typical quiescent current of 45µA. Even with such a low
quiescent current, the part exhibits excellent transient
response during large load swings. At higher loads, the
system automatically switches to fixed-frequency control,
operating at 3MHz. In shutdown mode, the supply current
drops below 1µA, reducing power consumption. For
applications that require minimum ripple or fixed frequency,
PFM mode can be disabled using the MODE pin.
The FAN5362 is available in 6-bump, 0.4mm pitch, Wafer-
Level Chip-Scale Package (WLCSP) and 6-Lead 2 x 2mm
Ultrathin Molded Leadless Package (UMLP).
Figure 1. Typical Application
Trademarks are the property of their respective owners.


Similar Part No. - FAN5362UC25X

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FAN5362UC25X ONSEMI-FAN5362UC25X Datasheet
1Mb / 16P
   3MHz, 500mA / 750mA Synchronous Buck Regulator
Rev. 1.0.5
More results

Similar Description - FAN5362UC25X

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FAN5362 ONSEMI-FAN5362 Datasheet
1Mb / 16P
   3MHz, 500mA / 750mA Synchronous Buck Regulator
Rev. 1.0.5
logo
Fairchild Semiconductor
FAN5353 FAIRCHILD-FAN5353 Datasheet
983Kb / 13P
   3MHz, 3A Synchronous Buck Regulator
FAN5354 FAIRCHILD-FAN5354_11 Datasheet
1Mb / 14P
   3MHz, 3A Synchronous Buck Regulator
FAN5354 FAIRCHILD-FAN5354 Datasheet
785Kb / 14P
   3MHz, 3A Synchronous Buck Regulator
FAN5361 FAIRCHILD-FAN5361_10 Datasheet
1Mb / 18P
   6MHz, 600mA / 750mA Synchronous Buck Regulator
logo
Micrel Semiconductor
MIC23451 MICREL-MIC23451 Datasheet
3Mb / 20P
   3MHz, 2A Triple Synchronous Buck Regulator
logo
Intersil Corporation
ISL85415 INTERSIL-ISL85415_13 Datasheet
1Mb / 24P
   Wide VIN 500mA Synchronous Buck Regulator
logo
Altera Corporation
ER3105DI ALTERA-ER3105DI Datasheet
3Mb / 25P
   500mA Wide VIN Synchronous Buck Regulator
logo
Renesas Technology Corp
ISL85415 RENESAS-ISL85415 Datasheet
1Mb / 24P
   Wide VIN 500mA Synchronous Buck Regulator
logo
Intersil Corporation
ISL85415 INTERSIL-ISL85415 Datasheet
1Mb / 23P
   Wide VIN 500mA Synchronous Buck Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com