Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FAN6753 Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # FAN6753
Description  Highly Integrated Green-Mode PWM Controller
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN6753 Datasheet(HTML) 5 Page - Fairchild Semiconductor

  FAN6753 Datasheet HTML 1Page - Fairchild Semiconductor FAN6753 Datasheet HTML 2Page - Fairchild Semiconductor FAN6753 Datasheet HTML 3Page - Fairchild Semiconductor FAN6753 Datasheet HTML 4Page - Fairchild Semiconductor FAN6753 Datasheet HTML 5Page - Fairchild Semiconductor FAN6753 Datasheet HTML 6Page - Fairchild Semiconductor FAN6753 Datasheet HTML 7Page - Fairchild Semiconductor FAN6753 Datasheet HTML 8Page - Fairchild Semiconductor FAN6753 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
© 2009 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN6753 • Rev. 1.0.3
5
Electrical Characteristics
VDD=15V and TA=25C unless otherwise noted.
Symbol
Parameter
Conditions
Min.
Typ. Max. Units
VDD Section
VOP
Continuously Operating Voltage
22
V
VDD-ON
Start Threshold Voltage
14.5
15.5
16.5
V
VDD-OFF
Minimum Operating Voltage
8.5
9.5
10.5
V
IDD-ST
Startup Current
VDD-ON – 0.16V
30
µA
IDD-OP
Operating Supply Current
VDD=15V, GATE Open
2.7
3.7
mA
IDD-OLP
Internal Sink Current
VTH-OLP+0.1V
30
60
90
µA
VTH-OLP
IDD-OLP Off Voltage
6.5
7.5
8.0
V
VDD-OVP
VDD Over-Voltage Protection
25
26
27
V
tD-VDDOVP
VDD Over-Voltage Protection Debounce Time
75
125
200
µs
HV Section
IHV
Supply Current Drawn from HV Pin
VAC=90V (VDC=120V),
VDD=0V
2.0
3.5
5.0
mA
IHV-LC
Leakage Current after Startup
HV=500V,
VDD=VDD-OFF+1V
1
20
µA
Oscillator Section
fOSC
Frequency in Nominal Mode
Center Frequency
62
65
68
KHz
Hopping Range
±3.7
±4.2
±4.7
tH-OP
Hopping Period
4.4
ms
fOSC-G
Green-Mode Frequency
18
22
26
KHz
fDV
Frequency Variation vs. VDD Deviation
VDD=11V to 22V
5
%
fDT
Frequency Variation vs. Temperature
Deviation
TA=-20 to 85C
5
%
Continued on the following page…
Figure 5. VFB vs. PWM Frequency
PWM Frequency
fOSC
fOSC-G
VFB-N
VFB-G
VFB


Similar Part No. - FAN6753

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN6753 FAIRCHILD-FAN6753 Datasheet
500Kb / 12P
   Highly Integrated Green-Mode PWM Controller
FAN6753 FAIRCHILD-FAN6753 Datasheet
342Kb / 11P
   Highly Integrated Green-Mode PWM Controller
FAN6753 FAIRCHILD-FAN6753 Datasheet
391Kb / 9P
   Design Guideline to Replace FAN6753 with FAN6755
FAN6753MY FAIRCHILD-FAN6753MY Datasheet
500Kb / 12P
   Highly Integrated Green-Mode PWM Controller
More results

Similar Description - FAN6753

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SG6846 ETC1-SG6846 Datasheet
3Mb / 14P
   Highly-Integrated Green-Mode PWM Controller
logo
Fairchild Semiconductor
SG6846A FAIRCHILD-SG6846A Datasheet
490Kb / 13P
   Highly Integrated Green-Mode PWM Controller
SG6741 FAIRCHILD-SG6741 Datasheet
619Kb / 13P
   Highly-Integrated Green-Mode PWM Controller
FAN6862WLTY FAIRCHILD-FAN6862WLTY Datasheet
2Mb / 16P
   Highly Integrated Green-Mode PWM Controller
SG6846B FAIRCHILD-SG6846B Datasheet
451Kb / 15P
   Highly Integrated Green-Mode PWM Controller
SG6741A FAIRCHILD-SG6741A Datasheet
557Kb / 12P
   Highly Integrated Green-Mode PWM Controller
SG6846A FAIRCHILD-SG6846A_08 Datasheet
476Kb / 15P
   Highly Integrated Green-Mode PWM Controller
SG6846G FAIRCHILD-SG6846G Datasheet
376Kb / 14P
   Highly Integrated Green-Mode PWM Controller
FAN6751MR FAIRCHILD-FAN6751MR Datasheet
468Kb / 13P
   Highly-Integrated Green-Mode PWM Controller
FAN6863RTY FAIRCHILD-FAN6863RTY Datasheet
1Mb / 16P
   Highly Integrated Green-Mode PWM Controller
SG5842A FAIRCHILD-SG5842A_09 Datasheet
573Kb / 15P
   Highly Integrated Green-Mode PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com