Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FAN6862 Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # FAN6862
Description  Highly Integrated Green-Mode PWM Controller
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN6862 Datasheet(HTML) 3 Page - Fairchild Semiconductor

  FAN6862 Datasheet HTML 1Page - Fairchild Semiconductor FAN6862 Datasheet HTML 2Page - Fairchild Semiconductor FAN6862 Datasheet HTML 3Page - Fairchild Semiconductor FAN6862 Datasheet HTML 4Page - Fairchild Semiconductor FAN6862 Datasheet HTML 5Page - Fairchild Semiconductor FAN6862 Datasheet HTML 6Page - Fairchild Semiconductor FAN6862 Datasheet HTML 7Page - Fairchild Semiconductor FAN6862 Datasheet HTML 8Page - Fairchild Semiconductor FAN6862 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
© 2009 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN6862 • Rev. 1.0.2
3
Marking Information
Figure 3. Top Mark
Pin Configuration
Figure 4. SSOT-6
Figure 5. DIP-8
Pin Definitions
Pin # DIP8
Pin #
SSOT-6
Name
Description
8
1
GND
Ground.
7
2
FB
Feedback. The FB pin provides the output voltage regulation signal. It
provides feedback to the internal PWM comparator, so that the PWM
comparator can control the duty cycle. This pin also provide for OLP: if VFB is
larger than the trigger level and delays for a long time, the controller stops
and restarts.
6
NC
No Connect Pin
5
3
RT
Temperature Detection. An external NTC thermistor is connected from this
pin to GND for over-temperature protection. The impedance of the NTC
decreases at high temperatures. Once the voltage of the RT pin drops below
a threshold,
PWM output is disabled.
4
4
SENSE
Current Sense. This pin senses the voltage across a resistor. When the
voltage reaches the internal threshold, PWM output is disabled. This activates
over-current protection. This pin also provides current amplitude information
for current-mode control.
3
NC
No Connect Pin
2
5
VDD
Power Supply.
1
6
GATE
Driver Output. The totem-pole output driver for driving the power MOSFET.
ABx:
ABD: FAN6862TY
TT:
Wafer Lot Code
:
Year Code
_ _ _
:
Week Code
F – Fairchild Logo
Z – Plant Code
X – 1-Digit Year Code
Y – 1-Digit Week Code
TT – 2-Digit Die Run Code
T – Package Type (N:DIP)
P – Y: Green Package
M – Manufacture Flow Code


Similar Part No. - FAN6862

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN6862 FAIRCHILD-FAN6862 Datasheet
529Kb / 15P
   Highly Integrated Green-Mode PWM Controller
FAN6862L FAIRCHILD-FAN6862L Datasheet
554Kb / 16P
   Highly Integrated Green-Mode PWM Controller
FAN6862LTY FAIRCHILD-FAN6862LTY Datasheet
554Kb / 16P
   Highly Integrated Green-Mode PWM Controller
FAN6862R FAIRCHILD-FAN6862R Datasheet
554Kb / 16P
   Highly Integrated Green-Mode PWM Controller
FAN6862RTY FAIRCHILD-FAN6862RTY Datasheet
554Kb / 16P
   Highly Integrated Green-Mode PWM Controller
More results

Similar Description - FAN6862

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SG6846 ETC1-SG6846 Datasheet
3Mb / 14P
   Highly-Integrated Green-Mode PWM Controller
logo
Fairchild Semiconductor
SG6846A FAIRCHILD-SG6846A Datasheet
490Kb / 13P
   Highly Integrated Green-Mode PWM Controller
SG6741 FAIRCHILD-SG6741 Datasheet
619Kb / 13P
   Highly-Integrated Green-Mode PWM Controller
FAN6862WLTY FAIRCHILD-FAN6862WLTY Datasheet
2Mb / 16P
   Highly Integrated Green-Mode PWM Controller
SG6846B FAIRCHILD-SG6846B Datasheet
451Kb / 15P
   Highly Integrated Green-Mode PWM Controller
SG6741A FAIRCHILD-SG6741A Datasheet
557Kb / 12P
   Highly Integrated Green-Mode PWM Controller
SG6846A FAIRCHILD-SG6846A_08 Datasheet
476Kb / 15P
   Highly Integrated Green-Mode PWM Controller
SG6846G FAIRCHILD-SG6846G Datasheet
376Kb / 14P
   Highly Integrated Green-Mode PWM Controller
FAN6751MR FAIRCHILD-FAN6751MR Datasheet
468Kb / 13P
   Highly-Integrated Green-Mode PWM Controller
FAN6863RTY FAIRCHILD-FAN6863RTY Datasheet
1Mb / 16P
   Highly Integrated Green-Mode PWM Controller
SG5842A FAIRCHILD-SG5842A_09 Datasheet
573Kb / 15P
   Highly Integrated Green-Mode PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com