Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FAN3213T Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # FAN3213T
Description  Dual 2A High-Speed, Low-Side Gate Drivers
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN3213T Datasheet(HTML) 1 Page - Fairchild Semiconductor

  FAN3213T Datasheet HTML 1Page - Fairchild Semiconductor FAN3213T Datasheet HTML 2Page - Fairchild Semiconductor FAN3213T Datasheet HTML 3Page - Fairchild Semiconductor FAN3213T Datasheet HTML 4Page - Fairchild Semiconductor FAN3213T Datasheet HTML 5Page - Fairchild Semiconductor FAN3213T Datasheet HTML 6Page - Fairchild Semiconductor FAN3213T Datasheet HTML 7Page - Fairchild Semiconductor FAN3213T Datasheet HTML 8Page - Fairchild Semiconductor FAN3213T Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
January 2011
© 2007 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN3226 / FAN3227 / FAN3228 / FAN3229 • Rev. 1.0.7
FAN3226 / FAN3227 / FAN3228 / FAN3229
Dual 2A High-Speed, Low-Side Gate Drivers
Features
Industry-Standard Pinouts
4.5 to 18V Operating Range
3A Peak Sink/Source at VDD = 12V
2.4A Sink / 1.6A Source at VOUT = 6V
Choice of TTL or CMOS Input Thresholds
Four Versions of Dual Independent Drivers:
-
Dual Inverting + Enable (FAN3226)
-
Dual Non-Inverting + Enable (FAN3227)
-
Dual Inputs in Two Pin-Out Configurations:
o
Compatible with FAN3225x (FAN3228)
o
Compatible with TPS2814D (FAN3229)
Internal Resistors Turn Driver Off If No Inputs
MillerDrive™ Technology
12ns / 9ns Typical Rise/Fall Times with 1nF Load
Typical Propagation Delay Under 20ns Matched
within 1ns to the Other Channel
Double Current Capability by Paralleling Channels
8-Lead 3x3mm MLP or 8-Lead SOIC Package
Rated from –40°C to +125°C Ambient
Applications
Switch-Mode Power Supplies
High-Efficiency MOSFET Switching
Synchronous Rectifier Circuits
DC-to-DC Converters
Motor Control
Servers
Description
The FAN3226-29 family of dual 2A gate drivers is
designed
to
drive
N-channel
enhancement-mode
MOSFETs in low-side switching applications by
providing high peak current pulses during the short
switching intervals. The driver is available with either
TTL or CMOS input thresholds. Internal circuitry
provides an under-voltage lockout function by holding
the output low until the supply voltage is within the
operating range. In addition, the drivers feature matched
internal propagation delays between A and B channels
for applications requiring dual gate drives with critical
timing, such as synchronous rectifiers. This enables
connecting two drivers in parallel to effectively double
the current capability driving a single MOSFET.
The
FAN322X
drivers
incorporate
MillerDrive™
architecture for the final output stage. This bipolar-
MOSFET combination provides high current during the
Miller plateau stage of the MOSFET turn-on / turn-off
process to minimize switching loss, while providing rail-
to-rail voltage swing and reverse current capability.
The FAN3226 offers two inverting drivers and the
FAN3227 offers two non-inverting drivers. Each device
has dual independent enable pins that default to ON if
not connected. In the FAN3228 and FAN3229, each
channel has dual inputs of opposite polarity, which
allows configuration as non-inverting or inverting with an
optional enable function using the second input. If one
or both inputs are left unconnected, internal resistors
bias the inputs such that the output is pulled low to hold
the power MOSFET off.
Related Resources
AN-6069: Application Review and Comparative
Evaluation of Low-Side Gate Drivers
FAN3226
FAN3227
FAN3228
FAN3229
Figure 1. Pin Configurations


Similar Part No. - FAN3213T

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN3213T FAIRCHILD-FAN3213T Datasheet
465Kb / 12P
   Application Review and Comparative Evaluation of Low-Side Gate Drivers
FAN3213T FAIRCHILD-FAN3213T Datasheet
1Mb / 18P
   Dual-4A, High-Speed, Low-Side Gate Drivers
FAN3213T FAIRCHILD-FAN3213T Datasheet
1Mb / 18P
   Dual-2A, High-Speed, Low-Side Gate Drivers
FAN3213T FAIRCHILD-FAN3213T Datasheet
1Mb / 25P
   Dual 4A High-Speed, Low-Side Gate Drivers
logo
ON Semiconductor
FAN3213T ONSEMI-FAN3213T Datasheet
1Mb / 24P
   Gate Drivers, High-Speed, Low-Side, Dual 4-A
April, 2020 ??Rev. 1
More results

Similar Description - FAN3213T

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN3226 FAIRCHILD-FAN3226 Datasheet
1Mb / 24P
   Dual 2A High-Speed, Low-Side Gate Drivers
FAN3226 FAIRCHILD-FAN3226_10 Datasheet
1Mb / 25P
   Dual 2A High-Speed, Low-Side Gate Drivers
FAN3229 FAIRCHILD-FAN3229_10 Datasheet
1Mb / 25P
   Dual 2A High-Speed, Low-Side Gate Drivers
FAN3216 FAIRCHILD-FAN3216 Datasheet
1Mb / 18P
   Dual-2A, High-Speed, Low-Side Gate Drivers
FAN3227 FAIRCHILD-FAN3227_10 Datasheet
1Mb / 25P
   Dual 2A High-Speed, Low-Side Gate Drivers
FAN3216 FAIRCHILD-FAN3216_12 Datasheet
1Mb / 18P
   Dual-2A, High-Speed, Low-Side Gate Drivers
FAN3228 FAIRCHILD-FAN3228_10 Datasheet
1Mb / 25P
   Dual 2A High-Speed, Low-Side Gate Drivers
FAN3226 FAIRCHILD-FAN3226_12 Datasheet
1Mb / 24P
   Dual 2A High-Speed, Low-Side Gate Drivers
FAN3213 FAIRCHILD-FAN3213 Datasheet
1Mb / 18P
   Dual-4A, High-Speed, Low-Side Gate Drivers
FAN3223 FAIRCHILD-FAN3223_11 Datasheet
1Mb / 25P
   Dual 4A High-Speed, Low-Side Gate Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com