Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FAN6921MLMY Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # FAN6921MLMY
Description  Integrated Critical Mode PFC/Quasi-Resonant Current Mode PWM Controller
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN6921MLMY Datasheet(HTML) 5 Page - Fairchild Semiconductor

  FAN6921MLMY Datasheet HTML 1Page - Fairchild Semiconductor FAN6921MLMY Datasheet HTML 2Page - Fairchild Semiconductor FAN6921MLMY Datasheet HTML 3Page - Fairchild Semiconductor FAN6921MLMY Datasheet HTML 4Page - Fairchild Semiconductor FAN6921MLMY Datasheet HTML 5Page - Fairchild Semiconductor FAN6921MLMY Datasheet HTML 6Page - Fairchild Semiconductor FAN6921MLMY Datasheet HTML 7Page - Fairchild Semiconductor FAN6921MLMY Datasheet HTML 8Page - Fairchild Semiconductor FAN6921MLMY Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
© 2010 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN6921ML • Rev. 1.0.1
5
Pin Definitions
Pin #
Name
Description
5
CSPWM
Input to the comparator of the PWM over-current protection and performs PWM current-mode
control with FB pin voltage. A resistor is used to sense the switching current of the PWM switch
and the sensing voltage is applied to the CSPWM pin for the cycle-by-cycle current limit, current-
mode control, and high / low line over-power compensation according to DET pin source current
during PWM on time.
6
OPFC
Totem-pole driver output to drive the external power MOSFET. The clamped gate output voltage is
15.5V.
7
VDD
Power supply. The threshold voltages for startup and turn-off are 18V and 7.5V, respectively. The
startup current is less than 30µA and the operating current is lower than 10mA.
8
OPWM
Totem-pole output generates the PWM signal to drive the external power MOSFET. The clamped
gate output voltage is 17.5V.
9
GND
The power ground and signal ground.
10
DET
This pin is connected to an auxiliary winding of the PWM transformer through a resistor divider for
the following purposes:
Producing an offset voltage to compensate the threshold voltage of PWM current limit for
providing over-power compensation. The offset is generated in accordance with the input
voltage when PWM switch is on.
Detecting the valley voltage signal of drain voltage of the PWM switch to achieve the valley
voltage switching and minimize the switching loss on the PWM switch.
Providing output over-voltage protection. A voltage comparator is built-in to the DET pin. The
DET pin detects the flat voltage through a voltage divider paralleled with auxiliary winding. This
flat voltage is reflected to the secondary winding during PWM inductor discharge time. If output
OVP and this flat voltage is higher than 2.5V, the controller enters latch mode and stops all PFC
and PWM switching operation.
11
FB
Feedback voltage pin. This pin is used to receive the output voltage level signal to determine PWM
gate duty for regulating output voltage. The FB pin voltage can also activate open-loop, overload,
or output-short-circuit protection if the FB pin voltage is higher than a threshold of around 4.2V for
more than 50ms.The input impedance of this pin is a 5kΩ equivalent resistance. A 1/3 attenuator is
connected between the FB pin and the input of the CSPWM/FB comparator.
12
RT
Adjustable over-temperature protection and external latch triggering. A constant current flows out
of the RT pin. When RT pin voltage is lower than 0.8V (typical), latch mode protection is activated
and stops all PFC and PWM switching operation until the AC plug is removed.
13
VIN
Line-voltage detection for brownin/out protections. This pin can receive the AC input voltage level
through a voltage divider. The voltage level of the VIN pin is not only used to control RANGE pin’s
status, but it can also perform brownin/out protection for AC input voltage UVP.
14
ZCD
Zero-current detection for the PFC stage. This pin is connected to an auxiliary winding coupled to
PFC inductor winding to detect the ZCD voltage signal once the PFC inductor current discharges
to zero. When the ZCD voltage signal is detected, the controller starts a new PFC switching cycle.
When the ZCD pin voltage is pulled to under 0.2V (typical), it disables the PFC stage and the
controller stops PFC switching. This can be realized with an external circuit if disabling the PFC
stage is desired.
15
NC
No connection
16
HV
High-voltage startup. HV pin is connected to the AC line voltage through a resistor (100kΩ typical)
for providing a high-charging current to VDD capacitor.


Similar Part No. - FAN6921MLMY

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN6921MR FAIRCHILD-FAN6921MR Datasheet
1Mb / 24P
   Integrated Critical Mode PFC and Quasi-Resonant Current Mode PWM Controller
More results

Similar Description - FAN6921MLMY

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
AN-6921 FAIRCHILD-AN-6921 Datasheet
618Kb / 16P
   Integrated Critical Mode PFC / Quasi-Resonant Current Mode PWM Controller
logo
ON Semiconductor
FAN6921BMR ONSEMI-FAN6921BMR Datasheet
719Kb / 20P
   Integrated Critical Mode PFC and Quasi-Resonant Current Mode PWM Controller
August, 2020 ??Rev. 0
logo
Fairchild Semiconductor
FAN6921MR FAIRCHILD-FAN6921MR Datasheet
1Mb / 24P
   Integrated Critical Mode PFC and Quasi-Resonant Current Mode PWM Controller
FAN6920MR FAIRCHILD-FAN6920MR Datasheet
1Mb / 24P
   Integrated Critical-Mode PFC and Quasi-Resonant Current-Mode PWM Controller
AN-6920MR FAIRCHILD-AN-6920MR Datasheet
683Kb / 17P
   Integrated Critical-Mode PFC / Quasi-Resonant Current-Mode PWM Controller FAN6920
logo
ON Semiconductor
FL7921R ONSEMI-FL7921R Datasheet
1Mb / 24P
   Integrated Critical-Mode PFC and Quasi-Resonant Current-Mode PWM Lighting Controller
Rev. 1.1
logo
Holtek Semiconductor In...
HT7L5820 HOLTEK-HT7L5820 Datasheet
2Mb / 14P
   Integrated PFC and Quasi-Resonant Current Mode PWM Controller
logo
Fairchild Semiconductor
FAN6754BMRMY FAIRCHILD-FAN6754BMRMY Datasheet
1Mb / 24P
   Integrated Critical-Mode PFC and Quasi-Resonant
logo
ON Semiconductor
FAN6300A ONSEMI-FAN6300A Datasheet
789Kb / 15P
   Highly Integrated Quasi-Resonant Current Mode PWM Controller
January 2014 Rev. 1.0.2
logo
Fairchild Semiconductor
FAN6300A FAIRCHILD-FAN6300A Datasheet
1Mb / 15P
   Highly Integrated Quasi-Resonant Current Mode PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com