Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A2106UC6LXX Datasheet(PDF) 1 Page - Littelfuse

Part # A2106UC6LXX
Description  The series provides a dual port surface mount solution that enables voice
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

A2106UC6LXX Datasheet(HTML) 1 Page - Littelfuse

  A2106UC6LXX Datasheet HTML 1Page - Littelfuse A2106UC6LXX Datasheet HTML 2Page - Littelfuse A2106UC6LXX Datasheet HTML 3Page - Littelfuse A2106UC6LXX Datasheet HTML 4Page - Littelfuse A2106UC6LXX Datasheet HTML 5Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SIDACtor® ProtectionThyristors
153
Revised: February 22, 2011
© 2011 Littelfuse, Inc.
Specifications are subject to change without notice.
Please refer to www.littelfuse.com for current information.
Baseband Protection (Voice-DS1)
Electrical Characteristics
1
4
6
3
2
5
SIDACtor®Balanced Multiport Series - MS-013
SIDACtor® Balanced Multiport Series MS-013 are designed
to protect baseband equipment from overvoltage
balanced overvoltage protection.
The series provides a dual port surface mount solution that
enables voice through DS-1 equipment to comply with
various global regulatory standards.
Description
Features and Benefits
Low voltage overshoot
Low on-state voltage
Does not degrade with
use
Fails short circuit when
surged in excess of
ratings
Low Capacitance
Replaces six discrete
devices
Balanced overvoltage
protection
Meets UL/IEC 60950-1
creepage and clearance
Two-port protection
Agency Approvals
Agency
Agency File Number
E133083
Schematic Diagram
Pinout Designation
1
2
3
6
5
4
Applicable Global Standards
TIA-968-A
TIA-968-B
ITU K.20/21 Enhanced
Level*
ITU K.20/21 Basic Level
GR 1089 Inter-building*
GR 1089 Intra-building
IEC 61000-4-5
YD/T 1082
YD/T 993
YD/T 950
*A/B-rated parts require series resistance
Part Number
Marking
V
DRM
@l
DRM=5μA
V
S
@100V/μs
V
DRM
@l
DRM=5μA
V
S
@100V/μs
V
T
@I
T=2.2 A
I
H
I
S
I
T
Capacitance
V min
V max
V min
V max
V max
mA
min
mA
max
A
max
Pins 1-2, 3-2, 4-5, 6-5
Pins 1-3, 4-6
Pins 1-2, 3-2, 4-5, 6-5
A2106UA6Lxx
A2106UA6
170
250
50
80
8
120
800
2.2
See
Capacitance
Values Table
A5030UA6Lxx
A5030UA6
400
550
270
340
8
150
800
2.2
A2106UB6Lxx
A2106UB6
170
250
50
80
8
120
800
2.2
A5030UB6Lxx
A5030UB6
400
550
270
340
8
150
800
2.2
A2106UC6Lxx
A2106UC6
170
250
50
80
8
120
800
2.2
A5030UC6Lxx
A5030UC6
400
550
270
340
8
150
800
2.2
P1556UALxx
P1556UA
130
180
130
180
8
150
800
2.2
P1806UALxx
P1806UA
150
210
150
210
8
150
800
2.2
P2106UALxx
P2106UA
170
250
170
250
8
150
800
2.2
P2356UALxx
P2356UA
200
270
200
270
8
150
800
2.2
P2706UALxx
P2706UA
230
300
230
300
8
150
800
2.2
P3206UALxx
P3206UA
270
350
270
350
8
150
800
2.2
P3406UALxx
P3406UA
300
400
300
400
8
150
800
2.2
Table continues on next page.


Similar Part No. - A2106UC6LXX

ManufacturerPart #DatasheetDescription
logo
Littelfuse
A2106UC6Lxx LITTELFUSE-A2106UC6Lxx Datasheet
156Kb / 5P
   SIDACtor Balanced Multiport Series - MS-013
A2106UC6LXX LITTELFUSE-A2106UC6LXX Datasheet
156Kb / 5P
   SIDACtor Balanced Multiport Series - MS-013
More results

Similar Description - A2106UC6LXX

ManufacturerPart #DatasheetDescription
logo
Littelfuse
P1553UALXX LITTELFUSE-P1553UALXX Datasheet
157Kb / 5P
   The series provides a single port surface mount solution that enables voice
P1553AALXX LITTELFUSE-P1553AALXX Datasheet
144Kb / 5P
   The series provides a single port through-hole solution that enables voice
P0080SALRP LITTELFUSE-P0080SALRP Datasheet
140Kb / 5P
   The series provides a surface mount solution that enables equipment to comply
P0302AAMCLXX LITTELFUSE-P0302AAMCLXX Datasheet
152Kb / 5P
   The series provides a robust single port solution that enables equipment
P1100GALRP LITTELFUSE-P1100GALRP Datasheet
110Kb / 3P
   The series provides a cost-effective through-hole solution that enables
P0080SDLRP LITTELFUSE-P0080SDLRP Datasheet
134Kb / 4P
   The series provides a 200A 10/1000 關s rated surface mount solution
logo
Molex Electronics Ltd.
987650-4381 MOLEX-987650-4381 Datasheet
830Kb / 3P
   The remarkably simple solution that provides easy interchangeability, upgradeability and replacement.
2012.05
logo
Littelfuse
P1200SALRP LITTELFUSE-P1200SALRP Datasheet
146Kb / 4P
   The series provides a specialized asymmetrical overvoltage protection solution
A1220UA4LXX LITTELFUSE-A1220UA4LXX Datasheet
145Kb / 4P
   The series provides a specialized asymmetrical dual port overvoltage protection
P0641UALXX LITTELFUSE-P0641UALXX Datasheet
150Kb / 5P
   The series provides a high surge current rated dual port protection
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com