Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P3403UCLXX Datasheet(PDF) 4 Page - Littelfuse

Part # P3403UCLXX
Description  The series provides a single port surface mount solution that enables voice
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

P3403UCLXX Datasheet(HTML) 4 Page - Littelfuse

  P3403UCLXX Datasheet HTML 1Page - Littelfuse P3403UCLXX Datasheet HTML 2Page - Littelfuse P3403UCLXX Datasheet HTML 3Page - Littelfuse P3403UCLXX Datasheet HTML 4Page - Littelfuse P3403UCLXX Datasheet HTML 5Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
SIDACtor® ProtectionThyristors
151
Revised: February 22, 2011
© 2011 Littelfuse, Inc.
Specifications are subject to change without notice.
Please refer to www.littelfuse.com for current information.
Baseband Protection (Voice-DS1)
Part Numbering
P
x L xx
xxx3 U
CONSTRUCTION
VARIABLE
PACKING OPTIONS
PACKAGE TYPE
RoHS COMPLIANT
TYPE
MEDIAN VOLTAGE
I
PP RATING
P: SIDACtor
RP: Reel Pack
TP: Tube Pack
Packing Options
Package
Type
Description
Quantity
Added
Suffix
Industry
Standard
U
Modified MS-013
6-pin Tape and
Reel Pack
1500
RP
EIA-481-D
Modified MS-013
6-pin Tube Pack
500
(50 per tube)
TP
N/A
Physical Specifications
Environmental Specifications
Lead Material
Copper Alloy
Terminal Finish
100% Matte-Tin Plated
Body Material
UL recognized epoxy meeting flammability
classification 94V-0
High Temp Voltage
Blocking
80% Rated V
DRM (VAC Peak
504 or 1008 hrs. MIL-STD-750 (Method 1040)
JEDEC, JESD22-A-101
Temp Cycling
cycles. MIL-STD-750 (Method 1051) EIA/JEDEC,
JESD22-A104
Biased Temp &
Humidity
52 V
DC
JEDEC, JESD22-A-101
High Temp Storage
JEDEC, JESD22-A-101
Low Temp Storage
-65°C, 1008 hrs.
Thermal Shock
10 cycles. MIL-STD-750 (Method 1056) JEDEC,
JESD22-A-106
Autoclave (Pressure
Cooker Test)
JEDEC, JESD22-A-102
Resistance to Solder
Heat
Moisture Sensitivity
Level
Part Marking
XXXXXXX
XXXXX
Part Marking Code
(Refer to Electrical CharacteristicsTable)
Date Code
Time
TP
TL
TS(max)
TS(min)
25
tP
tL
tS
time to peak temperature
(t 25ºC to peak)
Ramp-down
Ramp-up
Preheat
Critical Zone
TL to TP
Figure 1
Soldering Parameters
Reflow Condition
Pb-Free assembly
(see Fig. 1)
Pre Heat
-Temperature Min (T
s(min))
-Temperature Max (T
s(max))
-Time (Min to Max) (t
s)
60-180 secs.
Average ramp up rate (LiquidusTemp (T
L)
to peak)
3°C/sec. Max.
T
S(max) to TL - Ramp-up Rate
3°C/sec. Max.
Reflow
-Temperature (T
L) (Liquidus)
-Temperature (t
L)
60-150 secs.
PeakTemp (T
P)
Time within 5°C of actual PeakTemp (t
p)
30 secs. Max.
Ramp-down Rate
6°C/sec. Max.
Time 25°C to PeakTemp (T
P)
8 min. Max.
Do not exceed


Similar Part No. - P3403UCLXX

ManufacturerPart #DatasheetDescription
logo
Littelfuse
P3403UC LITTELFUSE-P3403UC Datasheet
157Kb / 5P
   SIDACtor짰 Protection Thyristors Baseband Protection (Voice-DS1)
More results

Similar Description - P3403UCLXX

ManufacturerPart #DatasheetDescription
logo
Littelfuse
A2106UA6LXX LITTELFUSE-A2106UA6LXX Datasheet
156Kb / 5P
   The series provides a dual port surface mount solution that enables voice
P1553AALXX LITTELFUSE-P1553AALXX Datasheet
144Kb / 5P
   The series provides a single port through-hole solution that enables voice
P0302AAMCLXX LITTELFUSE-P0302AAMCLXX Datasheet
152Kb / 5P
   The series provides a robust single port solution that enables equipment
P0080SALRP LITTELFUSE-P0080SALRP Datasheet
140Kb / 5P
   The series provides a surface mount solution that enables equipment to comply
P1100GALRP LITTELFUSE-P1100GALRP Datasheet
110Kb / 3P
   The series provides a cost-effective through-hole solution that enables
P0080SDLRP LITTELFUSE-P0080SDLRP Datasheet
134Kb / 4P
   The series provides a 200A 10/1000 關s rated surface mount solution
logo
Molex Electronics Ltd.
987650-4381 MOLEX-987650-4381 Datasheet
830Kb / 3P
   The remarkably simple solution that provides easy interchangeability, upgradeability and replacement.
2012.05
logo
Littelfuse
P1200SALRP LITTELFUSE-P1200SALRP Datasheet
146Kb / 4P
   The series provides a specialized asymmetrical overvoltage protection solution
P0641DF-1 LITTELFUSE-P0641DF-1 Datasheet
176Kb / 4P
   The series provides single port protection using a fixed voltage switching device
logo
ATMEL Corporation
AVR600 ATMEL-AVR600 Datasheet
240Kb / 19P
   The routing / socket card design provides a low cost solution
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com