Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L0107NE Datasheet(PDF) 7 Page - Littelfuse

Part # L0107NE
Description  New 1 Amp bi-directional solid state switch series offering direct interface
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

L0107NE Datasheet(HTML) 7 Page - Littelfuse

  L0107NE Datasheet HTML 1Page - Littelfuse L0107NE Datasheet HTML 2Page - Littelfuse L0107NE Datasheet HTML 3Page - Littelfuse L0107NE Datasheet HTML 4Page - Littelfuse L0107NE Datasheet HTML 5Page - Littelfuse L0107NE Datasheet HTML 6Page - Littelfuse L0107NE Datasheet HTML 7Page - Littelfuse L0107NE Datasheet HTML 8Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
49
©2008 Littelfuse, Inc.
Revised: July 9, 2008
Teccor® brand Thyristors
Specifications are subject to change without notice.
Please refer to http://www.littelfuse.com for current information.
49
©2008 Littelfuse, Inc.
Teccor® brand Thyristors
Specifications are subject to change without notice.
Please refer to http://www.littelfuse.com for current information.
L01 Series
EV Series 1 Amp Sensitive Triacs
Packing Options
Part Number
Marking
Weight
Packing Mode
Base Quantity
L01xxyE
L01xxyE
0.170 g
Bulk
2500
L01xxyEAP
L01xxyE
0.170 g
Ammo Pack
2000
L01xxyERP
L01xxyE
0.170 g
Tape & Reel
2000
L01xxyTRP
L01xxyT
0.120 g
Tape & Reel
1000
Note: xx = gate sensitivity, y = voltage
TO-92 (3-lead) Reel Pack (RP) Radial Leaded Specifications
Meets all EIA-468-B 1994 Standards
TO-92 (3-lead) Ammo Pack (AP) Radial Leaded Specifications
Meets all EIA-468-B 1994 Standards
0.708
(18.0)
1.6
(41.0)
0.5
(12.7)
0.1 (2.54)
0.2 (5.08)
0.236
(6.0)
0.02 (0.5)
Direction of Feed
Dimensions
are in inches
(and millimeters).
1.97
(50.0)
14.17(360.0)
Flat up
1.26
(32.0)
0.098 (2.5) MAX
MT1 / Cathode
MT2 / Anode
Gate
0.354
(9.0)
0.157 DIA
(4.0)
Flat down
25 Devices per fold
MT1 / Cathode
MT2 / Anode
Gate
Direction
of Feed
Dimensions
are in inches
(and millimeters).
0.708
(18.0)
1.62
(41.2)
0.5
(12.7)
0.1 (2.54)
0.2 (5.08)
0.236
(6.0)
0.02 (0.5)
1.85
(47.0)
13.3
(338.0)
1.27
(32.2)
0.098 (2.5) MAX
12.2
(310.0)
1.85
(47.0)
0.354
(9.0)
0.157 DIA
(4.0)


Similar Part No. - L0107NE

ManufacturerPart #DatasheetDescription
logo
Littelfuse
L0107NE LITTELFUSE-L0107NE Datasheet
1Mb / 8P
   Teccor짰 brand Thyristors EV Series 1 Amp Sensitive Triacs
L0107NE LITTELFUSE-L0107NE Datasheet
1Mb / 8P
   Teccor짰 brand Thyristors EV Series 1 Amp Sensitive Triacs
L0107NE LITTELFUSE-L0107NE Datasheet
1Mb / 8P
   Thyristors EV Series 1 Amp Sensitive Triacs
Revised: 05/29/19
L0107NERP LITTELFUSE-L0107NERP Datasheet
1Mb / 8P
   Teccor짰 brand Thyristors EV Series 1 Amp Sensitive Triacs
More results

Similar Description - L0107NE

ManufacturerPart #DatasheetDescription
logo
Littelfuse
LX803DE LITTELFUSE-LX803DE Datasheet
257Kb / 8P
   New 0.8 Amp bi-directional solid state switch series offering direct
logo
AVAGO TECHNOLOGIES LIMI...
ASSR-1510 AVAGO-ASSR-1510 Datasheet
197Kb / 15P
   Compact Solid-State Bi-directional Signal Switch
ASSR-322R AVAGO-ASSR-322R Datasheet
124Kb / 12P
   Compact Solid-State Bi-directional Signal Switch
ASSR-1218 AVAGO-ASSR-1218 Datasheet
356Kb / 12P
   Compact Solid-State Bi-directional Signal Switch
ASSR-301C AVAGO-ASSR-301C Datasheet
110Kb / 7P
   Compact Solid-State Bi-directional Signal Switch
logo
Littelfuse
QXX12LH2 LITTELFUSE-QXX12LH2 Datasheet
923Kb / 8P
   12 Amp bi-directional solid state switch series is designed for AC switching
Q6006LH456 LITTELFUSE-Q6006LH456 Datasheet
1Mb / 14P
   6 Amp bi-directional solid state switch series is designed for AC switching
LXX04L3 LITTELFUSE-LXX04L3 Datasheet
403Kb / 10P
   4 Amp bi-directional solid state switch series is designed for AC switching
LXX8E3 LITTELFUSE-LXX8E3 Datasheet
385Kb / 10P
   0.8 Amp bi-directional solid state switch series is designed for AC switching
QXX10L4 LITTELFUSE-QXX10L4 Datasheet
967Kb / 9P
   10 Amp bi-directional solid state switch series is designed for AC switching
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com