Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FSBH0F70A Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # FSBH0F70A
Description  Green Mode Fairchild Power Switch
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FSBH0F70A Datasheet(HTML) 5 Page - Fairchild Semiconductor

  FSBH0F70A_10 Datasheet HTML 1Page - Fairchild Semiconductor FSBH0F70A_10 Datasheet HTML 2Page - Fairchild Semiconductor FSBH0F70A_10 Datasheet HTML 3Page - Fairchild Semiconductor FSBH0F70A_10 Datasheet HTML 4Page - Fairchild Semiconductor FSBH0F70A_10 Datasheet HTML 5Page - Fairchild Semiconductor FSBH0F70A_10 Datasheet HTML 6Page - Fairchild Semiconductor FSBH0F70A_10 Datasheet HTML 7Page - Fairchild Semiconductor FSBH0F70A_10 Datasheet HTML 8Page - Fairchild Semiconductor FSBH0F70A_10 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
© 2009 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FSBH0F70A, FSBH0170/A, FSBH0270/A, FSBH0370 • Rev. 1.0.3
5
Absolute Maximum Ratings
Stresses exceeding the absolute maximum ratings may damage the device. The device may not function or be
operable above the recommended operating conditions and stressing the parts to these levels is not recommended.
In addition, extended exposure to stresses above the recommended operating conditions may affect device
reliability. The absolute maximum ratings are stress ratings only.
Symbol
Parameter
Min.
Max.
Unit
VDRAIN
Drain Pin Voltage
(5,6)
FSBH0x70/A
700
V
IDM
Drain Current Pulsed
(7)
FSBH0F70A
1.5
A
FSBH0170/A
4.0
FSBH0270/A
8.0
FSBH0370
12.0
EAS
Single Pulsed Avalanche Energy
(8)
FSBH0F70A
10
mJ
FSBH0170/A
50
FSBH0270/A
140
FSBH0370
230
VDD
DC Supply Voltage
30
V
VFB
FB Pin Input Voltage
-0.3
7.0
V
VIN
VIN Pin Input Voltage
-0.3
7.0
V
VHV
HV Pin Input Voltage
700
V
PD
Power Dissipation (TA<50°C)
1.5
W
θJA
Junction-to-Air Thermal Resistance
80
°C/W
θJC
Junction-to-Case Thermal Resistance
20
°C/W
TJ
Operating Junction Temperature
Internally limited
(9)
°C
TSTG
Storage Temperature Range
-55
+150
°C
TL
Lead Temperature (Wave Soldering or IR, 10 Seconds)
+260
°C
ESD
Electrostatic Discharge Capability,
All pins except HV pin
Human Body Model:
JESD22-A114
3
kV
Charged Device Model:
JESD22-C101
1
Notes
:
5.
All voltage values, except differential voltages, are given with respect to the network ground terminal.
6.
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device.
7.
Non-repetitive rating: pulse width is limited by maximum junction temperature.
8.
L = 51mH, starting TJ = 25°C.
9.
Internally Limited of TJ refers to TOTP
Recommended Operating Conditions
The Recommended Operating Conditions table defines the conditions for actual device operation. Recommended
operating conditions are specified to ensure optimal performance to the datasheet specifications. Fairchild does not
recommend exceeding them or designing to Absolute Maximum Ratings.
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
TA
Operating Ambient Temperature
-40
+105
°C


Similar Part No. - FSBH0F70A_10

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSBH0F70ANY FAIRCHILD-FSBH0F70ANY Datasheet
708Kb / 16P
   Green Mode Fairchild Power Switch (FPS??
FSBH0F70ANY_F116 FAIRCHILD-FSBH0F70ANY_F116 Datasheet
944Kb / 16P
   Green Mode Fairchild Power Switch
More results

Similar Description - FSBH0F70A_10

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSCM0465R FAIRCHILD-FSCM0465R Datasheet
450Kb / 20P
   Green Mode Fairchild Power Switch
FSQ100 FAIRCHILD-FSQ100 Datasheet
741Kb / 12P
   Green Mode Fairchild Power Switch
FSL127H FAIRCHILD-FSL127H Datasheet
1Mb / 15P
   Green Mode Fairchild Power Switch
FSQ0765RQ FAIRCHILD-FSQ0765RQ Datasheet
3Mb / 19P
   Green-Mode Fairchild Power Switch
FSDM0465RE FAIRCHILD-FSDM0465RE Datasheet
519Kb / 21P
   Green Mode Fairchild Power Switch
FSDH321 FAIRCHILD-FSDH321_04 Datasheet
510Kb / 20P
   Green Mode Fairchild Power Switch
FSBH0170 FAIRCHILD-FSBH0170_11 Datasheet
944Kb / 16P
   Green Mode Fairchild Power Switch
FSGM0465RB FAIRCHILD-FSGM0465RB Datasheet
927Kb / 18P
   Green-Mode Fairchild Power Switch
FSGM0765R FAIRCHILD-FSGM0765R Datasheet
823Kb / 18P
   Green-Mode Fairchild Power Switch
FSL137H FAIRCHILD-FSL137H_10 Datasheet
1Mb / 15P
   Green Mode Fairchild Power Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com