Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P1500THLRP Datasheet(PDF) 3 Page - Littelfuse

Part # P1500THLRP
Description  This DO-41 plastic package provides a through-hole version of the SIDACtor짰 devices.
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

P1500THLRP Datasheet(HTML) 3 Page - Littelfuse

  P1500THLRP Datasheet HTML 1Page - Littelfuse P1500THLRP Datasheet HTML 2Page - Littelfuse P1500THLRP Datasheet HTML 3Page - Littelfuse P1500THLRP Datasheet HTML 4Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Teccor® brand Protection Thyristors
Axial Leaded
www.littelfuse.com
©2006 Littelfuse
DO-41 Series
Specifications are subject to change without notice.

Telecom Design Guide
Reflow Condition
Pb – Free assembly
Pre Heat
-Temperature Min (T
s(min))
150°C
-Temperature Max (T
s(max))
190°C
-Time (min to max) (t
s)
50 – 150 seconds
Average ramp up rate (LiquidusTemp
(T
L) to peak)
5°C/second max
T
S(max) to TL - Ramp-up Rate
5°C/second max
Reflow
-Temperature (T
L) (Liquidus)
220°C
-Time (min to max) (t
s)
>60 – <150 seconds
PeakTemperature (T
P)
250+0/-5 °C
Time within 5°C of actual peak
Temperature (t
p)
20 – 40 seconds
Ramp-down Rate
5°C/second max
Time 25°C to peakTemperature (T
P)
8 minutes max.
Do not exceed
280°C
Soldering Parameters
Physical Specifications
Terminal Material
Matte Tin-plated Axial leads
Lead Solderability
MIL-STD-750, Method 2026
Environmental Specifications
Operating/Storage
Temperature
-40° C to ~ +150°C
Passive Aging
125° C, 1000 hours
Meet Spec
Humidity Aging
+85°C, 85% R.H. 1000 hours
Meet Spec
Thermal Shock
MIL-STD-202 Method 107G
+85°C/-40°C 100 times
Meet Spec
Solvent Resistance
MIL-STD-202, Method 215
No Change
Vibration
MIL-STD-883C, Method 2007.1,
Condition A
No Change
Dimensions
DO-41 SERIES
MIN
1.000
[25.40]
[25.40]
1.000
MIN
Dimensions in inches and (millimeters)
[2.00] .080
.107
(2.72)
[5.21] .205
.160
[4.10]
[0.71] .028
.034
[0.86]


Similar Part No. - P1500THLRP

ManufacturerPart #DatasheetDescription
logo
Littelfuse
P1500THLRP LITTELFUSE-P1500THLRP Datasheet
299Kb / 3P
   POLYFUSE짰 Resettable PTCs
logo
HuaXinAn Electronics CO...
P1500THLRP HUAXINAN-P1500THLRP Datasheet
288Kb / 5P
   SIDACtor Protection Thyristors
More results

Similar Description - P1500THLRP

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
1N4460 NJSEMI-1N4460 Datasheet
133Kb / 1P
   DO-41 Package
logo
Littelfuse
SDP0640Q38B LITTELFUSE-SDP0640Q38B Datasheet
139Kb / 5P
   This new SIDACtor짰 Series provides overvoltage protection
P0641DF-1E LITTELFUSE-P0641DF-1E Datasheet
206Kb / 4P
   The series provides single port protection using a fixed Series are SIDACtor짰 devices
logo
Jiangsu High diode Semi...
SR1150 HDSEMI-SR1150 Datasheet
2Mb / 4P
   DO-41 Plastic-Encapsulate Diodes
R2000-DO-41 HDSEMI-R2000-DO-41 Datasheet
1Mb / 4P
   DO-41 Plastic-Encapsulate Diodes
1N4001 HDSEMI-1N4001 Datasheet
1Mb / 4P
   DO - 41 Plastic-Encapsulate Diode
SB120 HDSEMI-SB120 Datasheet
1Mb / 4P
   DO-41 Plastic-Encapsulate Diodes
FR101 HDSEMI-FR101 Datasheet
1Mb / 4P
   DO-41 Plastic-Encapsulate Diodes
SF11G-SF18G HDSEMI-SF11G-SF18G Datasheet
1Mb / 4P
   DO - 41 Plastic-Encapsulate Diodes
P4KE HDSEMI-P4KE Datasheet
1Mb / 7P
   DO-41 Plastic-Encapsulate Diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com