Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KA431AD Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # KA431AD
Description  Programmable Shunt Regulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KA431AD Datasheet(HTML) 3 Page - Fairchild Semiconductor

  KA431AD Datasheet HTML 1Page - Fairchild Semiconductor KA431AD Datasheet HTML 2Page - Fairchild Semiconductor KA431AD Datasheet HTML 3Page - Fairchild Semiconductor KA431AD Datasheet HTML 4Page - Fairchild Semiconductor KA431AD Datasheet HTML 5Page - Fairchild Semiconductor KA431AD Datasheet HTML 6Page - Fairchild Semiconductor KA431AD Datasheet HTML 7Page - Fairchild Semiconductor KA431AD Datasheet HTML 8Page - Fairchild Semiconductor KA431AD Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
KA431/KA431A/KA431L
3
Electrical Characteristics
(TA = +25°C, unless otherwise specified)
•TMIN = -25°C, TMAX = +85°C
Parameter
Symbol
Conditions
KA431
KA431A
KA431L
Unit
Min.
Typ.
Max.
Min. Typ. Max. Min.
Typ.
Max.
Reference Input
Voltage
VREF
VKA=VREF,
IKA=10mA
2.450 2.500
2.550
2.470 2.495 2.520 2.482 2.495
2.508
V
Deviation of
Reference
Input Voltage
Over-
Temperature
ΔVREF/
ΔT
VKA=VREF,
IKA=10mA
TMIN
≤TA≤TMAX
-
4.5
17
-
4.5
17
-
4.5
17
mV
Ratio of Change
in Reference
Input Voltage
to the Change in
Cathode
Voltage
ΔVREF/
ΔVKA
IKA
=10mA
ΔVKA=10
V-VREF
-
-1.0
- 2.7
-
-1.0
- 2.7
-
-1.0
-2.7
mV/V
ΔVKA=36
V-10V
-
-0.5
-2.0
-
-0.5
-2.0
-
-0.5
-2.0
Reference Input
Current
IREF
IKA=10mA,
R1=10k
Ω,R2=∞
-1.5
4
-
1.5
4
-
1.5
4
μA
Deviation of
Reference
Input Current
Over Full
Temperature
Range
ΔIREF/ΔT
IKA=10mA,
R1=10k
Ω,R2=∞
TA =Full Range
-
0.4
1.2
-
0.4
1.2
-
0.4
1.2
μA
Minimum
Cathode Cur-
rent for
Regulation
IKA(MIN)
VKA=VREF
-
0.45
1.0
-
0.45
1.0
-
0.45
1.0
mA
Off - Stage
Cathode
Current
IKA(OFF)
VKA=36V,
VREF=0
-
0.05
1.0
-
0.05
1.0
-
0.05
1.0
μA
Dynamic
Impedance
ZKA
VKA=VREF,
IKA=1 to 100mA
f
≥1.0kHz
-
0.15
0.5
-
0.15
0.5
-
0.15
0.5
Ω


Similar Part No. - KA431AD

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KA431AD FAIRCHILD-KA431AD Datasheet
90Kb / 12P
   Programmable Shunt Regulator
KA431AD FAIRCHILD-KA431AD Datasheet
1Mb / 13P
   Programmable Shunt Regulator
KA431AD FAIRCHILD-KA431AD Datasheet
153Kb / 12P
   Programmable Shunt Regulator
KA431ADTF FAIRCHILD-KA431ADTF Datasheet
230Kb / 11P
   Programmable Shunt Regulator
logo
ON Semiconductor
KA431ADTF ONSEMI-KA431ADTF Datasheet
340Kb / 11P
   Programmable Shunt Regulator
Octeber-2017, Rev. 2
More results

Similar Description - KA431AD

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
LM336Z5 FAIRCHILD-LM336Z5 Datasheet
157Kb / 6P
   Programmable Shunt Regulator
LM431BIZX FAIRCHILD-LM431BIZX Datasheet
230Kb / 11P
   Programmable Shunt Regulator
LM431ACZX FAIRCHILD-LM431ACZX Datasheet
230Kb / 11P
   Programmable Shunt Regulator
KA431 FAIRCHILD-KA431 Datasheet
90Kb / 12P
   Programmable Shunt Regulator
LM431A FAIRCHILD-LM431A Datasheet
122Kb / 12P
   Programmable Shunt Regulator
logo
ON Semiconductor
KA431S ONSEMI-KA431S Datasheet
457Kb / 11P
   Programmable Shunt Regulator
March 2015 Rev. 6.7
logo
Fairchild Semiconductor
LM336Z25 FAIRCHILD-LM336Z25 Datasheet
178Kb / 6P
   Programmable Shunt Regulator
LM336-5.0 FAIRCHILD-LM336-5.0 Datasheet
64Kb / 6P
   Programmable Shunt Regulator
TL431 FAIRCHILD-TL431 Datasheet
87Kb / 10P
   Programmable Shunt Regulator
LM431SA FAIRCHILD-LM431SA Datasheet
88Kb / 10P
   Programmable Shunt Regulator
LM336-2.5 FAIRCHILD-LM336-2.5 Datasheet
60Kb / 6P
   Programmable Shunt Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com