Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM350 Datasheet(PDF) 7 Page - Fairchild Semiconductor

Part # LM350
Description  3-Terminal 3A Positive Adjustable Voltage Regulator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

LM350 Datasheet(HTML) 7 Page - Fairchild Semiconductor

  LM350_09 Datasheet HTML 1Page - Fairchild Semiconductor LM350_09 Datasheet HTML 2Page - Fairchild Semiconductor LM350_09 Datasheet HTML 3Page - Fairchild Semiconductor LM350_09 Datasheet HTML 4Page - Fairchild Semiconductor LM350_09 Datasheet HTML 5Page - Fairchild Semiconductor LM350_09 Datasheet HTML 6Page - Fairchild Semiconductor LM350_09 Datasheet HTML 7Page - Fairchild Semiconductor LM350_09 Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
LM350
7
Ordering Information
Product Number
Package
Operating Temperature
LM350T
TO-220
0
°C to +125°C


Similar Part No. - LM350_09

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LM350 STMICROELECTRONICS-LM350_08 Datasheet
586Kb / 14P
   Three-terminal 3 A adjustable voltage regulators
More results

Similar Description - LM350_09

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KA350 FAIRCHILD-KA350 Datasheet
121Kb / 8P
   3-Terminal 3A Positive Adjustable Voltage Regulator
LM350 FAIRCHILD-LM350 Datasheet
121Kb / 8P
   3-Terminal 3A Positive Adjustable Voltage Regulator
logo
NTE Electronics
NTE1929 NTE-NTE1929 Datasheet
26Kb / 2P
   3 Terminal Adjustable Positive Voltage Regulator 1.2V to 33V, 3A
logo
Fairchild Semiconductor
MC78TXX FAIRCHILD-MC78TXX Datasheet
44Kb / 8P
   3-Terminal 3A Positive Voltage Regulator
KA78T15TU FAIRCHILD-KA78T15TU Datasheet
50Kb / 8P
   3-Terminal 3A Positive Voltage Regulator
KA78T12TU FAIRCHILD-KA78T12TU Datasheet
50Kb / 8P
   3-Terminal 3A Positive Voltage Regulator
KA78TXX FAIRCHILD-KA78TXX Datasheet
42Kb / 8P
   3-Terminal 3A Positive Voltage Regulator
KA78T05TU FAIRCHILD-KA78T05TU Datasheet
50Kb / 8P
   3-Terminal 3A Positive Voltage Regulator
logo
New Japan Radio
NJM317 NJRC-NJM317 Datasheet
260Kb / 8P
   ADJUSTABLE 3-TERMINAL POSITIVE VOLTAGE REGULATOR
logo
Taiwan Semiconductor Co...
TS317 TSC-TS317_10 Datasheet
666Kb / 14P
   3-Terminal Adjustable Positive Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com