Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM317M Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # LM317M
Description  3-Terminal 0.5A Positive Adjustable Regulator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

LM317M Datasheet(HTML) 5 Page - Fairchild Semiconductor

  LM317M Datasheet HTML 1Page - Fairchild Semiconductor LM317M Datasheet HTML 2Page - Fairchild Semiconductor LM317M Datasheet HTML 3Page - Fairchild Semiconductor LM317M Datasheet HTML 4Page - Fairchild Semiconductor LM317M Datasheet HTML 5Page - Fairchild Semiconductor LM317M Datasheet HTML 6Page - Fairchild Semiconductor LM317M Datasheet HTML 7Page - Fairchild Semiconductor LM317M Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
LM317M
5
Typical Application
Figure 1. 1 5V Electronic Shutdown Regulator
D1 protects the device during an input short circuit.
Figure 2. Slow Turn-On Regulator
Figure 3. Current Regulator
LM317M
120
Output
Input
1K
KSP2222
720
TTL CONTROL
1.0uF
1N4002
D1
VADJ
VO
MINIMUM VO = 1.25V
+
LM317M
Output
Input
KSP2907
50K
1N4001
1.0uF
+
VADJ
VO
240
R2
Output
Input
R2
VO
IADJ
VADJ
R1
IO
LM317M
I
OMAX
V
REF
R1
-----------------
⎝⎠
⎛⎞
I
ADJ
1.25V
R1
----------------
+
=
I
OMAX
V
REF
R1
R2
+
----------------------
⎝⎠
⎛⎞
=
I
ADJ
+
1.25V
R1
R2
+
----------------------
5mA
I
O
500mA
<<


Similar Part No. - LM317M

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LM317M ONSEMI-LM317M Datasheet
232Kb / 16P
   Three-Terminal Adjustable Output Positive Voltage Regulator
August, 2004 ??Rev. 12
logo
E-Tech Electronics LTD
LM317M ETL-LM317M Datasheet
254Kb / 5P
   MEDIUM CURRENT 1.2V TO 37V ADJUSTABLE VOLTAGE REGULATOR
logo
STMicroelectronics
LM317M STMICROELECTRONICS-LM317M Datasheet
115Kb / 11P
   MEDIUM CURRENT 1.2 TO 37V ADJUSTABLE VOLTAGE REGULATOR
September 1997
logo
ON Semiconductor
LM317M ONSEMI-LM317M Datasheet
141Kb / 14P
   500 mA Adjustable Output Positive Voltage Regulator
August, 2014 ??Rev. 24
logo
Texas Instruments
LM317M TI-LM317M Datasheet
219Kb / 12P
[Old version datasheet]   3-TERMINAL ADJUSTABLE REGULATOR
More results

Similar Description - LM317M

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
LM317M UTC-LM317M Datasheet
355Kb / 6P
   3-TERMINAL 0.5A POSITIVE ADJUSTABLE REGULATOR
logo
Fairchild Semiconductor
LM317M FAIRCHILD-LM317M Datasheet
224Kb / 8P
   3-Terminal 0.5A Positive Adjustable Regulator
KA317M FAIRCHILD-KA317M Datasheet
222Kb / 8P
   3-Terminal 0.5A Positive Adjustable Regulator
logo
Unisonic Technologies
78MXX UTC-78MXX_09 Datasheet
284Kb / 10P
   3-TERMINAL 0.5A POSITIVE VOLTAGE REGULATOR
logo
Fairchild Semiconductor
MC78MXX FAIRCHILD-MC78MXX_09 Datasheet
278Kb / 14P
   3-Terminal 0.5A Positive Voltage Regulator
KA78M05RTF FAIRCHILD-KA78M05RTF Datasheet
94Kb / 14P
   3-Terminal 0.5A Positive Voltage Regulator
logo
Unisonic Technologies
78MXX UTC-78MXX_V01 Datasheet
357Kb / 10P
   3-TERMINAL 0.5A POSITIVE VOLTAGE REGULATOR
78MXX UTC-78MXX_11 Datasheet
336Kb / 10P
   3-TERMINAL 0.5A POSITIVE VOLTAGE REGULATOR
logo
E-Tech Electronics LTD
78MXX ETL-78MXX Datasheet
344Kb / 9P
   3-TERMINAL 0.5A POSITIVE VOLTAGE REGULATOR
logo
Fairchild Semiconductor
KA78MXX FAIRCHILD-KA78MXX_02 Datasheet
91Kb / 14P
   3-Terminal 0.5A Positive Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com