Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P3602AALXX Datasheet(PDF) 4 Page - Littelfuse

Part # P3602AALXX
Description  The SIDACtor짰 Series Modified TO-220 are designed to protect baseband
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

P3602AALXX Datasheet(HTML) 4 Page - Littelfuse

  P3602AALXX Datasheet HTML 1Page - Littelfuse P3602AALXX Datasheet HTML 2Page - Littelfuse P3602AALXX Datasheet HTML 3Page - Littelfuse P3602AALXX Datasheet HTML 4Page - Littelfuse P3602AALXX Datasheet HTML 5Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
SIDACtor® ProtectionThyristors
169
Revised: February 22, 2011
© 2011 Littelfuse, Inc.
Specifications are subject to change without notice.
Please refer to www.littelfuse.com for current information.
Baseband Protection (Voice-DS1)
Soldering Parameters
Physical Specifications
Environmental Specifications
Lead Material
Copper Alloy
Terminal Finish
100% Matte-Tin Plated
Body Material
UL recognized epoxy meeting flammability
classification 94V-0
Part Numbering
CONSTRUCTION
VARIABLE
PACKING OPTIONS
I
PP RATING
RoHS COMPLIANT
TYPE
P = SIDACtor
P
xL xx
MEDIAN VOLTAGE
PACKAGE TYPE
xxx 2 A
Blank: Bulk
RP: Reel Pack
60: Type 60 Lead Form
(Special order item.
For type 60 orders,
contact factory)
Time
TP
TL
TS(max)
TS(min)
25
tP
tL
tS
time to peak temperature
(t 25ºC to peak)
Ramp-down
Ramp-up
Preheat
Critical Zone
TL to TP
Figure 1
High Temp Voltage
Blocking
80% Rated V
DRM (VAC Peak
504 or 1008 hrs. MIL-STD-750 (Method 1040)
JEDEC, JESD22-A-101
Temp Cycling
cycles. MIL-STD-750 (Method 1051) EIA/JEDEC,
JESD22-A104
Biased Temp &
Humidity
52 V
DC
JEDEC, JESD22-A-101
High Temp Storage
JEDEC, JESD22-A-101
Low Temp Storage
-65°C, 1008 hrs.
Thermal Shock
10 cycles. MIL-STD-750 (Method 1056) JEDEC,
JESD22-A-106
Autoclave (Pressure
Cooker Test)
JEDEC, JESD22-A-102
Resistance to Solder
Heat
Moisture Sensitivity
Level
Reflow Condition
Pb-Free assembly
(see Fig. 1)
Pre Heat
-Temperature Min (T
s(min))
-Temperature Max (T
s(max))
-Time (Min to Max) (t
s)
60-180 secs.
Average ramp up rate (LiquidusTemp (T
L)
to peak)
3°C/sec. Max.
T
S(max) to TL - Ramp-up Rate
3°C/sec. Max.
Reflow
-Temperature (T
L) (Liquidus)
-Temperature (t
L)
60-150 secs.
PeakTemp (T
P)
Time within 5°C of actual PeakTemp (t
p)
30 secs. Max.
Ramp-down Rate
6°C/sec. Max.
Time 25°C to PeakTemp (T
P)
8 min. Max.
Do not exceed
Part Marking
xxxxx
XXXXXXXXX
Part Marking Code
(Refer to Electrical Characteristics Table)
Date Code


Similar Part No. - P3602AALXX

ManufacturerPart #DatasheetDescription
logo
Littelfuse
P3602AAL LITTELFUSE-P3602AAL Datasheet
154Kb / 3P
   Two-chip SIDACtor
More results

Similar Description - P3602AALXX

ManufacturerPart #DatasheetDescription
logo
Littelfuse
P0080EALXXX LITTELFUSE-P0080EALXXX Datasheet
157Kb / 5P
   SIDACtor짰 Series TO-92 are designed to protect baseband equipment
T10A060BXX LITTELFUSE-T10A060BXX Datasheet
129Kb / 4P
   T10A Series are SIDACtor짰 devices designed protect baseband
P0084UALXX LITTELFUSE-P0084UALXX Datasheet
155Kb / 5P
   SIDACtor짰 Multiport Series MS-013 are designed to protect baseband equipment
P1553ACLXX LITTELFUSE-P1553ACLXX Datasheet
159Kb / 4P
   The SIDACtor짰 Primary Protection Balanced Series Modified TO-220 are thyristor devices designed
T10B080BXX LITTELFUSE-T10B080BXX Datasheet
121Kb / 4P
   T10B Series are SIDACtor짰 devices designed protect baseband equipment
P0602ACLXX LITTELFUSE-P0602ACLXX Datasheet
161Kb / 4P
   The SIDACtor짰 Primary Protection Series Modified TO-220 are thyristor devices
logo
DONGGUAN YOU FENG WEI E...
P0080SA-SMB YFWDIODE-P0080SA-SMB Datasheet
768Kb / 5P
   SIDACtor짰 Series DO-214AA are designed to protect
logo
Littelfuse
P1553ACMCLXX LITTELFUSE-P1553ACMCLXX Datasheet
1Mb / 4P
   Balanced MC Series Modified TO-220 are low capacitance SIDACtor짰 devices
P0080ECMCLXXX LITTELFUSE-P0080ECMCLXXX Datasheet
147Kb / 4P
   MC Series TO-92 are low capacitance SIDACtor짰 devices designed to protect
P0080Q22CLRP LITTELFUSE-P0080Q22CLRP_11 Datasheet
135Kb / 4P
   Q2L Series 3.3x3.3 QFN are low capacitance SIDACtor짰 devices designed to protect
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com