Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P4802AALXX Datasheet(PDF) 1 Page - Littelfuse

Part # P4802AALXX
Description  The SIDACtor짰 Series Modified TO-220 are designed to protect baseband
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

P4802AALXX Datasheet(HTML) 1 Page - Littelfuse

  P4802AALXX Datasheet HTML 1Page - Littelfuse P4802AALXX Datasheet HTML 2Page - Littelfuse P4802AALXX Datasheet HTML 3Page - Littelfuse P4802AALXX Datasheet HTML 4Page - Littelfuse P4802AALXX Datasheet HTML 5Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SIDACtor® ProtectionThyristors
166
Revised: February 22, 2011
© 2011 Littelfuse, Inc.
Specifications are subject to change without notice.
Please refer to www.littelfuse.com for current information.
Baseband Protection (Voice-DS1)
SIDACtor® Series - Modified TO-220
Electrical Characteristics
The SIDACtor® Series Modified TO-220 are designed to
protect baseband equipment from damaging overvoltage
transients.
The series provides a robust single port through-hole
solution that enables voice though DS-1 equipment to
comply with various global regulatory standards.
Description
Features and Benefits
Low voltage overshoot
Low on-state voltage
Does not degrade with
use
Modified TO-220 Package
Fails short circuit when
surged in excess of
ratings
Single-port protection
Lead forms available
1
2
3
(T)
(R)
(G)
Agency Approvals
Agency
Agency File Number
E133083
Schematic Symbol
Pinout Designation
PIN 1
PIN 2
PIN 3
Applicable Global Standards
Level*
*A/B-rated parts require series resistance
Part Number
Marking
V
DRM
@l
DRM=5μA
V
S
@100V/μs
V
DRM
@l
DRM=5μA
V
S
@100V/μs
V
T
@I
T=2.2 A
I
H
I
S
I
T
Capacitance
@1MHz, 2V bias
V min
V max
V min
V max
V max
mA
min
mA
max
A
max pF min pf max
Pins 1-2, 3-2
Pins 1-3
Pins 1-2, 3-2
P0602AALxx
P0602AA
25
40
50
80
4
50
800
2.2
See Capacitance
Values Table
P1402AALxx
P1402AA
58
77
116
154
4
150
800
2.2
P1602AALxx
P1602AA
65
95
130
190
4
150
800
2.2
P2202AALxx
P2202AA
90
130
180
260
4
150
800
2.2
P2702AALxx
P2702AA
120
160
240
320
4
150
800
2.2
P3002AALxx
P3002AA
140
180
280
360
4
150
800
2.2
P3602AALxx
P3602AA
170
220
340
440
4
150
800
2.2
P4202AALxx
P4202AA
190
250
380
500
4
150
800
2.2
P4802AALxx
P4802AA
220
300
440
600
4
150
800
2.2
P6002AALxx
P6002AA
275
350
550
700
4
150
800
2.2
Table continues on next page.


Similar Part No. - P4802AALXX

ManufacturerPart #DatasheetDescription
logo
Littelfuse
P4802AAL LITTELFUSE-P4802AAL Datasheet
154Kb / 3P
   Two-chip SIDACtor
More results

Similar Description - P4802AALXX

ManufacturerPart #DatasheetDescription
logo
Littelfuse
P0080EALXXX LITTELFUSE-P0080EALXXX Datasheet
157Kb / 5P
   SIDACtor짰 Series TO-92 are designed to protect baseband equipment
T10A060BXX LITTELFUSE-T10A060BXX Datasheet
129Kb / 4P
   T10A Series are SIDACtor짰 devices designed protect baseband
P0084UALXX LITTELFUSE-P0084UALXX Datasheet
155Kb / 5P
   SIDACtor짰 Multiport Series MS-013 are designed to protect baseband equipment
P1553ACLXX LITTELFUSE-P1553ACLXX Datasheet
159Kb / 4P
   The SIDACtor짰 Primary Protection Balanced Series Modified TO-220 are thyristor devices designed
T10B080BXX LITTELFUSE-T10B080BXX Datasheet
121Kb / 4P
   T10B Series are SIDACtor짰 devices designed protect baseband equipment
P0602ACLXX LITTELFUSE-P0602ACLXX Datasheet
161Kb / 4P
   The SIDACtor짰 Primary Protection Series Modified TO-220 are thyristor devices
logo
DONGGUAN YOU FENG WEI E...
P0080SA-SMB YFWDIODE-P0080SA-SMB Datasheet
768Kb / 5P
   SIDACtor짰 Series DO-214AA are designed to protect
logo
Littelfuse
P1553ACMCLXX LITTELFUSE-P1553ACMCLXX Datasheet
1Mb / 4P
   Balanced MC Series Modified TO-220 are low capacitance SIDACtor짰 devices
P0080ECMCLXXX LITTELFUSE-P0080ECMCLXXX Datasheet
147Kb / 4P
   MC Series TO-92 are low capacitance SIDACtor짰 devices designed to protect
P0080Q22CLRP LITTELFUSE-P0080Q22CLRP_11 Datasheet
135Kb / 4P
   Q2L Series 3.3x3.3 QFN are low capacitance SIDACtor짰 devices designed to protect
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com