Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P3602ACLXX Datasheet(PDF) 1 Page - Littelfuse

Part # P3602ACLXX
Description  The SIDACtor짰 Primary Protection Series Modified TO-220 are thyristor devices
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

P3602ACLXX Datasheet(HTML) 1 Page - Littelfuse

  P3602ACLXX Datasheet HTML 1Page - Littelfuse P3602ACLXX Datasheet HTML 2Page - Littelfuse P3602ACLXX Datasheet HTML 3Page - Littelfuse P3602ACLXX Datasheet HTML 4Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SIDACtor® ProtectionThyristors
195
Revised: February 22, 2011
© 2011 Littelfuse, Inc.
Specifications are subject to change without notice.
Please refer to www.littelfuse.com for current information.
High Surge Current Protection
SIDACtor® Primary Protection Series - Modified TO-220
The SIDACtor® Primary Protection Series Modified TO-220
are thyristor devices designed for use in primary protection
applications.
The series provides a single port overvoltage solution that
enables applications to comply with GR-974 and a range of
other global regulatory standards. Please contact Littelfuse
to discuss your particular application and regulatory
requirements.
Description
Features and Benefits
High holding current
options available
Failsafe option
available
Low voltage overshoot
Low on-state voltage
Does not degrade with
use
Fails short circuit
when surged in
excess of ratings
Single-port protection
Modified TO-220
Package
Lead forms available
1
2
3
(T)
(R)
(G)
Agency Approvals
Agency
Agency File Number
E133083
Schematic Symbol
Pinout Designation
PIN 1
PIN 2
PIN 3
Applicable Global Standards
Electrical Characteristics
Part
Number
Marking
V
DRM
@l
DRM=5μA
V
S
@100V/μs
V
DRM
@l
DRM=5μA
V
S
@100V/μs
V
T
@I
T=2.2 A
I
H*IS
I
T
Capacitance
@1MHz, 2V bias
V min
V max
V min
V max
V max
mA
min
mA
max
A
max pF min
pF max
Pins 1-2, 3-2
Pins 1-3
Pins 1-2, 3-2
P0602ACLxx P0602AC
25
40
50
80
4
50
800 2.2
See
Capacitance
Values
Table
P1402ACLxx P1402AC
58
77
116
154
4
150
800 2.2
P1602ACLxx P1602AC
65
95
130
190
4
150
800 2.2
P2202ACLxx P2202AC
90
130
180
260
4
150
800 2.2
P2702ACLxx P2702AC
120
160
240
320
4
150
800 2.2
P3002ACLxx P3002AC
140
180
280
360
4
150
800 2.2
P3602ACLxx P3602AC
170
220
340
440
4
150
800 2.2
P4202ACLxx P4202AC
190
250
380
500
4
150
800 2.2
P4802ACLxx P4802AC
220
300
440
600
4
150
800 2.2
P6002ACLxx P6002AC
275
350
550
700
4
150
800 2.2
Notes:
* Higher holding current available by special order. Contact Littelfuse for additional information.
- Absolute maximum ratings measured at T
A= 25ºC (unless otherwise noted).
- Devices are bi-directional (unless otherwise noted).
- xx Part Number Suffix: ‘RP’ (Reel pack), Blank (Bulk pack), ‘60’ (Type 60 lead form bulk pack),
‘FS1’ (Failsafe option bulk pack). Refer to Part Numbering section for additional details.


Similar Part No. - P3602ACLXX

ManufacturerPart #DatasheetDescription
logo
Littelfuse
P3602ACLXX LITTELFUSE-P3602ACLXX Datasheet
145Kb / 5P
   The SIDACtor짰 Series Modified TO-220 are designed to protect baseband
More results

Similar Description - P3602ACLXX

ManufacturerPart #DatasheetDescription
logo
Littelfuse
P1553ACLXX LITTELFUSE-P1553ACLXX Datasheet
159Kb / 4P
   The SIDACtor짰 Primary Protection Balanced Series Modified TO-220 are thyristor devices designed
P0602AALXX LITTELFUSE-P0602AALXX Datasheet
145Kb / 5P
   The SIDACtor짰 Series Modified TO-220 are designed to protect baseband
P1553ACMCLXX LITTELFUSE-P1553ACMCLXX Datasheet
1Mb / 4P
   Balanced MC Series Modified TO-220 are low capacitance SIDACtor짰 devices
P0641DF-1E LITTELFUSE-P0641DF-1E Datasheet
206Kb / 4P
   The series provides single port protection using a fixed Series are SIDACtor짰 devices
B1100CALRP LITTELFUSE-B1100CALRP Datasheet
146Kb / 4P
   The Battrax짰 series offers programmable SIDACtor짰 overvoltage protection devices
T10A060BXX LITTELFUSE-T10A060BXX Datasheet
129Kb / 4P
   T10A Series are SIDACtor짰 devices designed protect baseband
SDP0080T023G5RP LITTELFUSE-SDP0080T023G5RP Datasheet
2Mb / 6P
   Teccor짰 brand SIDACtor짰 DSL Protection Devices
P0080ECMCLXXX LITTELFUSE-P0080ECMCLXXX Datasheet
147Kb / 4P
   MC Series TO-92 are low capacitance SIDACtor짰 devices designed to protect
P0602AAMCL LITTELFUSE-P0602AAMCL Datasheet
141Kb / 5P
   MC Series - Modified TO-220
P0080Q22CLRP LITTELFUSE-P0080Q22CLRP_11 Datasheet
135Kb / 4P
   Q2L Series 3.3x3.3 QFN are low capacitance SIDACtor짰 devices designed to protect
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com