Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P3100Q22CLRP Datasheet(PDF) 1 Page - Littelfuse

Part # P3100Q22CLRP
Description  Q2L Series 3.3x3.3 QFN are low capacitance SIDACtor짰 devices designed to protect
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

P3100Q22CLRP Datasheet(HTML) 1 Page - Littelfuse

  P3100Q22CLRP Datasheet HTML 1Page - Littelfuse P3100Q22CLRP Datasheet HTML 2Page - Littelfuse P3100Q22CLRP Datasheet HTML 3Page - Littelfuse P3100Q22CLRP Datasheet HTML 4Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SIDACtor® ProtectionThyristors
63
Revised: February 22, 2011
© 2011 Littelfuse, Inc.
Specifications are subject to change without notice.
Please refer to www.littelfuse.com for current information.
Broadband OptimizedProtection
Q2L Series - 3.3x3.3 QFN
Electrical Characteristics
Description
Features and Benefits
Applicable Global Standards
Agency Approvals
Part Number
Marking
V
DRM
@l
DRM=5μA
V
S
@100V/μs
I
H
I
S
I
T
V
T@IT = 2.2 Amps
Capacitance
@1MHz, 2V bias
V min
V max
mA min mA max A max
V max
pF min
pF max
P0080Q22CLRP
P-8C
6
25
50
800
2.2
5
35
75
P0300Q22CLRP
P03C
25
40
50
800
2.2
5
25
45
P0640Q22CLRP
P06C
58
77
150
800
2.2
5
55
85
P0720Q22CLRP
P07C
65
88
150
800
2.2
5
50
75
P0900Q22CLRP
P09C
75
98
150
800
2.2
5
45
70
P1100Q22CLRP
P11C
90
130
150
800
2.2
5
45
70
P1300Q22CLRP
P13C
120
160
150
800
2.2
5
40
60
P1500Q22CLRP
P15C
140
180
150
800
2.2
5
35
55
P1800Q22CLRP
P18C
170
220
150
800
2.2
5
35
50
P2300Q22CLRP
P23C
190
260
150
800
2.2
5
30
50
P2600Q22CLRP
P26C
220
300
150
800
2.2
5
30
45
P3100Q22CLRP
P31C
275
350
150
800
2.2
5
30
45
P3500Q22CLRP
P35C
320
400
150
800
2.2
5
25
40
Low capacitance
Low voltage overshoot
Low on-state voltage
Does not degrade with
use
Fails short circuit when
surged in excess of rat-
ings
Schematic Symbol
Pinout Designation
Not Applicable
Agency
Agency File Number
E133083
Q2L Series 3.3x3.3 QFN are low capacitance SIDACtor®
devices designed to protect high density broadband equip-
ment from damaging overvoltage transients.
The series provides a low profile, chip scale surface mount
solution that enables broadband equipment to comply
with global regulatory standards while limiting the impact
to broadband signals and board space.
Level
Notes:
- Absolute maximum ratings measured at T
A= 25ºC (unless otherwise noted).
- Devices are bi-directional (unless otherwise noted).


Similar Part No. - P3100Q22CLRP

ManufacturerPart #DatasheetDescription
logo
Littelfuse
P3100Q22CLRP LITTELFUSE-P3100Q22CLRP Datasheet
441Kb / 4P
   Q2L Series (C-Rated) SIDACtor짰 Device
More results

Similar Description - P3100Q22CLRP

ManufacturerPart #DatasheetDescription
logo
Littelfuse
P0080Q12ALRP LITTELFUSE-P0080Q12ALRP_11 Datasheet
143Kb / 5P
   Q2L Series 3x3 QFN are low capacitance SIDACtor짰 devices designed to protect
P0080ECMCLXXX LITTELFUSE-P0080ECMCLXXX Datasheet
147Kb / 4P
   MC Series TO-92 are low capacitance SIDACtor짰 devices designed to protect
P0080SAMCLRP LITTELFUSE-P0080SAMCLRP Datasheet
135Kb / 4P
   MC Series DO-214 are low capacitance SIDACtor짰 devices designed to protect
T10A060BXX LITTELFUSE-T10A060BXX Datasheet
129Kb / 4P
   T10A Series are SIDACtor짰 devices designed protect baseband
T10B080BXX LITTELFUSE-T10B080BXX Datasheet
121Kb / 4P
   T10B Series are SIDACtor짰 devices designed protect baseband equipment
logo
DONGGUAN YOU FENG WEI E...
P0080SA-SMB YFWDIODE-P0080SA-SMB Datasheet
768Kb / 5P
   SIDACtor짰 Series DO-214AA are designed to protect
logo
Littelfuse
P0642SALRP LITTELFUSE-P0642SALRP Datasheet
142Kb / 5P
   TwinChip??Series DO-214 are very low capacitance SIDACtor짰 devices designed
P0084UCMCLXX LITTELFUSE-P0084UCMCLXX Datasheet
152Kb / 5P
   MC Multiport Series MS-013 are low capacitance SIDACtor짰 devices designed
P0080EALXXX LITTELFUSE-P0080EALXXX Datasheet
157Kb / 5P
   SIDACtor짰 Series TO-92 are designed to protect baseband equipment
P0602AALXX LITTELFUSE-P0602AALXX Datasheet
145Kb / 5P
   The SIDACtor짰 Series Modified TO-220 are designed to protect baseband
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com