Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPI-336-99-T1 Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # SPI-336-99-T1
Description  Ultraminiature photoreflector supporting reflow soldering Single transistor type
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

SPI-336-99-T1 Datasheet(HTML) 3 Page - Sanyo Semicon Device

  SPI-336-99-T1 Datasheet HTML 1Page - Sanyo Semicon Device SPI-336-99-T1 Datasheet HTML 2Page - Sanyo Semicon Device SPI-336-99-T1 Datasheet HTML 3Page - Sanyo Semicon Device SPI-336-99-T1 Datasheet HTML 4Page - Sanyo Semicon Device SPI-336-99-T1 Datasheet HTML 5Page - Sanyo Semicon Device SPI-336-99-T1 Datasheet HTML 6Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
SPI-336-99-T1
No.6030 3/6
Typical Characteristics
These numerical value show the electrical and optical characteristics of this product, and not assure this contents.
CAUTION
10
-6
5
10
-7
5
10
-8
5
10
-9
10
-10
5
--25
0
25
50
75
100
120
100
80
60
40
20
0
01
2
3
4
5
1000
500
100
50
10
5
1
0.1
0.5
1
5
10
50
100
0.14
0.16
0.18
0.20
0.22
0.24
--25
0
25
50
75
100
IF=10mA
IC=50µA
IFP=20mA
VCC=5V
Ta=25
°C
IF=10mA
VCE=5V
Ta=25
°C
tf
tr
120
100
80
60
40
20
0
--4
--2
0
2
4
6
IF=10mA,VCE=5V
Ta=25
°C,d=1mm
0
0
+
+
IFP
VCC
RL
Vout
Vout
IFP
RD
10%
90%
tr
tf
1
2
1
VCE=10V
Collector-emitter Saturation Voltage vs.
Ambient Temperature
Relative Collector Current vs. Distance
Relative Collector Current vs.
PPC paper Moving Distance
Ambient Temperature Ta (
°C)
PPC paper Moving Distance (mm)
Distance between sensor and Al evaporation d (mm)
Response Time vs. Load Resistance
Test Circuit for Response Time
Load Resistance RL (kΩ)
Collector Dark Current vs. Ambient Temperature
Ambient Temperature Ta (
°C)


Similar Part No. - SPI-336-99-T1

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
SPI-335-34 SANYO-SPI-335-34 Datasheet
40Kb / 6P
   Ultraminiature photoreflector (single-transistor type)
More results

Similar Description - SPI-336-99-T1

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
SPI-240-15-T1 SANYO-SPI-240-15-T1 Datasheet
49Kb / 7P
   Ultraminiature photointerrupter supporting reflow soldering (Darlington-transistor type)
SPI-335-34 SANYO-SPI-335-34 Datasheet
40Kb / 6P
   Ultraminiature photoreflector (single-transistor type)
SPI-235-19 SANYO-SPI-235-19 Datasheet
37Kb / 6P
   Ultraminiature photointerrupter (single-transistor type)
logo
Sharp Corporation
GP1S33 SHARP-GP1S33 Datasheet
45Kb / 4P
   Subminiature, Reflow Soldering Type Photointerrupter
logo
Sanyo Semicon Device
SPI-238-18 SANYO-SPI-238-18 Datasheet
40Kb / 6P
   Ultraminiature photointerrupter (single-transistor type)
SPI-236-17 SANYO-SPI-236-17 Datasheet
37Kb / 6P
   Ultraminiature photointerrupter (single-transistor type)
logo
List of Unclassifed Man...
LBH1035 ETC-LBH1035 Datasheet
187Kb / 16P
   Soldering methods : IR reflow soldering
logo
Murata Manufacturing Co...
GCQ1555C1HR68CB01 MURATA-GCQ1555C1HR68CB01 Datasheet
760Kb / 26P
   Only Reflow Soldering
logo
Kingbright Corporation
APHB1608LCGKSURKC KINGBRIGHT-APHB1608LCGKSURKC Datasheet
278Kb / 6P
   Compatible with reflow soldering
APHB1608LCGKSYKC KINGBRIGHT-APHB1608LCGKSYKC Datasheet
275Kb / 6P
   Compatible with reflow soldering
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com