Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QXX40K7 Datasheet(PDF) 1 Page - Littelfuse

Part # QXX40K7
Description  40 Amp bi-directional solid state switch series is designed for AC switching
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

QXX40K7 Datasheet(HTML) 1 Page - Littelfuse

  QXX40K7 Datasheet HTML 1Page - Littelfuse QXX40K7 Datasheet HTML 2Page - Littelfuse QXX40K7 Datasheet HTML 3Page - Littelfuse QXX40K7 Datasheet HTML 4Page - Littelfuse QXX40K7 Datasheet HTML 5Page - Littelfuse QXX40K7 Datasheet HTML 6Page - Littelfuse QXX40K7 Datasheet HTML 7Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
147
©2010 Littelfuse, Inc
Revised: May 10, 2010 09:33 PM
Teccor® brand Thyristors
Specifications are subject to change without notice.
Please refer to http://www.littelfuse.com for current information.
Teccor® brand Thyristors
Qxx40xx Series
40 Amp Alternistor (High Commutation) Triacs
Qxx40xx Series
Description
40 Amp bi-directional solid state switch series is designed
for AC switching and phase control applications such as
motor speed and temperature modulation controls, lighting
controls, and static switching relays.
Alternistor type devices only operate in quadrants I, II, & III
and are used in circuits requiring high dv/dt capability.
Main Features
Symbol
Value
Unit
I
T(RMS)
40
A
V
DRM /VRRM
400 to 1000
V
I
GT (Q1)
50 to 100
mA
Features & Benefits
junctions
1000V
400A
K & J -Packages are UL
recognized for 2500Vrms
Applications
Excellent for AC switching and phase control applications
such as heating, lighting, and motor speed controls.
Typical applications are AC solid-state switches, industrial
power tools, exercise equipment, white goods and
commercial appliances.
Alternistor Triacs (no snubber required) are used in
applications with extremely inductive loads requiring
highest commutation performance.
Internally constructed isolated packages are offered for
ease of heat sinking with highest isolation voltage.
Schematic Symbol
Agency Approval
Agency
Agency File Number
®
K & J Packages: E71639
®
MT1
G
MT2


Similar Part No. - QXX40K7

ManufacturerPart #DatasheetDescription
logo
Littelfuse
QXX4 LITTELFUSE-QXX4 Datasheet
385Kb / 10P
   0.8 Amp bi-directional solid state switch series is designed for AC switching
More results

Similar Description - QXX40K7

ManufacturerPart #DatasheetDescription
logo
Littelfuse
LXX8E3 LITTELFUSE-LXX8E3 Datasheet
385Kb / 10P
   0.8 Amp bi-directional solid state switch series is designed for AC switching
QXX12LH2 LITTELFUSE-QXX12LH2 Datasheet
923Kb / 8P
   12 Amp bi-directional solid state switch series is designed for AC switching
Q6006LH456 LITTELFUSE-Q6006LH456 Datasheet
1Mb / 14P
   6 Amp bi-directional solid state switch series is designed for AC switching
LXX04L3 LITTELFUSE-LXX04L3 Datasheet
403Kb / 10P
   4 Amp bi-directional solid state switch series is designed for AC switching
QXX25R5 LITTELFUSE-QXX25R5 Datasheet
278Kb / 11P
   25 Amp bi-directional solid state switch series is designed for AC switching
Q6004L4 LITTELFUSE-Q6004L4 Datasheet
905Kb / 10P
   4 Amp bi-directional solid state switch series is designed for AC switching
QXX10L4 LITTELFUSE-QXX10L4 Datasheet
967Kb / 9P
   10 Amp bi-directional solid state switch series is designed for AC switching
QXX35P5 LITTELFUSE-QXX35P5 Datasheet
925Kb / 9P
   30 Amp / 35 Amp bi-directional solid state switch series is designed for AC switching
LX08L6 LITTELFUSE-LX08L6 Datasheet
435Kb / 14P
   8 Amp bi-directional solid state switch series is designed for AC switching and phase
Q6016LH456 LITTELFUSE-Q6016LH456 Datasheet
974Kb / 9P
   15 Amp and 16 Amp bi-directional solid state switch series is designed for AC
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com