Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SDP0900Q38CB Datasheet(PDF) 5 Page - Littelfuse

Part # SDP0900Q38CB
Description  This new SDP Biased series provides overvoltage protection for applications
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

SDP0900Q38CB Datasheet(HTML) 5 Page - Littelfuse

  SDP0900Q38CB Datasheet HTML 1Page - Littelfuse SDP0900Q38CB Datasheet HTML 2Page - Littelfuse SDP0900Q38CB Datasheet HTML 3Page - Littelfuse SDP0900Q38CB Datasheet HTML 4Page - Littelfuse SDP0900Q38CB Datasheet HTML 5Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
SIDACtor® ProtectionThyristors
34
Revised: February 22, 2011
© 2011 Littelfuse, Inc.
Specifications are subject to change without notice.
Please refer to www.littelfuse.com for current information.
Broadband OptimizedProtection
Tape and Reel Specifications — 5x6 QFN
A
B
D
C
W1
N
Reel Dimension
K0
P0
P1
W
D0
A0
D1
P2
E2
F
W0
CARRIER TAPE
COVER TAPE
T
E1
B0
Tape Dimension Items
TRAILER
160mm MIN
LEADER
400mm MIN
CARRIER TAPE
COVER TAPE
Tape Leader and Trailer Dimensions
START
END
Symbols
Description
Inches
Millimeters
Min
Max
Min
Max
A
Reel Diameter
N/A
12.992
N/A
330.0
B
Drive Spoke Width
0.059
N/A
1.50
N/A
C
Arbor Hole Diameter
0.504
0.531
12.80
13.50
D
Drive Spoke Diameter
0.795
N/A
20.20
N/A
N
Hub Diameter
1.969
N/A
50.00
N/A
W
1
Reel Inner Width at Hub
0.488
0.567
12.40
14.40
A
0
Pocket Width at Bottom
0.204
0.212
5.20
5.40
B
0
Pocket Length at Bottom 0.244
0.252
6.20
6.40
D
0
Feed Hole Diameter
0.059
0.063
1.50
1.60
D
1
Pocket Hole Diameter
0.059
N/A
1.50
N/A
E
1
Feed Hole Position 1
0.065
0.073
1.65
1.85
E
2
Feed Hole Position 2
0.400
0.408
10.15
10.35
F
Feed Hole Center -
Pocket Hole Center 2
0.212
0.220
5.40
5.60
K
0
Pocket Depth
0.067
0.075
1.70
1.90
P
0
Feed Hole Pitch
0.153
0.161
3.90
4.10
P
1
Component Spacing
0.311
0.319
7.90
8.10
P
2
Feed Hole Center -
Pocket Hole Center 1
0.077
0.081
1.90
2.10
T
Carrier Tape Thickness
0.010
0.014
0.25
0.35
W
Embossed Carrier
Tape Width
0.460
0.484
11.70
12.30
W
0
Cover Tape Width
0.358
0.366
9.10
9.30


Similar Part No. - SDP0900Q38CB

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SDP0900Q38CB LITTELFUSE-SDP0900Q38CB Datasheet
912Kb / 5P
   SIDACtor Protection Thyristors
More results

Similar Description - SDP0900Q38CB

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SDP0640Q38B LITTELFUSE-SDP0640Q38B Datasheet
139Kb / 5P
   This new SIDACtor짰 Series provides overvoltage protection
P1200SALRP LITTELFUSE-P1200SALRP Datasheet
146Kb / 4P
   The series provides a specialized asymmetrical overvoltage protection solution
A1220UA4LXX LITTELFUSE-A1220UA4LXX Datasheet
145Kb / 4P
   The series provides a specialized asymmetrical dual port overvoltage protection
1812L010 LITTELFUSE-1812L010 Datasheet
820Kb / 6P
   The 1812L Series PTC provides surface mount overcurrent protection for applications
logo
Micro Commercial Compon...
SMD24LHE MCC-SMD24LHE Datasheet
430Kb / 3P
   Guardring for overvoltage protection
logo
Kersemi Electronic Co.,...
MBRF1090 KERSEMI-MBRF1090 Datasheet
1Mb / 3P
   Guardring for overvoltage protection
MBRF2045CT-E345 KERSEMI-MBRF2045CT-E345 Datasheet
1Mb / 4P
   Guardring for overvoltage protection
MBR1545CT-E3 KERSEMI-MBR1545CT-E3 Datasheet
1Mb / 4P
   Guardring for overvoltage protection
MBR20H200CT-E3 KERSEMI-MBR20H200CT-E3 Datasheet
1Mb / 4P
   Guarding for overvoltage protection
logo
First Silicon Co., Ltd
MBRF10150CT FS-MBRF10150CT Datasheet
465Kb / 3P
   Guardring for overvoltage protection
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com