Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

19-217-Y5C-AQ2R2-3T Datasheet(PDF) 7 Page - Everlight Electronics Co., Ltd

Part # 19-217-Y5C-AQ2R2-3T
Description  0603 Package Chip LED(0.4mm Height)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

19-217-Y5C-AQ2R2-3T Datasheet(HTML) 7 Page - Everlight Electronics Co., Ltd

Back Button 19-217-Y5C-AQ2R2-3T Datasheet HTML 2Page - Everlight Electronics Co., Ltd 19-217-Y5C-AQ2R2-3T Datasheet HTML 3Page - Everlight Electronics Co., Ltd 19-217-Y5C-AQ2R2-3T Datasheet HTML 4Page - Everlight Electronics Co., Ltd 19-217-Y5C-AQ2R2-3T Datasheet HTML 5Page - Everlight Electronics Co., Ltd 19-217-Y5C-AQ2R2-3T Datasheet HTML 6Page - Everlight Electronics Co., Ltd 19-217-Y5C-AQ2R2-3T Datasheet HTML 7Page - Everlight Electronics Co., Ltd 19-217-Y5C-AQ2R2-3T Datasheet HTML 8Page - Everlight Electronics Co., Ltd 19-217-Y5C-AQ2R2-3T Datasheet HTML 9Page - Everlight Electronics Co., Ltd 19-217-Y5C-AQ2R2-3T Datasheet HTML 10Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
LifecyclePhase:
Revision
: 1
Expired Period: Forever
Release Date:2008-09-20 00:16:11.0
EVERLIGHT ELECTRONICS CO.,LTD.
19-217/Y5C-AQ2R2/3T
Everlight Electronics Co., Ltd.
http://www.everlight.com
Rev 1
Page: 7 of 10
Device No:SZDSE-197-Y13
Prepared date:14-Aug-2007
Prepared by:Zhouhua
Carrier Tape Dimensions: Loaded quantity 3000 PCS per reel
Note: The tolerances unless mentioned is ±0.1mm, Unit = mm
Moisture Resistant Packaging
Label
Aluminum moisture-proof bag
Desiccant
Label


Similar Part No. - 19-217-Y5C-AQ2R2-3T

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
19-217-Y5C-AQ2R2-3T EVERLIGHT-19-217-Y5C-AQ2R2-3T Datasheet
236Kb / 10P
   0603 Package Chip LED (0.4mm Height)
logo
HK TO-GRACE TECHNOLOGY ...
19-217-Y5C-AQ2R2-3T TO-GRACE-19-217-Y5C-AQ2R2-3T Datasheet
546Kb / 10P
   0603 Package Chip LED (0.4mm Height)
logo
Everlight Electronics C...
19-217-Y5C-AQ2R2-3T EVERLIGHT-19-217-Y5C-AQ2R2-3T_11 Datasheet
236Kb / 10P
   0603 Package Chip LED (0.4mm Height)
More results

Similar Description - 19-217-Y5C-AQ2R2-3T

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
19-217-G7C-AL1M2B-3T EVERLIGHT-19-217-G7C-AL1M2B-3T Datasheet
157Kb / 10P
   0603 Package Chip LED(0.4mm Height)
19-117-BHC-YJ2K2TX-3T EVERLIGHT-19-117-BHC-YJ2K2TX-3T Datasheet
323Kb / 10P
   0603 Package Chip LED (0.4mm Height)
logo
HK TO-GRACE TECHNOLOGY ...
19-117-BHC-YJ2K2TX-3T TO-GRACE-19-117-BHC-YJ2K2TX-3T Datasheet
784Kb / 10P
   0603 Package Chip LED (0.4mm Height)
19-217-BHC-AN1P2-3T TO-GRACE-19-217-BHC-AN1P2-3T Datasheet
1Mb / 10P
   0603 Package Chip LED(0.4mm Height)
logo
Everlight Electronics C...
19-117-BHC-YJ2K2TX-3T EVERLIGHT-19-117-BHC-YJ2K2TX-3T Datasheet
151Kb / 10P
   0603 Package Chip LED (0.4mm Height)
19-217-R6C-P1Q2-3T EVERLIGHT-19-217-R6C-P1Q2-3T Datasheet
149Kb / 10P
   0603 Package Chip LED (0.4mm Height)
19-217-T1D-ANPHY-3T EVERLIGHT-19-217-T1D-ANPHY-3T Datasheet
165Kb / 11P
   0603 Package Chip LED (0.4mm Height)
19-217-BHC-AN1P2-3T EVERLIGHT-19-217-BHC-AN1P2-3T Datasheet
158Kb / 10P
   0603 Package Chip LED(0.4mm Height)
19-217-S3C-AL2N1VY-3T EVERLIGHT-19-217-S3C-AL2N1VY-3T Datasheet
170Kb / 10P
   0603 Package Chip LED (0.4mm Height)
19-217-T1D-JP1Q2QY-3T EVERLIGHT-19-217-T1D-JP1Q2QY-3T Datasheet
204Kb / 12P
   0603 Package Chip LED (0.4mm Height)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com