Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BTA208S-800B Datasheet(PDF) 6 Page - NXP Semiconductors

Part # BTA208S-800B
Description  3Q Hi-Com Triac Triggering in three quadrants only
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BTA208S-800B Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button BTA208S-800B_11 Datasheet HTML 2Page - NXP Semiconductors BTA208S-800B_11 Datasheet HTML 3Page - NXP Semiconductors BTA208S-800B_11 Datasheet HTML 4Page - NXP Semiconductors BTA208S-800B_11 Datasheet HTML 5Page - NXP Semiconductors BTA208S-800B_11 Datasheet HTML 6Page - NXP Semiconductors BTA208S-800B_11 Datasheet HTML 7Page - NXP Semiconductors BTA208S-800B_11 Datasheet HTML 8Page - NXP Semiconductors BTA208S-800B_11 Datasheet HTML 9Page - NXP Semiconductors BTA208S-800B_11 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
BTA208S-800B
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 03 — 14 April 2011
6 of 14
NXP Semiconductors
BTA208S-800B
3Q Hi-com Triac
6.
Characteristics
Table 6.
Characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Static characteristics
IGT
gate trigger current
VD =12V; IT = 0.1 A; T2+ G+; Tj =25°C;
see Figure 7
2
1850mA
VD =12V; IT = 0.1 A; T2+ G-; Tj =25°C;
see Figure 7
2
2150mA
VD =12V; IT = 0.1 A; T2- G-; Tj =25°C;
see Figure 7
2
3450mA
IL
latching current
VD =12V; IG = 0.1 A; T2+ G+; Tj =25°C;
see Figure 8
-
3160mA
VD =12V; IG = 0.1 A; T2+ G-; Tj =25°C;
see Figure 8
-
3490mA
VD =12V; IG = 0.1 A; T2- G-; Tj =25°C;
see Figure 8
-
3060mA
IH
holding current
VD =12V; Tj = 25 °C; see Figure 9
-
3160mA
VT
on-state voltage
IT =10A; Tj =25°C; see Figure 10
-
1.3
1.65
V
VGT
gate trigger voltage
VD =12V; IT = 0.1 A; Tj =25°C;
see Figure 11
-0.7
1.5
V
VD =400 V; IT = 0.1 A; Tj = 125 °C;
see Figure 11
0.25
0.4
-
V
ID
off-state current
VD =800 V; Tj = 125 °C
-
0.1
0.5
mA
Dynamic characteristics
dVD/dt
rate of rise of off-state
voltage
VDM = 535 V; Tj = 125 °C; exponential
waveform; gate open circuit
1000
4000
-
V/µs
dIcom/dt
rate of change of
commutating current
VD =400 V; Tj =125 °C; IT(RMS) =8A;
dVcom/dt = 20 V/µs; gate open circuit;
snubberless condition; see Figure 12
-14
-
A/ms
tgt
gate-controlled turn-on
time
ITM =12A; VD =800 V; IG =0.1 A;
dIG/dt = 5 A/µs
-2
-µs


Similar Part No. - BTA208S-800B_11

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BTA208S-800B PHILIPS-BTA208S-800B Datasheet
49Kb / 4P
   Three quadrant triacs high commutation
October 1999 Rev 1.200
BTA208S-800B NXP-BTA208S-800B Datasheet
86Kb / 13P
   Three-quadrant triacs high commutation
Rev. 02-31 May 2005
BTA208S-800B PHILIPS-BTA208S-800B Datasheet
53Kb / 6P
   Three quadrant triacs high commutation
September 1997 Rev 1.200
logo
Inchange Semiconductor ...
BTA208S-800B ISC-BTA208S-800B Datasheet
174Kb / 1P
   isc Thyristors
logo
WeEn Semiconductors
BTA208S-800B WEEN-BTA208S-800B Datasheet
267Kb / 13P
   3Q Hi-com Triac
More results

Similar Description - BTA208S-800B_11

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BTA312-800ET NXP-BTA312-800ET_10 Datasheet
169Kb / 14P
   3Q Hi-Com Triac Triggering in three quadrants only
Rev. 02-2 December 2010
BTA208S-600F NXP-BTA208S-600F Datasheet
164Kb / 13P
   3Q Hi-Com Triac Triggering in three quadrants only
Rev. 5-13 April 2011
BTA208S-600B NXP-BTA208S-600B_11 Datasheet
163Kb / 13P
   3Q Hi-Com Triac Triggering in three quadrants only
Rev. 3-13 April 2011
BTA312-600D NXP-BTA312-600D Datasheet
293Kb / 14P
   3Q Hi-Com Triac
Rev. 02-30 November 2010
BTA204W-600B PHILIPS-BTA204W-600B Datasheet
209Kb / 15P
   3Q Hi-Com Triac
15 August 2014
BTA204-600F PHILIPS-BTA204-600F Datasheet
196Kb / 13P
   3Q Hi-Com Triac
8 August 2014
logo
WeEn Semiconductors
BTA201W-800E WEEN-BTA201W-800E Datasheet
225Kb / 16P
   3Q Hi-Com triac
BTA204-600B WEEN-BTA204-600B Datasheet
251Kb / 13P
   3Q Hi-Com Triac
BTA204S-800B WEEN-BTA204S-800B Datasheet
313Kb / 13P
   3Q Hi-Com Triac
BTA204W-600D WEEN-BTA204W-600D Datasheet
256Kb / 14P
   3Q Hi-Com Triac
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com