Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAC1627D1G25 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # DAC1627D1G25
Description  Dual 16-bit DAC, LVDS interface, up to 1.25 Gsps, x2, x4 and x8 interpolating
Download  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

DAC1627D1G25 Datasheet(HTML) 5 Page - NXP Semiconductors

  DAC1627D1G25 Datasheet HTML 1Page - NXP Semiconductors DAC1627D1G25 Datasheet HTML 2Page - NXP Semiconductors DAC1627D1G25 Datasheet HTML 3Page - NXP Semiconductors DAC1627D1G25 Datasheet HTML 4Page - NXP Semiconductors DAC1627D1G25 Datasheet HTML 5Page - NXP Semiconductors DAC1627D1G25 Datasheet HTML 6Page - NXP Semiconductors DAC1627D1G25 Datasheet HTML 7Page - NXP Semiconductors DAC1627D1G25 Datasheet HTML 8Page - NXP Semiconductors DAC1627D1G25 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 69 page
background image
DAC1627D1G25
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Objective data sheet
Rev. 1 — 29 April 2011
5 of 69
NXP Semiconductors
DAC1627D1G25
Dual 16-bit DAC: up to 1.25 Gsps; x2, x4 and x8 interpolating
LD[14]P
10
I
LVDS positive input bit 14[2]
LD[14]N
11
I
LVDS negative input bit 14[2]
VDDD(1V8)
12
P
1.8 V digital power supply
LD[13]P
13
I
LVDS positive input bit 13[2]
LD[13]N
14
I
LVDS negative input bit 13[2]
LD[12]P
15
I
LVDS positive input bit 12[2]
LD[12]N
16
I
LVDS negative input bit 12[2]
LD[11]P
17
I
LVDS positive input bit 11[2]
LD[11]N
18
I
LVDS negative input bit 11[2]
VDDD(1V8)
19
P
1.8 V digital power supply
LD[10]P
20
I
LVDS positive input bit 10[2]
LD[10]N
21
I
LVDS negative input bit 10[2]
LD[9]P
22
I
LVDS positive input bit 9[2]
LD[9]N
23
I
LVDS negative input bit 9[2]
LD[8]P
24
I
LVDS positive input bit 8[2]
LD[8]N
25
I
LVDS negative input bit 8[2]
VDDD(1V8)
26
P
1.8 V digital power supply
LCKP
27
I
LVDS positive data clock input
LCKN
28
I
LVDS negative data clock input
GND_DP
29
G
connect to ground
LD[7]P
30
I
LVDS positive input bit 7[2]
LD[7]N
31
I
LVDS negative input bit 7[2]
LD[6]P
32
I
LVDS positive input bit 6[2]
LD[6]N
33
I
LVDS negative input bit 6[2]
LD[5]P
34
I
LVDS positive input bit 5[2]
LD[5]N
35
I
LVDS negative input bit 5[2]
VDDD(1V8)
36
P
1.8 V digital power supply
LD[4]P
37
I
LVDS positive input bit 4[2]
LD[4]N
38
I
LVDS negative input bit 4[2]
LD[3]P
39
I
LVDS positive input bit 3[2]
LD[3]N
40
I
LVDS negative input bit 3[2]
LD[2]P
41
I
LVDS positive input bit 2[2]
LD[2]N
42
I
LVDS negative input bit 2[2]
VDDD(1V8)
43
P
1.8 V digital power supply
LD[1]P
44
I
LVDS positive input bit 1[2]
LD[1]N
45
I
LVDS negative input bit 1[2]
LD[0]P
46
I
LVDS positive input bit 0[2]
LD[0]N
47
I
LVDS negative input bit 0[2]
IO1
48
IO
IO port bit 1
IO0
49
IO
IO port bit 0
SDO
50
O
SPI data output
Table 2.
Pin description …continued
Symbol
Pin
Type[1]
Description


Similar Part No. - DAC1627D1G25

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
DAC1627D1G25 IDT-DAC1627D1G25 Datasheet
1Mb / 81P
   Dual 16-bit DAC, LVDS interface, up to 1.25 Gsps, x2, x4 and x8 interpolating
logo
Renesas Technology Corp
DAC1627D1G25 RENESAS-DAC1627D1G25 Datasheet
1,023Kb / 81P
   Dual 16-bit DAC, LVDS interface, up to 1.25 Gsps, x2, x4 and x8 interpolating
12 December 2012
More results

Similar Description - DAC1627D1G25

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
DAC1627D1G25 IDT-DAC1627D1G25 Datasheet
1Mb / 81P
   Dual 16-bit DAC, LVDS interface, up to 1.25 Gsps, x2, x4 and x8 interpolating
logo
Renesas Technology Corp
DAC1627D1G25 RENESAS-DAC1627D1G25 Datasheet
1,023Kb / 81P
   Dual 16-bit DAC, LVDS interface, up to 1.25 Gsps, x2, x4 and x8 interpolating
12 December 2012
DAC1628D1G25 RENESAS-DAC1628D1G25 Datasheet
2Mb / 130P
   Dual 16-bit DAC: JESD204B interface: up to 1.25 Gsps; x2, x4 and x8 interpolating
2 July 2012
logo
Integrated Device Techn...
DAC1617D1G0 IDT-DAC1617D1G0 Datasheet
1Mb / 78P
   Dual 16-bit DAC, LVDS interface, up to 1 Gsps, x2, x4 and x8 interpolating
logo
Renesas Technology Corp
DAC1617D1G0 RENESAS-DAC1617D1G0 Datasheet
857Kb / 78P
   Dual 16-bit DAC, LVDS interface, up to 1 Gsps, x2, x4 and x8 interpolating
12 December 2012
DAC1653D RENESAS-DAC1653D Datasheet
3Mb / 168P
   Dual 16-bit DAC: 10 Gbps JESD204B interface: x2, x4 and x8 interpolating
28 April 2014
DAC1653Q RENESAS-DAC1653Q Datasheet
9Mb / 165P
   Quad 16-bit DAC: 10 Gbps JESD204B interface: x2, x4 and x8 interpolating
6/5/14
logo
Texas Instruments
DAC3482IRKD25 TI1-DAC3482IRKD25 Datasheet
1Mb / 87P
[Old version datasheet]   Dual-Channel, 16-BIT, 1.25 GSPS Digital-to-Analog Converter (DAC)
DAC3482 TI1-DAC3482_15 Datasheet
2Mb / 106P
[Old version datasheet]   Dual-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
DAC3482 TI1-DAC3482 Datasheet
1Mb / 79P
[Old version datasheet]   Dual-Channel, 16-BIT, 1.25 GSPS Digital-to-Analog Converter (DAC)
JUNE2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com