Electronic Components Datasheet Search |
|
P5CD021 Datasheet(PDF) 9 Page - NXP Semiconductors |
|
P5CD021 Datasheet(HTML) 9 Page - NXP Semiconductors |
9 / 20 page P5CD016_021_041_51_Cx081_FAM_SDS All information provided in this document is subject to legal disclaimers. © NXP B.V. 2011. All rights reserved. Product short data sheet PUBLIC Rev. 3.2 — 14 March 2011 150332 9 of 20 NXP Semiconductors P5CD016/021/041/051 and P5Cx081 Secure dual interface and contact PKI smart card controller 2.4 Design-in support Approved development tool chain: Keil PK51 development tool package including μVision3/dScope C51 simulator, additional specific hardware drivers including simulation of contactless interface and ISO/IEC 7816 card interface board. A SmartMX DBox allows software debugging and integration tests. Ashling Ultra-Emulator platform, stand-alone ROM prototyping boards and ISO/IEC 7816 and ISO/IEC 14443 card interface board. Code coverage and performance measurement software tools for real-time software testing. Dual interface dummy modules OM6711 (PDM 1.1 - SOT658) with special antenna bonding on C4 and C8 for testing the implanting process and antenna connection. Software libraries: Libraries supporting contactless communication in accordance with ISO/IEC 14443, part 3 and 4 T=1 communication in accordance with ISO/IEC 7816, part 3 EEPROM read/write routines 3. Applications 3.1 Application areas Banking Java cards E-passports ID cards Secure access Trusted platform modules 4. Quick reference data [1] All described supply voltages are in accordance with ISO/IEC 7816-3. Table 2. Quick reference data Symbol Parameter Conditions Min Typ Max Unit VDD supply voltage class A: 5 V range [1] 4.5 5.0 5.5 V class B: 3 V range [1] 2.7 3.0 3.3 V class BE: 3 V range [1] 2.2 3.0 3.3 V Class C: 1.8 V range [1] 1.62 1.8 1.98 V EEPROM tret retention time Tamb =+55 °C 25 --years Nendu(W) write endurance under all operating conditions 5 × 105 - - cycles |
Similar Part No. - P5CD021 |
|
Similar Description - P5CD021 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |