Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P5CD041UE Datasheet(PDF) 11 Page - NXP Semiconductors

Part # P5CD041UE
Description  Secure dual interface and contact PKI smart card controller
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

P5CD041UE Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button P5CD041UE Datasheet HTML 7Page - NXP Semiconductors P5CD041UE Datasheet HTML 8Page - NXP Semiconductors P5CD041UE Datasheet HTML 9Page - NXP Semiconductors P5CD041UE Datasheet HTML 10Page - NXP Semiconductors P5CD041UE Datasheet HTML 11Page - NXP Semiconductors P5CD041UE Datasheet HTML 12Page - NXP Semiconductors P5CD041UE Datasheet HTML 13Page - NXP Semiconductors P5CD041UE Datasheet HTML 14Page - NXP Semiconductors P5CD041UE Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
P5CD016_021_041_51_Cx081_FAM_SDS
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product short data sheet
PUBLIC
Rev. 3.2 — 14 March 2011
150332
11 of 20
NXP Semiconductors
P5CD016/021/041/051 and P5Cx081
Secure dual interface and contact PKI smart card controller
P5CD051XS
PDM1.1
dual interface chip card module in super 35 mm tape format
(8-contact, dual source)
SOT658-3
P5CD016XD
Pd-PDM1.1
palladium plated dual interface module (super 35 mm format,
8-contact)
SOT658-3
P5CD021XD
P5CD041XD
P5CD051XD
P5CD081XD
P5CD016XE
Pd-PDM1.1
palladium plated dual interface chip card module (plug-in type;
super 35 mm tape format, 8-contact)
SOT658-3
P5CD021XE
P5CD041XE
P5CD051XE
P5CD081XE
P5CD041Ai
Inlay
chip module embedded in custom inlay; inquire at NXP
Semiconductors sales for details; i = inlay type, can be any letter
not applicable
P5CD081Ai
Table 3.
Ordering information …continued
Type number
Package
Name
Description
Version
Table 4.
Feature table
Product
type
EEPROM
[KB]
User
ROM
[KB]
Total
RAM
[KB]
CXRAM
[KB]
FXRAM
[KB]
Coprocessor
ISO/IEC 7816
IO pads
Interface option
FameXE
DES
AES
P5CD016
16
264
7.5
5
2.5
yes
yes
yes
3
dual interface
P5CD021
20
264
7.5
5
2.5
yes
yes
yes
3
dual interface
P5CD041
40
264
7.5
5
2.5
yes
yes
yes
3
dual interface
P5CD051
52
264
7.5
5
2.5
yes
yes
yes
3
dual interface
P5CC081
80
264
7.5
5
2.5
yes
yes
yes
3
contact
P5CD081
80
264
7.5
5
2.5
yes
yes
yes
3
dual interface
P5CN081
80
264
7.5
5
2.5
yes
yes
yes
3
contact + S2C
interface for NFC


Similar Part No. - P5CD041UE

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
P5CD040 NXP-P5CD040 Datasheet
80Kb / 18P
   Secure dual interface and contact PKI smart card controller
Rev. 03-24 January 2008
P5CD040A4 NXP-P5CD040A4 Datasheet
80Kb / 18P
   Secure dual interface and contact PKI smart card controller
Rev. 03-24 January 2008
P5CD040A6 NXP-P5CD040A6 Datasheet
80Kb / 18P
   Secure dual interface and contact PKI smart card controller
Rev. 03-24 January 2008
P5CD040UA NXP-P5CD040UA Datasheet
80Kb / 18P
   Secure dual interface and contact PKI smart card controller
Rev. 03-24 January 2008
P5CD040UE NXP-P5CD040UE Datasheet
80Kb / 18P
   Secure dual interface and contact PKI smart card controller
Rev. 03-24 January 2008
More results

Similar Description - P5CD041UE

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
P5CX012 NXP-P5CX012 Datasheet
80Kb / 18P
   Secure dual interface and contact PKI smart card controller
Rev. 03-24 January 2008
P5CC008V1A NXP-P5CC008V1A Datasheet
151Kb / 15P
   Secure contact PKI smart card controller
Rev. 3-22 August 2012
P60C080 NXP-P60C080 Datasheet
105Kb / 12P
   Secure high-performance contact interface smart card controller
Rev. 1??1 October 2010
P60D080 NXP-P60D080 Datasheet
217Kb / 12P
   Secure high-performance dual interface smart card controller
Rev. 1?? September 2010
TDA8020HL PHILIPS-TDA8020HL Datasheet
114Kb / 24P
   Dual smart card interface
2001 Aug 15
logo
Texas Instruments
PCI7420 TI-PCI7420 Datasheet
1Mb / 248P
[Old version datasheet]   DUAL SOCKET CARDBUS AND SMART CARD CONTROLLER
logo
Linear Technology
LTC4558 LINER-LTC4558_15 Datasheet
157Kb / 12P
   Dual SIM/Smart Card Power Supply and Interface
LTC4558 LINER-LTC4558 Datasheet
159Kb / 12P
   Dual SIM/Smart Card Power Supply and Interface
LTC4557 LINER-LTC4557 Datasheet
231Kb / 12P
   Dual SIM/Smart Card Power Supply and Interface
LTC4557 LINER-LTC4557_15 Datasheet
230Kb / 12P
   Dual SIM/Smart Card Power Supply and Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com